Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URF2405LP-20WR3 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URF2405LP-20WR3
Description  DC/DC Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URF2405LP-20WR3 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URF2405LP-20WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URF2405LP-20WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URF2405LP-20WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URF2405LP-20WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URF2405LP-20WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URF2405LP-20WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DC/DC Converter
URF_LP-20WR3 Series
2014.07.22-A/0
Page 3 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
EMC Specifications
EMI
Conducted disturbance
CISPR22/EN55022 CLASS A (Bare component)/
CLASS B (see Fig.3-② for recommended circuit)
Radiated emission
CISPR22/EN55022 CLASS A (Bare component)/
CLASS B (see Fig.3-② for recommended circuit)
EMS
Electrostatic discharge
IEC/EN61000-4-2
Contact ±4KV
perf. Criteria B
Radiation immunity
IEC/EN61000-4-3
10V/m
perf. Criteria A
EFT
IEC/EN61000-4-4
±2KV (see Fig.3-① for recommended circuit)
perf. Criteria B
Surge immunity
IEC/EN61000-4-5
±2KV (see Fig.3-①for recommended circuit)
perf. Criteria B
Conducted disturbance immunity
IEC/EN61000-4-6
3 Vr.m.s
perf. Criteria A
Immunities of voltage dip,
drop and short interruption
IEC/EN61000-4-29 0-70%
perf. Criteria B
Product Characteristic Curve
Operating Temperature( )
Temperature Derating Curve
-40
04055
85
120
80
60
100
120
40
20
0
Safe Operating Area
Fig. 1
URF2405LP-
20WR3
70
75
80
85
90
95
100
9
1215
1821
242730
3336
Input Voltage(V)
Efficiency Vs Input Voltage(Full Load)
URF2405LP-
20WR3
40
50
60
70
80
90
100
5
102030405060708090 100
Output Current Percentage(%)
Efficiency Vs Output Load(Vin=Vin-nominal)
URF4815LP-
20WR3
50
55
60
65
70
75
80
85
90
95
100
18 24 30 36 42 48 54 60 66 72 75
Input Voltage (V)
Efficiency Vs Input (Full Load)
URF4815LP-
20WR3
50
55
60
65
70
75
80
85
90
95
100
5
102030405060708090 100
Output Current Percentage (%)
Efficiency Vs Output Load(Vin=Vin-nominal)
Design Reference
1. Typical application
All the DC/DC converters of this series are tested according to the recommended circuit (see Fig. 2) before delivery.
If it is required to further reduce input and output ripple, properly increase the input & output of additional capacitors Cin and Cout or
select capacitors of low equivalent impedance provided that the capacitance is no larger than the max. capacitive load of the product.
Vin
GND
+Vo
0V
DC
Cin
DC
Cout
Fig. 2
Vin(VDC)
Cout(μF)
Cin(μF)
3.3/5
470
100
9/12/15
220
24
100


Similar Part No. - URF2405LP-20WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URF2405LP-20WR3 MORNSUN-URF2405LP-20WR3 Datasheet
1Mb / 6P
   DC/DC Converter
More results

Similar Description - URF2405LP-20WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com