Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URC480312D-30W Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URC480312D-30W
Description   REGULATED THREE OUTPUT DIP DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URC480312D-30W Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URC480312D-30W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URC480312D-30W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URC480312D-30W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URC480312D-30W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URC480312D-30W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URC_D-30W
2013.05.31-A/2
Page 1 of 5
URC_D-30W Series
30W,4:1WIDE INPUT, ISOLATED & REGULATED
THREE OUTPUT DIP DC-DC CONVERTER
Patent Protection
RoHS
PART NUMBER SYSTEM
URC240515D-30W
Prod uct Series
Inpu t Volta ge
M ain Ou tpu t Vo ltage
Packa ge
Ra te d Pow er
Sup pleme nt Ou tpu t Vo lta ge
FEATURES
● Efficiency up to 88%
● 4:1 wide input voltage range
● 1500VDC isolation
● Six-sided metal shield
● Short circuit protection
(automatic recovery)
● Operating temperature: -40°C to +85°C
● Industry standard pinout
APPLICATION
URC_D-30W series offer 30W of output, wide input
voltage:9-36VDC,
18-75VDC,
and
features
1500VDC
isolation, six-sided metal shield, over current and short
circuit protection. All models are particularly suitable for
industrial,
telecommunication,
electric
power,
test
equipments applications.
SELECTION GUIDE
Input
Voltage(VDC)
Output Current (mA)
Input Current
(mA)(typ.)
Model Number
Nominal
(Range)
Max*
Output
Voltage
(VDC)
Max.
Min.
@Max.
Load
@No Load
Reflected
Ripple
Current
(mA,typ.)
Max. Capacitive
Load (
µF)
Efficiency
(%, typ.) @Max.
Load
URC240312D-30W
3.3/
±12
3500/
±625
175/
±31
30
4700/300
85
URC240315D-30W
3.3/
±15
3500/
±500
175/
±25
1450
30
4700/220
86
URC240512D-30W
5/
±12
3000/
±625
150/
±31
30
4700/300
88
URC240515D-30W
24
(9-36)
40
5/
±15
3000/
±500
150/
±25
1420
30
4700/220
88
URC480312D-30W
3.3/
±12
3500/
±625
175/
±31
30
4700/300
85
URC480315D-30W
3.3/
±15
3500/
±500
175/
±25
720
30
4700/220
85
URC480512D-30W
5/
±12
3000/
±625
150/
±31
30
4700/300
88
URC480515D-30W
48
(18-75)
80
5/
±15
3000/
±500
150/
±25
712
30
30
4700/220
87
Note: 1.*Input voltage can
’t exceed this value, or will cause the permanent damage.
2. Add suffix
“H” for heat sink mounted, for example URC240515D-30WH.
INPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Models ON
--
--
9
Nominal Input
(24V)
Models OFF
8
--
--
Models ON
--
--
17.8
Under Voltage Lockout
Nominal Input
(48V)
Models OFF
16
--
--
VDC
Start-up Time
--
10
--
ms
Models ON
Ctrl leave open or connect TTL high level(3.5-12VDC)
Models OFF
Ctrl connect GND or low level(0-1.2VDC)
Ctrl*
Input current (Models OFF)
--
--
1
mA
Input Filter
Pi Filter
Note:* The CTRL pin voltage is referenced to GND.
OUTPUT SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Output Power
1.5
--
30
W
Main Output Voltage Accuracy
--
±1
±3
Supplement Output Voltage Accuracy
Refer to recommended circuit
--
±3
±5
%


Similar Part No. - URC480312D-30W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URC480312D-30WR2 MORNSUN-URC480312D-30WR2 Datasheet
1Mb / 6P
   REGULATED THREE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - URC480312D-30W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URC240312D-30WR2 MORNSUN-URC240312D-30WR2 Datasheet
1Mb / 6P
   REGULATED THREE OUTPUT DIP DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
logo
Minmax Technology Co., ...
MDWI08 MINMAX-MDWI08 Datasheet
430Kb / 4P
   DC/DC CONVERTER 8W, Regulated Output, DIP Package
logo
MORNSUN Science& Techno...
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com