Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URC240512D-30W Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URC240512D-30W
Description   REGULATED THREE OUTPUT DIP DC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URC240512D-30W Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URC240512D-30W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URC240512D-30W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URC240512D-30W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URC240512D-30W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URC240512D-30W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URC_D-30W
2013.05.31-A/2
Page 3 of 5
EMC RECOMMENDED CIRCUIT
Vin
G ND
+Vo2
-Vo2
EUT
LO AD
C2
L CM
C0
TVS
LDM
MOV
FU SE
C1
C4
Vin
G ND
C3
LO AD
0V
+Vo1
LO AD
(Figure 1)
Recommended external circuit parameters:
Model
URC24_D-30W
URC48_D-30W
FUSE
Choose according to practical input current
MOV
S10K35
S10K60
LDM
56
μH
TVS
SMCJ48A
SMCJ90A
C0
680
μF/50V
680
μF/100V
C1
1
μF /100V
LCM
1mH(0.1V 100KHz)15T core: TS7
T12*6*4
C2
2.2
μF /100V
C3
--
C4
1nF/2KV
Note: 1. In Figure 1,part①is EMS Recommended external circuit, part②is EMI recommended external circuit. Choose according to requirements.
2. If want to meet higher level of RE, add a common mode inductance after Lcm in figure 1: 1.5mH 20T core:A10 T12*6*4.
EMC RECOMMENDED CIRCUIT PCB LAYOUT
(Figure 2)
EMC TEST WAVEFORM(CLASS B TEST CIRCUIT)
URC240515D-30W
CE (Positive line)
URC240515D-30W
CE (Negative line)
URC240515D-30W
RE(Horizontal)
URC240515D-30W
RE(Vertical)


Similar Part No. - URC240512D-30W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URC240512D-30WR2 MORNSUN-URC240512D-30WR2 Datasheet
1Mb / 6P
   REGULATED THREE OUTPUT DIP DC-DC CONVERTER
More results

Similar Description - URC240512D-30W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URC240312D-30WR2 MORNSUN-URC240312D-30WR2 Datasheet
1Mb / 6P
   REGULATED THREE OUTPUT DIP DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
logo
Minmax Technology Co., ...
MDWI08 MINMAX-MDWI08 Datasheet
430Kb / 4P
   DC/DC CONVERTER 8W, Regulated Output, DIP Package
logo
MORNSUN Science& Techno...
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com