Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB4812LD-20WR3 Datasheet(PDF) 8 Page - MORNSUN Science& Technology Ltd.

Part # URB4812LD-20WR3
Description  DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4812LD-20WR3 Datasheet(HTML) 8 Page - MORNSUN Science& Technology Ltd.

  URB4812LD-20WR3 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4812LD-20WR3 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4812LD-20WR3 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB4812LD-20WR3 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB4812LD-20WR3 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB4812LD-20WR3 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB4812LD-20WR3 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB4812LD-20WR3 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DC/DC Converter
URA_LD-20WR3 & URB_LD-20WR3 Series
2014.07.17-A/0
Page 8 of 8
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
URA_LD-20WHR3A4S & URB_LD-20WHR3A4S(with heat sink) Dimensions
Notes:
1. Packing Information please refer to 'Product Packing Information'. The Packing bag number of Horizontal package :58200024(without
heat sink), 58200043(with heat sink, the Packing bag number of A2S/ A4S package:58220022;
2. Recommended used in more than 5% load, if the load is lower than 5%, then the ripple index of the product may exceed the
specification, but does not affect the reliability of the product;
3. The unbalance degree of the recommended dual output module load: ≤ 5%; if the degree exceeds ±5%, then the product
performances cannot be guaranteed to comply with all the performance indicators in the manual, and please directly contact our
technicians for specific information;
4. The max. capacitive load should be tested within the input voltage range and under full load conditions;
5. Unless otherwise specified, data in this datasheet should be tested under the conditions of Ta=25℃, humidity<75% when inputting
nominal voltage and outputting rated load;
6. All index testing methods in this datasheet are based on our Company’s corporate standards;
7. The performance indexes of the product models listed in this datasheet are as above, but some indexes of non-standard model
products will exceed the above-mentioned requirements, and please directly contact our technicians for specific information;
8. We can provide product customization service;
9. Specifications of this product are subject to changes without prior notice.
Mornsun Guangzhou Science & Technology Co., Ltd.
Address: No. 5, Kehui St. 1, Kehui Development Center, Science Ave., Guangzhou Science City, Luogang District, Guangzhou, P. R. China
Tel: 86-20-38601850-8801
Fax: 86-20-38601272
E-mail: info@mornsun.cn


Similar Part No. - URB4812LD-20WR3

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4812LD-20WR3 MORNSUN-URB4812LD-20WR3 Datasheet
3Mb / 9P
   DC/DC Converter
More results

Similar Description - URB4812LD-20WR3

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com