Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB4815LD-15WR2 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # URB4815LD-15WR2
Description  DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4815LD-15WR2 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  URB4815LD-15WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_LD-15WR2 & URB_LD-15WR2
2013.11.29-A/3
Page 3of9
Size
PCB mounting(Without heat sink)
50.80×25.40×11.80
mm
PCB mounting(With heat sink)
50.80×25.40×16.30
A2S Chassis mounting(Without heat sink)
76.00×31.50×21.20
A2S Chassis mounting(With heat sink)
76.00×31.50×25.10
A4S DIN-Rail mounting(Without heat sink)
76.00×31.50×25.80
A4S DIN-Rail mounting(With heat sink)
76.00×31.50×29.70
Weight
PCB mounting(Without heat sink)
--
28
--
g
PCB mounting(With heat sink)
--
36
--
A2S Chassis mounting(Without heat sink)
--
50
--
A2S Chassis mounting(With heat sink)
--
58
--
A4S DIN-Rail mounting(Without heat sink)
--
70
--
A4S DIN-Rail mounting(With heat sink)
--
78
--
ENVIRONMENTAL SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Unit
Storage Humidity
Non condensing
5
--
95
%
Operating Temperature
See Temperature Derating Curve(Figure3)
-40
--
85
°C
Storage Temperature
-55
--
125
The Max. Case Temperature
Operating Temperature curve range
--
--
105
Lead Temperature
1.5mm from case for 10 seconds
--
--
300
Cooling
Free air convection
Vibrating
10-55Hz, 10G, 30 Min. along X, Y andZ
EMC SPECIFICATIONS
EMI
CE
CISPR22/EN55022
CLASSA(Without External Circuit)/ CLASSB(External Circuit Refer to Figure1-②)
RE
CISPR22/EN55022
CLASSA(Without External Circuit)/ CLASSB(External Circuit Refer to Figure1-②)
EMS
ESD
IEC/EN61000-4-2
Contact
±4KV
perf. CriteriaB
RS
IEC/EN61000-4-3
10V/m
perf. CriteriaA
EFT
IEC/EN61000-4-4
±2KV(External Circuit Refer to Figure1-①)
perf. CriteriaB
Surge
IEC/EN61000-4-5
±2KV(External Circuit Refer to Figure1-①)
perf. CriteriaB
CS
IEC/EN61000-4-6
3 Vr.m.s
perf. CriteriaA
Voltage dips、short
and interruptions
immunity
IEC/EN61000-4-29
0%-70%
perf. CriteriaB
EMC RECOMMENDED CIRCUIT
L D M2
C0
TVS
L D M1
MOV
FU SE
C1
V in
G ND
+
V in
G ND
+Vo
-Vo
( 0 V)
EUT
L O AD
C Y1
C Y2
(Figure 1)
Note: 1.In Figure 1,part ①is EMS recommended external circuit, part ②is EMI
recommended external circuit. Choose according to requirements.
Recommended external circuit parameters:
Model
Vin:24V
Vin:48V
FUSE
Choose according to practical input current
MOV
S14K35
S14K60
LDM1
56
μH
TVS
SMCJ48A
SMCJ90A
C0
330
μF/50V
330
μF/100V
C1
1
μF /50V
1
μF /100V
LDM2
4.7
μH
CY1、CY2
1nF /2KV
EMC RECOMMENDED CIRCUIT PCB LAYOUT
(Figure 2)
Note: The pad space between input and output (CY1/CY2) must
≥2mm.


Similar Part No. - URB4815LD-15WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4815LD-15W MORNSUN-URB4815LD-15W Datasheet
441Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - URB4815LD-15WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com