Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

URB4815LD-15WR2 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # URB4815LD-15WR2
Description  DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

URB4815LD-15WR2 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  URB4815LD-15WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. URB4815LD-15WR2 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
URA_LD-15WR2 & URB_LD-15WR2
2013.11.29-A/3
Page 1of9
FEATURES
● Efficiency up to 90%
● 4:1 wide input voltage range
● Output over current and over voltage
protection,Short circuit protection
● 1.5KVDC isolation
● Operating temperature range:
-40
°C ~ +85°C
● Six-sided metal shield
● Industry standard pinout
● Meet CISPR22/EN55022 CLASSA
● Meet UL60950 and EN60950
● Inverse polarity protection for A2S(chassis
mounting)andA4S(DIN-Rail mounting)
APPLICATION
URA_LD-15WR2 & URB_LD-15WR2 series are applied to
wide voltage range input situation such as data transmission
device,battery power supply device, telecommunication device,
distributed power supply system, remote control system,
industrial robot system etc.
URA_LD-15WR2 &
URB_LD-15WR2 SERIES
15W,ULTRA-WIDE INPUT, ISOLATED & REGULATED
DUAL/SINGLE OUTPUT DIP PACKAGING,
DC-DC CONVERTER
Patent Protectied
RoHS
PART NUMBER SYSTEM
URA2405LD-15WR2
Rated Power
Package Style
Output Voltage
Input Voltage
Product Series
SELECTION GUIDE
Approval
Model
Input Voltage(VDC)
Output
Voltage
(VDC)
Output Current (mA)
Input Current
(mA)(typ.)
Reflected
Ripple
Current
(mA,typ.)
Max.
Capacitive
Load(
µF)
Efficiency
(%, typ.)
@Max.
Load
Nominal
(Range)
Max.
Max.
Min.
@Max.
Load
@No
Load
CE
URA2405LD-15WR2
24
(9-36)
40
±5
±1500
±75
727
20
30
4800
86
URA2412LD-15WR2
±12
±625
±32
710
15
800
88
URA2415LD-15WR2
±15
±500
±25
710
15
500
88
URB2403LD-15WR2
3.3
4000
200
633
45
10200
87
URB2405LD-15WR2
5
3000
150
695
45
4020
90
URB2412LD-15WR2
12
1250
63
703
15
1035
89
URB2415LD-15WR2
15
1000
50
703
15
705
89
URB2424LD-15WR2
24
625
31
695
20
470
90
URA4805LD-15WR2
48
(18-75)
80
±5
±1500
±75
363
20
4800
86
URA4812LD-15WR2
±12
±625
±32
355
15
800
88
URA4815LD-15WR2
±15
±500
±25
351
15
500
89
UL/CE
URB4803LD-15WR2
3.3
4000
200
316
35
10200
87
URB4805LD-15WR2
5
3000
150
351
35
4020
89
URB4812LD-15WR2
12
1250
63
355
10
1035
88
URB4815LD-15WR2
15
1000
50
347
10
705
90


Similar Part No. - URB4815LD-15WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URB4815LD-15W MORNSUN-URB4815LD-15W Datasheet
441Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Similar Description - URB4815LD-15WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
URA2405ZP-6WR2 MORNSUN-URA2405ZP-6WR2 Datasheet
426Kb / 5P
   DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405YMD-6WR2 MORNSUN-URA2405YMD-6WR2 Datasheet
979Kb / 6P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205YMD-6WR2 MORNSUN-VRA1205YMD-6WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VFB1205YMD-5W MORNSUN-VFB1205YMD-5W Datasheet
187Kb / 2P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
WRE0505S-3WR2 MORNSUN-WRE0505S-3WR2 Datasheet
809Kb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
VRA1205ZP-6WR2 MORNSUN-VRA1205ZP-6WR2 Datasheet
584Kb / 5P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URA2405XD-10WR2 MORNSUN-URA2405XD-10WR2 Datasheet
1Mb / 7P
   REGULATED DUAL/SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URF2405P-6WR2 MORNSUN-URF2405P-6WR2 Datasheet
728Kb / 5P
   SINGLE OUTPUT, DIP PACKAGING, DC-DC CONVERTER
URB2403YMD-20W MORNSUN-URB2403YMD-20W Datasheet
1Mb / 8P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
URB4803YMD-6WR2-DT MORNSUN-URB4803YMD-6WR2-DT Datasheet
435Kb / 5P
   REGULATED SINGLE OUTPUT DIP PACKAGING, DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com