Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3181 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # RF3181
Description  916.50 MHz SAW Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RF3181 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  RF3181 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RF3181 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 2 of 2
©2008 by RF Monolithics, Inc.
RF3181 - 3/21/08
Absolute Maximum Ratings
Typical Filter Response
Typical filter responses are shown below. The actual response is
dependent on external impedance matching and circuit layout. Illustrated
frequencies and minimum rejection for LO and IMAGE are shown only for
superhet receivers with 10.7 MHz IF.
Electrical Connections
Typical Test Circuit
Case Design
Rating
Value
Units
Incident RF Power
+13
dBm
DC Voltage Between Any Two Pins (Observe ESD Precautions)
±30
VDC
Case Temperature5
-40 to +85
°C
Soldering Temperature (10 seconds / 5 cycles max.)
260
°C
0
-10
-20
-30
-40
-50
-60
-70
-80
5 MHz/div
Frequency
Bottom View
Pin 1
Pin 2
Pin 3
Pin
Connection
1
Input or Output
2
Output or Input
3
Case Ground
L
CC
L
2
3
1
From 50
Network
Analyzer
To 50
Network
Analyzer
Dimensions
Millimeters
Inches
Min
Max
Min
Max
A
9.40
0.370
B
3.18
0.125
C
2.50
3.50
0.098
0.138
D
0.46 Nominal
0.018 Nominal
E
5.08 Nominal
0.200 Nominal
F
2.54 Nominal
0.100 Nominal
G
2.54 Nominal
0.100 Nominal
H
1.02
0.040
J
1.40
0.055
B
45°
J
(2 places)
D
(3 places)
H
G
E
F
C
A
0
-1
-2
-3
-4
-5
-6
-7
-8
200 kHz/div
Frequency
Min 3dB
Passband
at 25°C


Similar Part No. - RF3181

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3181 RFM-RF3181 Datasheet
168Kb / 2P
   916.50 MHz SAW Filter
RF3181D RFM-RF3181D Datasheet
63Kb / 2P
   916.5 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3181D MURATA-RF3181D Datasheet
63Kb / 2P
   916.50 MHz SAW Filter
logo
RF Monolithics, Inc
RF3181E RFM-RF3181E Datasheet
201Kb / 2P
   916.5 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3181E MURATA-RF3181E Datasheet
467Kb / 4P
   916.50 MHz SAW Filter
More results

Similar Description - RF3181

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
RF3181D MURATA-RF3181D Datasheet
63Kb / 2P
   916.50 MHz SAW Filter
logo
RF Monolithics, Inc
RF1181 RFM-RF1181 Datasheet
187Kb / 2P
   916.50 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3181E MURATA-RF3181E Datasheet
467Kb / 4P
   916.50 MHz SAW Filter
logo
RF Monolithics, Inc
RF3181 RFM-RF3181 Datasheet
168Kb / 2P
   916.50 MHz SAW Filter
logo
Vanlong Technology Co.,...
SF5010 VANLONG-SF5010 Datasheet
93Kb / 2P
   916.50 MHz SAW Filter
SR916 VANLONG-SR916 Datasheet
91Kb / 2P
   916.50 MHz One-Port SAW Resonator
SR5004 VANLONG-SR5004 Datasheet
127Kb / 2P
   916.50 MHz One Port SAW Resonator
SQ5002 VANLONG-SQ5002 Datasheet
135Kb / 2P
   916.50 MHz Two Port SAW Resonator
SR5005 VANLONG-SR5005 Datasheet
101Kb / 2P
   916.50 MHz One Port SAW Resonator
logo
RF Monolithics, Inc
DM1800-916MN RFM-DM1800-916MN Datasheet
75Kb / 4P
   916.50 MHz Transceiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com