Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF1411D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RF1411D
Description  869.2625 MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RF1411D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RF1411D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RF1411D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RF1411D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 3
©2008 by RF Monolithics, Inc.
RF1411D - 3/21/08
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency @ 25°C
fC
1, 2, 3
869.2625
MHz
I.L.
1, 3
3.3
4.5
dB
PassBand (relative to ILmin)
868.9125 -869.6125
0.4
1.0
dB
Pass Bandwidth (relative to ILmin)
BW3
1, 3
1250
kHz
Rejection (relative to ILmin)
10-700 MHz
1, 3
50
55
dB
700-842 MHz
35
40
842-864 MHz
25
28
864-866 MHz
15
24
872-879 MHz
8
13
879-909 MHz
15
20
909-1000 MHz
40
45
Temperature Coeff
0.032
ppm/
°C2
Operating Temperature Range
-45
+85
°C
Impedance @ fc
Input ZIN = RIN ll CIN
ZIN
1117
Ω ll 3.7pf
Output ZOUT = ROUT ll COUT
ZOUT
1117
Ω ll 3.7pf
Lid Symbolization (in addition to Lot and/or Date Codes)
512 // YWWS
Standard Reel Quantity
7 Inch Reel
8
500 Pieces/Reel
13 Inch Reel
3000 Pieces/Reel
• Ideal Front-End Filter for European Wireless Receivers
• Low-Loss, Coupled-Resonator Quartz Design
• Simple External Impedance Matching
• Complies with Directive 2002/95/EC (RoHS)
The RF1411D is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to provide
front-end selectivity in 869.2625 MHz receivers. Receiver designs using this filter include superhet IF, direct
conversion and superregen. Typical applications of these receivers are wireless remote-control and security
devices operating in Europe under ETSI I-ETS 300 220, in Germany under FTZ 17 TR 2100, in the United
Kingdom under DTI MPT 1340 (for automotive only), in France under PTT Specifications ST/PAA/TPA/AGH/
1542, and in Scandinavia.
This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically greater
than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz IF. RFM’s
advanced SAW design and fabrication technology is utilized to achieve high performance and very low loss
with simple external impedance matching (not included).
869.2625 MHz
SAW Filter
RF1411D
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with
VSWR
≤ 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, f
c. Note that insertion loss and band-
width are dependent on the impedance matching component values and quality.
2.
The frequency fc is defined as the midpoint between the 3dB frequencies.
3.
Where noted, specifications apply over the entire specified operating temperature range of -45°C to +85°C.
4.
Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
5.
The design, manufacturing process, and specifications of this device are subject to change.
6.
One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
7.
All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
8.
Tape and reel standard per ANSI / EIA 481.
SM3838-8 Case
3.8 x 3.8
Pb


Similar Part No. - RF1411D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1411D RFM-RF1411D Datasheet
225Kb / 3P
   869.2625 MHz SAW Filter
More results

Similar Description - RF1411D

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF1411D RFM-RF1411D Datasheet
225Kb / 3P
   869.2625 MHz SAW Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com