Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGRKM-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CGRKM-HF
Description  SMD General Purpose Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRKM-HF Datasheet(HTML) 2 Page - Comchip Technology

  CGRKM-HF Datasheet HTML 1Page - Comchip Technology CGRKM-HF Datasheet HTML 2Page - Comchip Technology CGRKM-HF Datasheet HTML 3Page - Comchip Technology CGRKM-HF Datasheet HTML 4Page - Comchip Technology CGRKM-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2
Comchip Technology CO., LTD.
Rating and Characteristic Curves (CGRKM4001-HF Thru. CGRKM4007-HF)
Fig.2- Forward Characteristics
VF, Forward Voltage, (V)
0.1
Fig.4- Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
200
Fig.5- Junction Capacitance
0
VR, Reverse Voltage, (V)
15
35
0.01
1
100
2.1
Fig.1- Current Derating Curve
0
TA, Ambient Temperature, (°C)
0.8
1.4
0.6
20
160
100
0.01
1.0
10
100
0.1
0.5
0.2
1.3
1.7
5
20
30
0.4
60
120
1.0
1.2
0.9
O
TJ=25 C
Pulse width=300μs
1% duty cycle
0.1
10
10
25
f=1MHz
Applied 4VDC
reverse voltage
140
40
80
Single phase, half
wave, 60Hz, resistive
or inductive load
Fig.3- Non-repetitive Forward
Surge Current
0
Number of Cycles at 60Hz
50
1
10
100
20
40
10
30
O
TJ=25 C
8.3ms single half sine
wave, JEDEC method
SMD General Purpose Rectifiers
120
160
80
40
0
0.01
10
100
0.1
1.0
OC
TJ=100
C
O
TJ=25
Company reserves the right to improve product design , functions and reliability without notice.
QW-A3G01
REV:A


Similar Part No. - CGRKM-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
More results

Similar Description - CGRKM-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRBT301-HF COMCHIP-CGRBT301-HF Datasheet
526Kb / 4P
   SMD General Purpose Rectifiers
CGRM4001-G COMCHIP-CGRM4001-G_12 Datasheet
97Kb / 4P
   SMD General Purpose Rectifiers
CGRAT101-HF COMCHIP-CGRAT101-HF Datasheet
1Mb / 4P
   SMD General Purpose Rectifiers
CGRB301-G COMCHIP-CGRB301-G Datasheet
46Kb / 2P
   SMD General Purpose Rectifiers
CGRC301-HF COMCHIP-CGRC301-HF Datasheet
160Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com