Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGRAT101L-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CGRAT101L-HF
Description  Low VF SMD General Purpose Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CGRAT101L-HF Datasheet(HTML) 1 Page - Comchip Technology

  CGRAT101L-HF Datasheet HTML 1Page - Comchip Technology CGRAT101L-HF Datasheet HTML 2Page - Comchip Technology CGRAT101L-HF Datasheet HTML 3Page - Comchip Technology CGRAT101L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low VF SMD General Purpose Rectifiers
Glass Passivated Type
Reverse Voltage: 200 to 1000 Volts
Forward Current: 1.0 Amp
RoHS Device
Page 1
Features
-Glass passivated cavity-free junction.
-Lead less chip form, no lead damage.
-Plastic package has Underwriters lammability
classification 94V-0.
-Low forward voltage drop.
Mechanical data
-Case: Packed with FRP substrate and epoxy underfilled.
-Terminals: Pure Tin plated, solderable per MIL-STD-750,
method 2026.
-Polarity: Cathode Band, Laser marking.
-Weight: 0.02 grams (approx).
CGRAT101L-HF Thru. CGRAT105L-HF
QW-JG008
Notes: Thermal resistance from junction to ambient and from junction to lead P.C.B. monuted on 0.2×0.2”(5.0*5.0mm) copper pad areas.
Comchip Technology CO., LTD.
Absolute Maximum Ratings (at Ta=25°C unless otherwise noted)
CGRAT
101L-HF
Repetitive peak reverse voltage
Peak forward surge current, 8.3ms
single half sine-wave superimposed
on rate load (JEDEC method)
Average forward current
Operating junction temperature
Storage temperature
CGRAT
102L-HF
CGRAT
103L-HF
CGRAT
104L-HF
CGRAT
105L-HF
Units
Symbol
Parameter
VRRM
IFSM
IF(AV)
TJ
TSTG
200
400
40
1.0
-65 to +175
-65 to +175
600
V
A
A
°C
°C
800
1000
Company reserves the right to improve product design , functions and reliability without notice.
Repetitive peak reverse current
V
uA
Parameter
Conditions
Forward voltage
Thermal Resistance
VR =Max. VRRM, TA=25°C
Junction to ambient (Note)
Symbol
IRRM
RθJA
CJ
MIN.
TYP.
MAX.
5
70
Unit
IF =1.0A
0.91
0.93
0.08
Junction capacitance
VR=4V, f=1.0MHZ
8.2
pF
Junction to lead (Note)
RθJL
8
°C/W
---
---
---
VF
---
---
---
---
---
Electrical Characteristics (at TA=25°C unless otherwise noted)
Halogen Free
0.181(4.60)
0.173(4.40)
0.091(2.30)
0.083(2.10)
0.038(0.97)
0.037(0.93)
0.038(0.97)
0.037(0.93)
0.037(0.95)
0.039(0.98)
x0.020(x0.50)
2010/DO-214AC
Dimensions in inches and (millimeter)
Circuit Diagram
REV: A


Similar Part No. - CGRAT101L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRAT101L-HF COMCHIP-CGRAT101L-HF Datasheet
701Kb / 4P
   Low VF SMD General Purpose Rectifiers
More results

Similar Description - CGRAT101L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CGRAT101L-HF COMCHIP-CGRAT101L-HF Datasheet
701Kb / 4P
   Low VF SMD General Purpose Rectifiers
ACGRAT101L-HF COMCHIP-ACGRAT101L-HF Datasheet
1Mb / 4P
   Low VF SMD General Purpose Rectifiers
CGRMT4001-HF COMCHIP-CGRMT4001-HF Datasheet
163Kb / 4P
   Low Profile SMD General Purpose Rectifiers
CGRMT4004-HF COMCHIP-CGRMT4004-HF Datasheet
303Kb / 4P
   Low Profile SMD General Purpose Rectifiers
CGRMT4004-HF COMCHIP-CGRMT4004-HF Datasheet
303Kb / 4P
   Low Profile SMD General Purpose Rectifiers
CGRKM-HF COMCHIP-CGRKM-HF Datasheet
113Kb / 5P
   SMD General Purpose Rectifiers
ACGRAS1W-HF COMCHIP-ACGRAS1W-HF Datasheet
94Kb / 4P
   SMD General Purpose Rectifiers
ACGRB201-HF COMCHIP-ACGRB201-HF Datasheet
102Kb / 4P
   SMD General Purpose Rectifiers
ACGRMS4007-HF COMCHIP-ACGRMS4007-HF Datasheet
95Kb / 4P
   SMD General Purpose Rectifiers
ACGRBT201-HF COMCHIP-ACGRBT201-HF Datasheet
122Kb / 4P
   SMD General Purpose Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com