Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDBB220LR-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBB220LR-HF
Description  Low VF Low IR SMD Schottky Barrier Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBB220LR-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBB220LR-HF Datasheet HTML 1Page - Comchip Technology CDBB220LR-HF Datasheet HTML 2Page - Comchip Technology CDBB220LR-HF Datasheet HTML 3Page - Comchip Technology CDBB220LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low VF Low IR SMD Schottky Barrier Rectifiers
Page 3
REV:A
Comchip Technology CO., LTD.
QW-JL027
Trailer
Device
Leader
10 pitches (min)
10 pitches (min)
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
Reel Taping Specification
B
C
d
D
D2
D1
SYMBOL
(mm)
(inch)
1.969 MIN.
8.00 ± 0.10
1.50 ± 0.10
50.0 MIN.
13.50 ± 0.50
4.00 ± 0.10
2.00 ± 0.10
12.00 ± 0.30
18.40 ± 1.00
330 ± 2.00
0.059 ± 0.004
12.99 ± 0.079
0.531 ± 0.020
SYMBOL
(mm)
(inch)
0.315± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.724 ± 0.040
E
F
P
P0
P1
W
W1
1.75 ± 0.10
0.069 ± 0.004
5.50 ± 0.10
0.217 ± 0.004
4.00 ± 0.10
0.157 ± 0.004
5.90 ± 0.10
0.232 ± 0.004
3.00 ± 0.10
0.118 ± 0.004
0.60 ± 0.10
0.236 ± 0.004
T
0.472 ±0.012
(SMB)
DO-214AA
(SMB)
DO-214AA
D1
D2
D
W1
T
C
Index hole
d
E
F
B
W
P
P0
P1
A
A


Similar Part No. - CDBB220LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBB220LR-HF COMCHIP-CDBB220LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
More results

Similar Description - CDBB220LR-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBA220LR-H COMCHIP-CDBA220LR-H_15 Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
ACDBA1100LR-HF COMCHIP-ACDBA1100LR-HF Datasheet
93Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA120LR-HF COMCHIP-CDBA120LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA220LR-HF COMCHIP-CDBA220LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA320LR-HF COMCHIP-CDBA320LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBB120LR-HF COMCHIP-CDBB120LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBB220LR-HF COMCHIP-CDBB220LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
ACDBA260LR-HF COMCHIP-ACDBA260LR-HF Datasheet
93Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBC220LR-HF COMCHIP-CDBC220LR-HF Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBM140LR-G COMCHIP-CDBM140LR-G Datasheet
94Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
CDBA220LR-H COMCHIP-CDBA220LR-H Datasheet
95Kb / 4P
   Low VF Low IR SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com