Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEDH4470-A5 Datasheet(PDF) 6 Page - Kemet Corporation

Part # LDEDH4470-A5
Description  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDH4470-A5 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button LDEDH4470-A5 Datasheet HTML 2Page - Kemet Corporation LDEDH4470-A5 Datasheet HTML 3Page - Kemet Corporation LDEDH4470-A5 Datasheet HTML 4Page - Kemet Corporation LDEDH4470-A5 Datasheet HTML 5Page - Kemet Corporation LDEDH4470-A5 Datasheet HTML 6Page - Kemet Corporation LDEDH4470-A5 Datasheet HTML 7Page - Kemet Corporation LDEDH4470-A5 Datasheet HTML 8Page - Kemet Corporation LDEDH4470-A5 Datasheet HTML 9Page - Kemet Corporation LDEDH4470-A5 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
SMD Film Capacitors
07/2008
Rated
cap.
50 VDC / 40 VAC
63 VDC / 40 VAC
100 VDC / 63 VAC
250 VDC / 120 VAC
Rated
cap.
Size
code
Pcs
per
reel
Hmax
[mm]
Part number
Size
code
Pcs
per
reel
Hmax
[mm]
Part number
Size
code
Pcs
per
reel
Hmax
[mm]
Part number
Size
code
Pcs
per
reel
Hmax
[mm]
Part number
1000 pF 12.06 3000
1.1
LDECA1100 - A0 - - 0 12.06 3000
1.1
LDEDA1100 - A0 - - 0 12.06
3000
1.1
LDEEA1100 - A0 - - 0 12.06 3000
1.1
LDEIA1100 - A0 - - 0 1000 pF
1200 pF 12.06 3000
1.1
LDECA1120 - A0 - - 0 12.06 3000
1.1
LDEDA1120 - A0 - - 0 12.06
3000
1.1
LDEEA1120 - A0 - - 0 12.06 3000
1.1
LDEIA1120 - A0 - - 0 1200 pF
1500 pF
18.12
4000
1.7
LDECC1150 - A5 - - 0 18.12 4000
1.7
LDEDC1150 - A5 - - 0 18.12
4000
1.7
LDEEC1150 - A5 - - 0 18.12 4000
1.7
LDEIC1150 - A5 - - 0
1500 pF
12.06
3000
1.1
LDECA1150 - A0 - - 0 12.06 3000
1.1
LDEDA1150 - A0 - - 0 12.06
3000
1.1
LDEEA1150 - A0 - - 0 12.06 3000
1.1
LDEIA1150 - A0 - - 0
1800 pF
18.12
4000
1.7
LDECC1180 - A5 - - 0 18.12 4000
1.7
LDEDC1180 - A5 - - 0 18.12
4000
1.7
LDEEC1180 - A5 - - 0 18.12 4000
1.7
LDEIC1180 - A5 - - 0
1800 pF
12.06
3000
1.1
LDECA1180 - A0 - - 0 12.06 3000
1.1
LDEDA1180 - A0 - - 0 12.06
3000
1.1
LDEEA1180 - A0 - - 0 12.06 3000
1.1
LDEIA1180 - A0 - - 0
2200 pF
18.12
4000
1.7
LDECC1220 - A5 - - 0 18.12 4000
1.7
LDEDC1220 - A5 - - 0 18.12
4000
1.7
LDEEC1220 - A5 - - 0 18.12 4000
1.7
LDEIC1220 - A5 - - 0
2200 pF
12.06
3000
1.1
LDECA1220 - A0 - - 0 12.06 3000
1.1
LDEDA1220 - A0 - - 0 12.06
3000
1.1
LDEEA1220 - A0 - - 0 12.06 3000
1.1
LDEIA1220 - A0 - - 0
2700 pF
18.12
4000
1.8
LDECC1270 - A5 - - 0 18.12 4000
1.8
LDEDC1270 - A5 - - 0 18.12
4000
1.8
LDEEC1270 - A5 - - 0 18.12 4000
1.8
LDEIC1270 - A5 - - 0
2700 pF
12.06
3000
1.1
LDECA1270 - A0 - - 0 12.06 3000
1.1
LDEDA1270 - A0 - - 0 12.06
3000
1.1
LDEEA1270 - A0 - - 0 12.06 3000
1.1
LDEIA1270 - A0 - - 0
3300 pF
18.12
4000
1.7
LDECC1330 - A5 - - 0 18.12 4000
1.7
LDEDC1330 - A5 - - 0 18.12
4000
1.7
LDEEC1330 - A5 - - 0 18.12 4000
1.7
LDEIC1330 - A5 - - 0
3300 pF
12.06
3000
1.2
LDECA1330 - A0 - - 0 12.06 3000
1.2
LDEDA1330 - A0 - - 0 12.06
3000
1.2
LDEEA1330 - A0 - - 0 12.06 3000
1.2
LDEIA1330 - A0 - - 0
3900 pF
18.12
4000
1.7
LDECC1390 - A5 - - 0 18.12 4000
1.7
LDEDC1390 - A5 - - 0 18.12
4000
1.7
LDEEC1390 - A5 - - 0 18.12 4000
1.7
LDEIC1390 - A5 - - 0
3900 pF
12.06
3000
1.1
LDECA1390 - A0 - - 0 12.06 3000
1.1
LDEDA1390 - A0 - - 0 12.06
3000
1.1
LDEEA1390 - A0 - - 0 12.10 2250
1.6
LDEIB1390 - A0 - - 0
4700 pF
18.12
4000
1.8
LDECC1470 - A5 - - 0 18.12 4000
1.8
LDEDC1470 - A5 - - 0 18.12
4000
1.8
LDEEC1470 - A5 - - 0 18.12 4000
1.8
LDEIC1470 - A5 - - 0
4700 pF
12.06
3000
1.1
LDECA1470 - A0 - - 0 12.06 3000
1.1
LDEDA1470 - A0 - - 0 12.06
3000
1.1
LDEEA1470 - A0 - - 0 12.10 2250
1.6
LDEIB1470 - A0 - - 0
5600 pF
18.12
4000
1.7
LDECC1560 - A5 - - 0 18.12 4000
1.7
LDEDC1560 - A5 - - 0 18.12
4000
1.7
LDEEC1560 - A5 - - 0 18.12 4000
1.7
LDEIC1560 - A5 - - 0
5600 pF
12.06
3000
1.1
LDECA1560 - A0 - - 0 12.06 3000
1.1
LDEDA1560 - A0 - - 0 12.06
3000
1.1
LDEEA1560 - A0 - - 0 12.10 2250
1.6
LDEIB1560 - A0 - - 0
6800 pF
18.12
4000
1.7
LDECC1680 - A5 - - 0 18.12 4000
1.7
LDEDC1680 - A5 - - 0 18.12
4000
1.7
LDEEC1680 - A5 - - 0 18.12 4000
1.7
LDEIC1680 - A5 - - 0
6800 pF
12.06
3000
1.1
LDECA1680 - A0 - - 0 12.06 3000
1.1
LDEDA1680 - A0 - - 0 12.06
3000
1.1
LDEEA1680 - A0 - - 0 12.10 2250
1.8
LDEIB1680 - A0 - - 0
8200 pF
18.12
4000
1.8
LDECC1820 - A5 - - 0 18.12 4000
1.8
LDEDC1820 - A5 - - 0 18.12
4000
1.8
LDEEC1820 - A5 - - 0 18.12 4000
1.8
LDEIC1820 - A5 - - 0
8200 pF
12.06
3000
1.1
LDECA1820 - A0 - - 0 12.06 3000
1.1
LDEDA1820 - A0 - - 0 12.06
3000
1.1
LDEEA1820 - A0 - - 0 12.10 2250
2.0
LDEIB1820 - A0 - - 0
0.010 µF
18.12
4000
1.7
LDECC2100 - A5 - - 0 18.12 4000
1.7
LDEDC2100 - A5 - - 0 18.12
4000
1.7
LDEEC2100 - A5 - - 0 18.12 4000
1.7
LDEIC2100 - A5 - - 0
0.010 µF
12.06
3000
1.1
LDECA2100 - A0 - - 0 12.06 3000
1.1
LDEDA2100 - A0 - - 0 12.06
3000
1.1
LDEEA2100 - A0 - - 0 12.10 2250
2.1
LDEIB2100 - A0 - - 0
0.012 µF
18.12
4000
1.7
LDECC2120 - A5 - - 0 18.12 4000
1.7
LDEDC2120 - A5 - - 0 18.12
4000
1.7
LDEEC2120 - A5 - - 0 18.12 4000
1.7
LDEIC2120 - A5 - - 0
0.012 µF
12.06
3000
1.1
LDECA2120 - A0 - - 0 12.06 3000
1.1
LDEDA2120 - A0 - - 0 12.06
3000
1.1
LDEEA2120 - A0 - - 0
0.015 µF
18.12
4000
1.7
LDECC2150 - A5 - - 0 18.12 4000
1.7
LDEDC2150 - A5 - - 0 18.12
4000
1.7
LDEEC2150 - A5 - - 0 18.12 4000
1.7
LDEIC2150 - A5 - - 0
0.015 µF
12.06
3000
1.2
LDECA2150 - A0 - - 0 12.06 3000
1.2
LDEDA2150 - A0 - - 0 12.06
3000
1.2
LDEEA2150 - A0 - - 0
0.018 µF
18.12
4000
1.8
LDECC2180 - A5 - - 0 18.12 4000
1.8
LDEDC2180 - A5 - - 0 18.12
4000
1.8
LDEEC2180 - A5 - - 0 22.20 3000
2.2
LDEID2180 - A5 - - 0
0.018 µF
12.06
3000
1.1
LDECA2180 - A0 - - 0 12.06 3000
1.1
LDEDA2180 - A0 - - 0 12.10
2250
1.5
LDEEB2180 - A0 - - 0 18.12 4000
1.8
LDEIC2180 - A0 - - 0
0.022 µF
18.12
4000
1.7
LDECC2220 - A5 - - 0 18.12 4000
1.7
LDEDC2220 - A5 - - 0 18.12
4000
1.7
LDEEC2220 - A5 - - 0 22.20 3000
2.5
LDEID2220 - A5 - - 0
0.022 µF
12.06
3000
1.1
LDECA2220 - A0 - - 0 12.06 3000
1.1
LDEDA2220 - A0 - - 0 12.10
2250
1.5
LDEEB2220 - A0 - - 0 18.12 3000
2.2
LDEIC2220 - A0 - - 0
0.027 µF
18.12
4000
1.7
LDECC2270 - A5 - - 0 18.12 4000
1.7
LDEDC2270 - A5 - - 0 18.12
4000
1.7
LDEEC2270 - A5 - - 0 22.20 2250
2.9
LDEID2270 - A5 - - 0
0.027 µF
12.06
3000
1.1
LDECA2270 - A0 - - 0 12.06 3000
1.1
LDEDA2270 - A0 - - 0 12.10
2250
1.7
LDEEB2270 - A0 - - 0 18.12 3000
2.5
LDEIC2270 - A0 - - 0
0.033 µF
18.12
4000
1.8
LDECC2330 - A5 - - 0 18.12 4000
1.8
LDEDC2330 - A5 - - 0 18.12
4000
1.8
LDEEC2330 - A5 - - 0 22.20 3000
1.9
LDEID2330 - A5 - - 0
0.033 µF
12.10
2250
2.0
LDECB2330 - A0 - - 0 12.10 2250
2.0
LDEDB2330 - A0 - - 0 12.10
2250
2.0
LDEEB2330 - A0 - - 0 18.12 3000
2.6
LDEIC2330 - A0 - - 0
12.06
3000
1.2
*LDECA2330 - A0 - - 0 12.06 3000 1.2 *LDEDA2330 - A0 - - 0
0.039 µF
18.12
4000
1.7
LDECC2390 - A5 - - 0 18.12 4000
1.7
LDEDC2390 - A5 - - 0 18.12
4000
1.7
LDEEC2390 - A5 - - 0 22.20 3000
2.1
LDEID2390 - A5 - - 0
0.039 µF
12.10
2250
2.1
LDECB2390 - A0 - - 0 12.10 2250
2.1
LDEDB2390 - A0 - - 0 12.10
2250
2.1
LDEEB2390 - A0 - - 0
0.047 µF
18.12
4000
1.7
LDECC2470 - A5 - - 0 18.12 4000
1.7
LDEDC2470 - A5 - - 0 18.12
4000
1.7
LDEEC2470 - A5 - - 0 22.20 3000
2.3
LDEID2470 - A5 - - 0
0.047 µF
12.10
2250
2.1
LDECB2470 - A0 - - 0 12.10 2250
2.1
LDEDB2470 - A0 - - 0 12.10
2250
2.1
LDEEB2470 - A0 - - 0
LDE series - PEN dielectric RoHS 6
LOW VOLTAGE (capacitance range: 1000 pF to 0.047 µF)
Standard and miniature versions
*only K and M tolerances available
Tolerance - Standard: K = ±10%; M = ±20%;
(J = ±5% available upon request and review of project/application)
Packaging - N = Taped; A to Z = Special;
Internal use
Size code
12.06
12.10
18.12
22.20
28.24
40.30
50.40
60.54
L (mm)
3.3 +0.3
- 0.1
3.3 +0.3
- 0.1
4.7 +0.3
- 0.2
6.0 ± 0.3
7.3 ± 0.4 10.5 ± 0.4 13.0 ± 0.4 15.5 ± 0.4
W (mm)
1.7 ± 0.2
2.5 ± 0.3
3.3 ± 0.3
5.0 ± 0.4
6.1 ± 0.4
7.9 ± 0.5 10.4 ± 0.5 13.7 ± 0.5
P/N 5th digit
A
B
C
D
E
F
G
H
Lead
Free


Similar Part No. - LDEDH4470-A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEDH4470 ETC1-LDEDH4470 Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Similar Description - LDEDH4470-A5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com