Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEDF4330-A0 Datasheet(PDF) 10 Page - Kemet Corporation

Part # LDEDF4330-A0
Description  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDF4330-A0 Datasheet(HTML) 10 Page - Kemet Corporation

Back Button LDEDF4330-A0 Datasheet HTML 6Page - Kemet Corporation LDEDF4330-A0 Datasheet HTML 7Page - Kemet Corporation LDEDF4330-A0 Datasheet HTML 8Page - Kemet Corporation LDEDF4330-A0 Datasheet HTML 9Page - Kemet Corporation LDEDF4330-A0 Datasheet HTML 10Page - Kemet Corporation LDEDF4330-A0 Datasheet HTML 11Page - Kemet Corporation LDEDF4330-A0 Datasheet HTML 12Page - Kemet Corporation LDEDF4330-A0 Datasheet HTML 13Page - Kemet Corporation LDEDF4330-A0 Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
SMD Film Capacitors
07/2008
LDE series - PEN dielectric RoHS 6
MAxIMUM VRMS and IRMS vs. frequency (50 - 63 - 100 - 250 VDC rated voltage)
(Sinusoidal wave form / Th* ≤ 85°C)
Note: measurements performed in free air condition
*Th: maximum ambient temperature surrounding the capacitor or hottest contact point - i.e. tracks - whichever is
higher, in the worst operating conditions in °C


Similar Part No. - LDEDF4330-A0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEDF4330 ETC1-LDEDF4330 Datasheet
499Kb / 8P
   PEN-PET H.T
logo
Kemet Corporation
LDEDF4330KA0N00 KEMET-LDEDF4330KA0N00 Datasheet
94Kb / 1P
   Capacitor, film, 3.3 uF, /-10% Tol, General Purpose, 63 VDC@125C
More results

Similar Description - LDEDF4330-A0

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com