Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEDG4270-A5 Datasheet(PDF) 3 Page - Kemet Corporation

Part # LDEDG4270-A5
Description  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDG4270-A5 Datasheet(HTML) 3 Page - Kemet Corporation

  LDEDG4270-A5 Datasheet HTML 1Page - Kemet Corporation LDEDG4270-A5 Datasheet HTML 2Page - Kemet Corporation LDEDG4270-A5 Datasheet HTML 3Page - Kemet Corporation LDEDG4270-A5 Datasheet HTML 4Page - Kemet Corporation LDEDG4270-A5 Datasheet HTML 5Page - Kemet Corporation LDEDG4270-A5 Datasheet HTML 6Page - Kemet Corporation LDEDG4270-A5 Datasheet HTML 7Page - Kemet Corporation LDEDG4270-A5 Datasheet HTML 8Page - Kemet Corporation LDEDG4270-A5 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
SMD Film Capacitors
07/2008
Product coding
LDE series - RoHS 6
The part number is composed of 15 digits:
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
L D E - - - - - - - A - - - 0
Digit 1 to 3 Series code.
Digit 4
D.C. rated voltage: (V
R)
C = 50 V
DC
D = 63 V
DC
E = 100 V
DC
I = 250 V
DC
M = 400 V
DC
P = 630 V
DC
Q = 1000 V
DC (new version)
Digit 5
Size code (customized sizes available upon request)
12.06
12.10
18.12
22.20
28.24
40.30
50.40
60.54
A
B
C
D
E
F
G
H
Digit 6 to 9 Capacitance value
Digits 7 - 8 - 9 indicate the first three numbers
of the capacitance value, digit 6 indicates the
number of zeros that must be added to obtain
the rated capacitance in pF.
Digit 10
Capacitance tolerance
Standard:
K = ± 10 %
M = ± 20 %
(J = ±5% available upon request and review of
project/application)
Digit 11
Dielectric code
A = PEN
Digit 12
Version
5 = standard 0 = miniature A to Z = special
Digit 13
Packaging
N = taped
A to Z = special
Digit 14
Internal use
Digit 15
0 (used in LDE RoHS 6 series only)
Product packaging
LDB series - RoHS 6
The part number is composed of 14 digits:
1
2
3
4
5
6
7
8
9 10 11 12 13 14
L D B - - - - - - - C - - -
Digit 1 to 3 Series code.
Digit 4
D.C. rated voltage: (V
R)
A = 16 V
DC
C = 50 V
DC
Digit 5
Size code
12.06
12.10
18.12
A
B
C
Digit 6 to 9 Capacitance value
Digits 7 - 8 - 9 indicate the first three numbers
of the capacitance value, digit 6 indicates the
number of zeros that must be added to obtain
the rated capacitance in pF.
Digit 10
Capacitance tolerance
G = ± 2 %
J = ± 5 %
Digit 11
Dielectric code
C = PPS
Digit 12
Version
5 = standard
A to Z = special
Digit 13
Packaging
N = taped
A to Z = special
Digit 14
Internal use
Size
code
Carrier
tape
code
Carrier tape dimensions
Reel dimensions
Packaging
quantities
(pcs per reel)
A0
[mm]
B0
[mm]
K0
[mm]
W
[mm]
P
[mm]
T
[μm]
Ø
[mm]
W1
[mm]
W2
[mm]
12.06
-
2.00
3.80
1.30
8
4
250
180
8
12
3000
12.10
-
3.00
3.80
2.10
8
4
250
180
8
12
2250
18.12
a
3.80
5.30
2.00
12
8
300
330
12
16
4000
b
3.90
5.20
2.60
3000
22.20
a
5.50
6.50
2.90
12
8
250
330
12
16
3000
b
3.80
2250
c
4.90
1750
28.24
a
6.60
7.90
3.80
16
8
300
330
16
20
2250
b
4.60
1750
c
5.50
1500
40.30
a
8.60
11.00
3.80
16
12
300
330
16
20
1500
b
4.60
1250
c
5.80
1000
50.40
a
10.90
13.50
3.80
24
12
250
330
24
28
1500
b
10.90
4.70
1250
c
11.00
5.90
1000
60.54
a
14.40 16.00
4.30
24
16
300
330
24
28
1000
b
5.10
300
750
c
5.80
300
750
In accordance with IEC 60286-3
Materials:
- carrier tape: antistatic material
- cover tape: polyester + polythene
- reel: recyclable polystyrene
All parts in reels are packed in
hermetically sealed
Moisture Barrier
Bag (MBB) Class 1.
SMD Film Capacitor (top view)
Tape
Reel


Similar Part No. - LDEDG4270-A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEDG4270 ETC1-LDEDG4270 Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Similar Description - LDEDG4270-A5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com