Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV3216RSD-5SIB0 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # R1LV3216RSD-5SIB0
Description  32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV3216RSD-5SIB0 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button R1LV3216RSD-5SIB0 Datasheet HTML 2Page - Renesas Technology Corp R1LV3216RSD-5SIB0 Datasheet HTML 3Page - Renesas Technology Corp R1LV3216RSD-5SIB0 Datasheet HTML 4Page - Renesas Technology Corp R1LV3216RSD-5SIB0 Datasheet HTML 5Page - Renesas Technology Corp R1LV3216RSD-5SIB0 Datasheet HTML 6Page - Renesas Technology Corp R1LV3216RSD-5SIB0 Datasheet HTML 7Page - Renesas Technology Corp R1LV3216RSD-5SIB0 Datasheet HTML 8Page - Renesas Technology Corp R1LV3216RSD-5SIB0 Datasheet HTML 9Page - Renesas Technology Corp R1LV3216RSD-5SIB0 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
R1LV3216R Series
REJ03C0367-0100, Rev.1.00, 2009.05.07
Page 6 of 16
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Vcc
2.7
3.0
3.6
V
Supply voltage
Vss
0
0
0
V
Input high voltage
VIH
2.4
-
Vcc+0.2
V
Input low voltage
VIL
-0.2
-
0.4
V
1
R ver.
0
-
+70
°C
2
Ambient temperature range
I ver.
Ta
-40
-
+85
°C
2
Note 1. –2.0V in case of AC (Pulse width
≤ 30ns)
2. Ambient temperature range depends on R/I-version. Please see table on page 1.
DC Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Input leakage current
| ILI |
-
-
1
μA
Vin = Vss to Vcc
Output leakage current
| ILO |
-
-
1
μA
BYTE#
≥ Vcc -0.2V or BYTE# ≤ 0.2V
CS1# =VIH or CS2 =VIL or
OE# =VIH or WE# =VIL or
LB# = UB# =VIH, VI/O =Vss to Vcc
ICC1
-
40
*1
55
mA
Min. cycle, duty =100%, II/O = 0mA
BYTE#
≥ Vcc -0.2V or BYTE# ≤ 0.2V
CS1# =VIL, CS2 =VIH, Others = VIH/VIL
Average operating current
ICC2
-
3
*1
8
mA
Cycle =1
μs, duty =100%, II/O = 0mA
BYTE#
≥ Vcc -0.2V or BYTE# ≤ 0.2V
CS1#
≤ 0.2V, CS2 ≥ VCC-0.2V,
VIH ≥ VCC-0.2V, VIL ≤ 0.2V
Standby current
ISB
-
0.1
*1
0.3
mA
BYTE#
≥ Vcc -0.2V or BYTE# ≤ 0.2V
CS2 =VIL
-
4
*1
12
μA
~+25°C
-
7
*2
24
μA
~+40°C
-
-
50
μA
~+70°C
Standby current
ISB1
-
-
80
μA
~+85°C
Vin
≥ 0V
BYTE#
≥ Vcc -0.2V or
BYTE#
≤ 0.2V
(1) 0V
≤ CS2 ≤ 0.2V or
(2) CS1#
≥ VCC-0.2V,
CS2
≥ VCC-0.2V or
(3) LB# = UB#
≥ VCC-0.2V,
CS1#
≤ 0.2V,
CS2
≥ VCC-0.2V
Output high voltage
VOH
2.4
-
-
V
BYTE#
≥ Vcc -0.2V or BYTE# ≤ 0.2V
IOH = -0.5mA
Output low voltage
VOL
-
-
0.4
V
BYTE#
≥ Vcc -0.2V or BYTE# ≤ 0.2V
IOL = 2mA
Note 1. Typical parameter indicates the value for the center of distribution at 3.0V (Ta= 25ºC), and not 100% tested.
2. Typical parameter indicates the value for the center of distribution at 3.0V (Ta= 40ºC), and not 100% tested.


Similar Part No. - R1LV3216RSD-5SIB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV3216RSD-5S RENESAS-R1LV3216RSD-5S Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
R1LV3216RSD-5SR RENESAS-R1LV3216RSD-5SR Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
More results

Similar Description - R1LV3216RSD-5SIB0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV3216R RENESAS-R1LV3216R Datasheet
200Kb / 18P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMLV3216A RENESAS-RMLV3216A Datasheet
299Kb / 16P
   32Mb Advanced LPSRAM (2M word × 16bit / 4M word x 8bit)
2018.12.26
R1LV3216R RENESAS-R1LV3216R_15 Datasheet
150Kb / 20P
   32Mb Advanced LPSRAM (2M word x 16bit / 4M word x 8bit)
RMWV6416A RENESAS-RMWV6416A Datasheet
300Kb / 16P
   64Mb Advanced LPSRAM (4M word × 16bit / 8M word x 8bit)
2018.12.26
R1WV6416R RENESAS-R1WV6416R Datasheet
202Kb / 18P
   64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
R1WV6416R RENESAS-R1WV6416R_15 Datasheet
152Kb / 20P
   64Mb Advanced LPSRAM (4M word x 16bit / 8M word x 8bit)
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
   16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
R1LV0816ASD RENESAS-R1LV0816ASD Datasheet
264Kb / 19P
   8Mb Advanced LPSRAM (512k word x 16bit / 1M word x 8bit)
2009.12.08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com