Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL4150 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LL4150
Description  Small Signal Fast Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LL4150 Datasheet(HTML) 2 Page - Vishay Siliconix

  LL4150 Datasheet HTML 1Page - Vishay Siliconix LL4150 Datasheet HTML 2Page - Vishay Siliconix LL4150 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LL4150
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 11-Nov-13
2
Document Number: 85558
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Reverse Current vs. Junction Temperature
Fig. 2 - Forward Current vs. Forward Voltage
PACKAGE DIMENSIONS in millimeters (inches): MiniMELF SOD-80
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 1 mA
VF
0.540
0.620
V
IF = 10 mA
VF
0.660
0.740
V
IF = 50 mA
VF
0.760
0.860
V
IF = 100 mA
VF
0.820
0.920
V
IF = 200 mA
VF
0.870
1
V
Reverse current
VR = 50 V
IR
100
nA
VR = 50 V, Tj = 150 °C
IR
100
μA
Diode capacitance
VR = 0, f = 1 MHz,
VHF = 50 mV
CD
2.5
pF
Reverse recovery time
IF = IR = 10 mA to 100 mA,
iR = 0.1 x IR, RL = 100 
trr
4ns
0
40
80
120
160
200
0.01
0.1
1
10
100
TJ - Junction Temperature (°C)
94 9100
Scattering Limit
V
R = 50 V
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage (V)
2.0
94 9162
Scattering Limit
T
J = 25 °C
Cathode indentification
0.47 (0.019) max.
2.5 (0.098) max.
1.25 (0.49) min.
3.7 (0.146)
3.3 (0.130)
5 (0.197) ref.
Foot print recommendation:
*
* The gap between plug and glass can
be either on cathode or anode side
Document no.:6.560-5005.01-4
Rev. 8 - Date: 07.June.2006
96 12070


Similar Part No. - LL4150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4150 VISHAY-LL4150 Datasheet
94Kb / 5P
   Silicon Epitaxial Planar Diodes
Rev. 1.6, 06-Apr-04
logo
Pan Jit International I...
LL4150 PANJIT-LL4150 Datasheet
85Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
EIC discrete Semiconduc...
LL4150 EIC-LL4150 Datasheet
358Kb / 2P
   HIGH SPEED SWITCHING DIODE
logo
Diodes Incorporated
LL4150 DIODES-LL4150 Datasheet
50Kb / 1P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30069 Rev. C-2
logo
Diotec Semiconductor
LL4150 DIOTEC-LL4150 Datasheet
96Kb / 2P
   Ultrafast Switching Surface Mount Si-Planar Diodes
More results

Similar Description - LL4150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
1N4148WFL-G VISHAY-1N4148WFL-G Datasheet
94Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.0., 24-Oct-13
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4448WS VISHAY-1N4448WS Datasheet
91Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.4, 14-Oct-16
1N4148W VISHAY-1N4148W Datasheet
105Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.7, 08-May-13
BAS16-V-GS08 VISHAY-BAS16-V-GS08 Datasheet
140Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.5, 09-Mar-06
logo
KODENSHI_AUK CORP.
SDS914 KODENSHI-SDS914 Datasheet
251Kb / 5P
   Small Signal Fast Switching Diode
SDS2838EF KODENSHI-SDS2838EF Datasheet
265Kb / 5P
   Small Signal Fast Switching Diode
SUD494J KODENSHI-SUD494J Datasheet
280Kb / 5P
   Small Signal Fast Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com