Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDEDD3390-A5 Datasheet(PDF) 7 Page - Kemet Corporation

Part # LDEDD3390-A5
Description  SMD Film Capacitors Catalogue
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

LDEDD3390-A5 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button LDEDD3390-A5 Datasheet HTML 3Page - Kemet Corporation LDEDD3390-A5 Datasheet HTML 4Page - Kemet Corporation LDEDD3390-A5 Datasheet HTML 5Page - Kemet Corporation LDEDD3390-A5 Datasheet HTML 6Page - Kemet Corporation LDEDD3390-A5 Datasheet HTML 7Page - Kemet Corporation LDEDD3390-A5 Datasheet HTML 8Page - Kemet Corporation LDEDD3390-A5 Datasheet HTML 9Page - Kemet Corporation LDEDD3390-A5 Datasheet HTML 10Page - Kemet Corporation LDEDD3390-A5 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
SMD Film Capacitors
07/2008
Size code
12.10
18.12
22.20
28.24
40.30
50.40
60.54
L (mm)
3.3 +0.3
- 0.1
4.7 +0.3
- 0.2
6.0 ± 0.3
7.3 ± 0.4 10.5 ± 0.4 13.0 ± 0.4 15.5 ± 0.4
W (mm)
2.5 ± 0.3
3.3 ± 0.3
5.0 ± 0.4
6.1 ± 0.4
7.9 ± 0.5 10.4 ± 0.5 13.7 ± 0.5
P/N 5th digit
B
C
D
E
F
G
H
LDE series - PEN dielectric RoHS 6
LOW VOLTAGE (capacitance range: 0.056 µF to 4.7 µF)
Standard and miniature versions
Rated
cap.
50 VDC / 40 VAC
63 VDC / 40 VAC
100 VDC / 63 VAC
250 VDC / 120 VAC
Rated
cap.
Size
code
Pcs
per
reel
Hmax
[mm]
Part number
Size
code
Pcs
per
reel
Hmax
[mm]
Part number
Size
code
Pcs
per
reel
Hmax
[mm]
Part number
Size
code
Pcs
per
reel
Hmax
[mm]
Part number
0.056 µF
18.12 4000
1.7
LDECC2560 - A5 - - 0 18.12 4000
1.7
LDEDC2560 - A5 - - 0 18.12 4000
1.7
LDEEC2560 - A5 - - 0 22.20 3000
2.6
LDEID2560 - A5 - - 0
0.056 µF
12.10 2250
1.7
LDECB2560 - A0 - - 0 12.10 2250
1.7
LDEDB2560 - A0 - - 0
0.068 µF
18.12 4000
1.8
LDECC2680 - A5 - - 0 18.12 4000
1.8
LDEDC2680 - A5 - - 0 18.12 4000
1.8
LDEEC2680 - A5 - - 0 22.20 3000
2.8
LDEID2680 - A5 - - 0
0.068 µF
12.10 2250
2.0
LDECB2680 - A0 - - 0 12.10 2250
2.0
LDEDB2680 - A0 - - 0
0.082 µF
18.12 3000
2.1
LDECC2820 - A5 - - 0 18.12 3000
2.1
LDEDC2820 - A5 - - 0 18.12 3000
2.1
LDEEC2820 - A5 - - 0 28.24 2250
2.6
LDEIE2820 - A5 - - 0
0.082 µF
12.10 2250
2.1
LDECB2820 - A0 - - 0 12.10 2250
2.1
LDEDB2820 - A0 - - 0
22.20 2250
3.5
LDEID2820 - A0 - - 0
0.10 µF
18.12 3000
2.4
LDECC3100 - A5 - - 0 18.12 3000
2.4
LDEDC3100 - A5 - - 0 18.12 3000
2.4
LDEEC3100 - A5 - - 0 28.24 2250
2.9
LDEIE3100 - A5 - - 0
0.10 µF
12.10 2250
2.1
LDECB3100 - A0 - - 0 12.10 2250
2.1
LDEDB3100 - A0 - - 0
22.20 1750
4.1
LDEID3100 - A0 - - 0
0.12 µF
18.12 4000
1.7
LDECC3120 - A5 - - 0 18.12 4000
1.7
LDEDC3120 - A5 - - 0 22.20 3000
2.6
LDEED3120 - A5 - - 0 28.24 2250
3.3
LDEIE3120 - A5 - - 0
0.12 µF
22.20 1750
4.4
LDEID3120 - A0 - - 0
0.15 µF 18.12 4000
1.9
LDECC3150 - A5 - - 0 18.12 4000
1.9
LDEDC3150 - A5 - - 0 22.20 3000
1.9
LDEED3150 - A5 - - 0 28.24 1750
3.8
LDEIE3150 - A5 - - 0
0.15 µF
0.18 µF
18.12 3000
2.2
LDECC3180 - A5 - - 0 18.12 3000
2.2
LDEDC3180 - A5 - - 0 22.20 3000
2.0
LDEED3180 - A5 - - 0 40.30 1500
2.7
LDEIF3180 - A5 - - 0
0.18 µF
28.24 1750
4.4
LDEIE3180 - A0 - - 0
0.22 µF
18.12 3000
2.4
LDECC3220 - A5 - - 0 18.12 3000
2.4
LDEDC3220 - A5 - - 0 22.20 3000
2.4
LDEED3220 - A5 - - 0 40.30 1500
3.1
LDEIF3220 - A5 - - 0
0.22 µF
28.24 1500
5.2
LDEIE3220 - A0 - - 0
0.27 µF 22.20 3000
1.9
LDECD3270 - A5 - - 0 22.20 3000
1.9
LDEDD3270 - A5 - - 0 22.20 3000
2.8
LDEED3270 - A5 - - 0 40.30 1500
3.7
LDEIF3270 - A5 - - 0
0.27 µF
0.33 µF 22.20 3000
1.9
LDECD3330 - A5 - - 0 22.20 3000
1.9
LDEDD3330 - A5 - - 0 22.20 2250
3.3
LDEED3330 - A5 - - 0 40.30 1250
4.3
LDEIF3330 - A5 - - 0
0.33 µF
0.39 µF
22.20 3000
2.1
LDECD3390 - A5 - - 0 22.20 3000
2.1
LDEDD3390 - A5 - - 0 28.24 2250
2.6
LDEEE3390 - A5 - - 0 50.40 1500
3.3
LDEIG3390 - A5 - - 0
0.39 µF
22.20 2250
3.7
LDEED3390 - A0 - - 0 40.30 1000
5.0
LDEIF3390 - A0 - - 0
0.47 µF
22.20 3000
2.4
LDECD3470 - A5 - - 0 22.20 3000
2.4
LDEDD3470 - A5 - - 0 28.24 2250
3.0
LDEEE3470 - A5 - - 0 50.40 1250
3.8
LDEIG3470 - A5 - - 0
0.47 µF
22.20 1750
4.4
LDEED3470 - A0 - - 0 40.30 1000
5.5
LDEIF3470 - A0 - - 0
0.56 µF
22.20 3000
2.8
LDECD3560 - A5 - - 0 22.20 3000
2.8
LDEDD3560 - A5 - - 0 28.24 2250
3.5
LDEEE3560 - A5 - - 0 50.40 1250
4.4
LDEIG3560 - A5 - - 0
0.56 µF
40.30 1000
5.5
LDEIF3560 M A0 - - 0
0.68 µF
22.20 2250
3.3
LDECD3680 - A5 - - 0 22.20 2250
3.3
LDEDD3680 - A5 - - 0 28.24 1750
4.1
LDEEE3680 - A5 - - 0 60.54 1000
3.4
LDEIH3680 - A5 - - 0
0.68 µF
50.40 1000
5.2
LDEIG3680 - A0 - - 0
0.82 µF
28.24 2250
2.9
LDECE3820 - A5 - - 0 28.24 2250
2.9
LDEDE3820 - A5 - - 0 40.30 1500
2.8
LDEEF3820 - A5 - - 0 60.54 1000
3.9
LDEIH3820 - A5 - - 0
0.82 µF
22.20 1750
3.7
LDECD3820 - A0 - - 0 22.20 2250
3.7
LDEDD3820 - A0 - - 0 28.24 1500
4.9
LDEEE3820 - A0 - - 0 50.40 1000
5.7
LDEIG3820 - A0 - - 0
1.0 µF
28.24 2250
3.1
LDECE4100 - A5 - - 0 28.24 2250
3.1
LDEDE4100 - A5 - - 0 40.30 1500
3.2
LDEEF4100 - A5 - - 0 60.54 750
4.6
LDEIH4100 - A5 - - 0
1.0 µF
22.20 1750
4.4
LDECD4100 - A0 - - 0 22.20 1750
4.4
LDEDD4100 - A0 - - 0 28.24 1500
5.4
*LDEEE4100 - A0 - - 0
1.2 µF
28.24 2250
3.6
LDECE4120 - A5 - - 0 28.24 2250
3.6
LDEDE4120 - A5 - - 0 50.40 1500
3.1
LDEEG4120 - A5 - - 0
1.2 µF
40.30 1500
3.7
LDEEF4120 - A0 - - 0 60.54 750
5.4
LDEIH4120 - A0 - - 0
1.5 µF
50.40 1500
3.1
LDECG4150 - A5 - - 0 50.40 1500
3.1
LDEDG4150 - A5 - - 0 50.40 1500
3.1
LDEEG4150 - A5 - - 0
1.5 µF
28.24 1750
4.3
LDECE4150 - A0 - - 0 28.24 1750
4.3
LDEDE4150 - A0 - - 0 40.30 1250
4.5
LDEEF4150 - A0 - - 0 60.54 750
5.7
LDEIH4150 M A0 - - 0
1.8 µF
50.40 1500
3.4
LDECG4180 - A5 - - 0 50.40 1500
3.4
LDEDG4180 - A5 - - 0 50.40 1500
3.4
LDEEG4180 - A5 - - 0
1.8 µF
28.24 1500
5.1
LDECE4180 - A0 - - 0 28.24 1500
5.1
LDEDE4180 - A0 - - 0 40.30 1000
5.4
LDEEF4180 - A0 - - 0
2.2 µF
50.40 1250
4.1
LDECG4220 - A5 - - 0 50.40 1250
4.1
LDEDG4220 - A5 - - 0 50.40 1250
4.1
LDEEG4220 - A5 - - 0
2.2 µF
40.30 1500
3.3
LDECF4220 - A0 - - 0 40.30 1500
3.3
LDEDF4220 - A0 - - 0 40.30 1000
5.6
*LDEEF4220 - A0 - - 0
2.7 µF
50.40 1000
4.9
LDECG4270 - A5 - - 0 50.40 1000
4.9
LDEDG4270 - A5 - - 0 60.54 1000
3.3
LDEEH4270 - A5 - - 0
2.7 µF
40.30 1250
4.0
LDECF4270 - A0 - - 0 40.30 1250
4.0
LDEDF4270 - A0 - - 0 50.40 1000
4.9
LDEEG4270 - A0 - - 0
3.3 µF
60.54 1000
3.9
LDECH4330 - A5 - - 0 60.54 1000
3.9
LDEDH4330 - A5 - - 0 60.54 1000
3.9
LDEEH4330 - A5 - - 0
3.3 µF
40.30 1000
4.7
LDECF4330 - A0 - - 0 40.30 1000
4.7
LDEDF4330 - A0 - - 0 50.40 1000
5.7
LDEEG4330 - A0 - - 0
3.9 µF
60.54
750
4.5
LDECH4390 - A5 - - 0 60.54
750
4.5
LDEDH4390 - A5 - - 0 60.54 750
4.5
LDEEH4390 - A5 - - 0
3.9 µF
40.30 1000
5.5
LDECF4390 - A0 - - 0 40.30 1000
5.5
LDEDF4390 - A0 - - 0
4.7 µF
60.54
750
5.3
LDECH4470 - A5 - - 0 60.54
750
5.3
LDEDH4470 - A5 - - 0 60.54 750
5.3
LDEEH4470 - A5 - - 0
4.7 µF
50.40 1250
4.1
LDECG4470 - A0 - - 0 50.40 1250
4.1
LDEDG4470 - A0 - - 0
*only K and M tolerances available
Lead
Free
Tolerance - Standard: K = ±10%; M = ±20%;
(J = ±5% available upon request and review of project/application)
Packaging - N = Taped; A to Z = Special;
Internal use


Similar Part No. - LDEDD3390-A5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDEDD3390 ETC1-LDEDD3390 Datasheet
499Kb / 8P
   PEN-PET H.T
More results

Similar Description - LDEDD3390-A5

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
LDECD3470JA5N00 KEMET-LDECD3470JA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
LDEPD2100KA5N00 KEMET-LDEPD2100KA5N00 Datasheet
1Mb / 16P
   SMD Film Capacitors Catalogue
logo
List of Unclassifed Man...
IPL10020 ETC1-IPL10020 Datasheet
211Kb / 4P
   Shortform Catalogue
logo
Amphenol Corporation
L77SDB25S AMPHENOL-L77SDB25S Datasheet
7Mb / 151P
   Amphenol Preferred Parts Catalogue
logo
AVX Corporation
CL057K0682 AVX-CL057K0682 Datasheet
262Kb / 4P
   High Surge Voltage SMD Film Capacitors
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com