Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2485 Datasheet(PDF) 22 Page - Texas Instruments

Part # LMX2485
Description  50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMX2485 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMX2485_14 Datasheet HTML 18Page - Texas Instruments LMX2485_14 Datasheet HTML 19Page - Texas Instruments LMX2485_14 Datasheet HTML 20Page - Texas Instruments LMX2485_14 Datasheet HTML 21Page - Texas Instruments LMX2485_14 Datasheet HTML 22Page - Texas Instruments LMX2485_14 Datasheet HTML 23Page - Texas Instruments LMX2485_14 Datasheet HTML 24Page - Texas Instruments LMX2485_14 Datasheet HTML 25Page - Texas Instruments LMX2485_14 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
LMX2485, LMX2485E
SNAS236E – OCTOBER 2005 – REVISED FEBRUARY 2008
www.ti.com
POWER PINS, POWER DOWN, AND POWER UP MODES
It is recommended that all of the power pins be filtered with a series 18 ohm resistor and then placing two
capacitors shunt to ground, thus creating a low pass filter. Although it makes sense to use large capacitor values
in theory, the ESR (Equivalent Series Resistance) is greater for larger capacitors. For optimal filtering minimize
the sum of the ESR and theoretical impedance of the capacitor. It is therefore recommended to provide two
capacitors of very different sizes for the best filtering. 1 µF and 100 pF are typical values. The small capacitor
should be placed as close as possible to the pin.
The power down state of the LMX2485 is controlled by many factors. The one factor that overrides all other
factors is the CE pin. If this pin is low, the part will be powered down. Asserting a high logic level on this pin is
necessary to power up the chip, however, there are other bits in the programming registers that can override this
and put the PLL back in a power down state. Provided that the voltage on the CE pin is high, programming the
RF_PD and IF_PD bits to zero guarantees that the part will be powered up. Programming either one of these bits
to one will power down the appropriate section of the synthesizer, provided that the ATPU bit does not override
this.
CE Pin
RF_PD
ATPU
PLL State
Bit Enabled +
Write to RF
N Counter
Low
X
X
Powered Down
(Asynchronous)
High
X
Yes
Powered Up
High
0
No
Powered Up
High
1
No
Powered Down
(Asynchronous)
DIGITAL LOCK DETECT OPERATION
The RF PLL digital lock detect circuitry compares the difference between the phase of the inputs of the phase
detector to a RC generated delay of
ε. To indicate a locked state (Lock = HIGH) the phase error must be less
than the
ε RC delay for 5 consecutive reference cycles. Once in lock (Lock = HIGH), the RC delay is changed to
approximately
δ. To indicate an out of lock state (Lock = LOW), the phase error must become greater δ. The
values of
ε and δ are dependent on which PLL is used and are shown in the table below:
PLL
ε
δ
RF
10 ns
20 ns
IF
15 ns
30 ns
When the PLL is in the power down mode and the Ftest/LD pin is programmed for the lock detect function, it is
forced LOW. The accuracy of this circuit degrades at higher comparison frequencies. To compensate for this, the
DIV4 word should be set to one if the comparison frequency exceeds 20 MHz. The function of this word is to
divide the comparison frequency presented to the lock detect circuit by 4. Note that if the MUX[3:0] word is set
such as to view lock detect for both PLLs, an unlocked (LOW) condition is shown whenever either one of the
PLLs is determined to be out of lock.
22
Submit Documentation Feedback
Copyright © 2005–2008, Texas Instruments Incorporated
Product Folder Links: LMX2485 LMX2485E


Similar Part No. - LMX2485_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2485 TI1-LMX2485_16 Datasheet
1Mb / 46P
[Old version datasheet]   3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
More results

Similar Description - LMX2485_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2485 NSC-LMX2485 Datasheet
868Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485_0610 NSC-LMX2485_0610 Datasheet
880Kb / 37P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
LMX2485 NSC-LMX2485_08 Datasheet
744Kb / 40P
   50 MHz - 3.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 800MHz Integer PLL
LMX2487 NSC-LMX2487 Datasheet
862Kb / 37P
   3.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2486 TI1-LMX2486_14 Datasheet
1Mb / 41P
[Old version datasheet]   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
National Semiconductor ...
LMX2487 NSC-LMX2487_08 Datasheet
729Kb / 40P
   1.0 GHz - 6.0 GHz High Performance Delta-Sigma Low Power Dual PLLatinum??Frequency Synthesizers with 3.0 GHz Integer PLL
logo
Texas Instruments
LMX2485Q-Q1 TI-LMX2485Q-Q1_15 Datasheet
606Kb / 40P
[Old version datasheet]   LMX2485Q 500 MHz - 3.1 GHz High Performance Delta-Sigma Low Power DualPLLatinum??Frequency Synthesizers with 800 MHz Integer PLL
logo
National Semiconductor ...
LMX2486 NSC-LMX2486 Datasheet
870Kb / 37P
   1.0 GHz - 4.5 GHz High Performance Delta-Sigma Low Power Dual PLLatinum TM Frequency Synthesizers with 3.0 GHz Integer PLL
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com