Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C101J5GAC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # C0603C101J5GAC
Description  Precision Clock Conditioner with Integrated VCO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

C0603C101J5GAC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  C0603C101J5GAC Datasheet HTML 1Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 2Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 3Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 4Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 5Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 6Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 7Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 8Page - National Semiconductor (TI) C0603C101J5GAC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
L M K 0 3 0 0 2 C
E V A L U A T I O N
B O A R D
O P E R A T I N G
I N S T R U C T I O N S
2
TABLE OF CONTENTS
GENERAL DESCRIPTION ............................................................................................................................... 3
LOOP FILTER #1 ........................................................................................................................................... 3
READ FIRST, BASIC OPERATION ................................................................................................................... 4
BOARD INFORMATION.................................................................................................................................. 8
OSCin ................................................................................................................................................... 8
Fout ....................................................................................................................................................... 8
Loop Filter ............................................................................................................................................ 8
Features of the board............................................................................................................................. 9
Other Important Notes .......................................................................................................................... 9
RECOMMENDED EQUIPMENT...................................................................................................................... 10
PHASE NOISE ............................................................................................................................................. 11
DELAYS...................................................................................................................................................... 12
CODELOADER SETTINGS ............................................................................................................................ 13
APPENDIX A: VCO PERFORMANCE............................................................................................................ 17
Loop Filter #2 ..................................................................................................................................... 17
APPENDIX B: IMPACT OF REFERENCE ON PHASE NOISE ............................................................................. 19
APPENDIX C: SCHEMATICS ........................................................................................................................ 20
APPENDIX D: BILL OF MATERIALS............................................................................................................. 23
APPENDIX E: BUILD DIAGRAM .................................................................................................................. 25


Similar Part No. - C0603C101J5GAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C101J5GAC KEMET-C0603C101J5GAC Datasheet
125Kb / 4P
   Ceramic Capacitor
C0603C101J5GAC7411 KEMET-C0603C101J5GAC7411 Datasheet
60Kb / 1P
   SMD Comm C0G, Ceramic, 100 pF, 5%, 50 VDC, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I, 0603
C0603C101J5GACAUTO KEMET-C0603C101J5GACAUTO Datasheet
72Kb / 1P
   Ceramic, AUTO-(CxxxxC-AUTO), 100 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
C0603C101J5GACTU KEMET-C0603C101J5GACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 100 pF, 5%, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Class I
More results

Similar Description - C0603C101J5GAC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03200 NSC-LMK03200 Datasheet
819Kb / 40P
   Precision 0-Delay Clock Conditioner with Integrated VCO
logo
Texas Instruments
LMK04100EVAL TI1-LMK04100EVAL_14 Datasheet
1Mb / 47P
[Old version datasheet]   Precision Clock Conditioner with Dual PLLs and Integrated VCO
LMK03200 TI1-LMK03200_14 Datasheet
1Mb / 50P
[Old version datasheet]   Family Precision 0-Delay Clock Conditioner with Integrated VCO
logo
National Semiconductor ...
LMK3001 NSC-LMK3001 Datasheet
3Mb / 23P
   Precision Clock Conditioner with Integrated VCO Evaluation Board Operating Instructions
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
logo
Texas Instruments
LMK03002 TI1-LMK03002 Datasheet
934Kb / 39P
[Old version datasheet]   Precision Clock Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com