Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0046 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LMH0046
Description  HD/SD SDI Reclocker With Dual Differential Outputs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0046 Datasheet(HTML) 4 Page - Texas Instruments

  LMH0046 Datasheet HTML 1Page - Texas Instruments LMH0046 Datasheet HTML 2Page - Texas Instruments LMH0046 Datasheet HTML 3Page - Texas Instruments LMH0046 Datasheet HTML 4Page - Texas Instruments LMH0046 Datasheet HTML 5Page - Texas Instruments LMH0046 Datasheet HTML 6Page - Texas Instruments LMH0046 Datasheet HTML 7Page - Texas Instruments LMH0046 Datasheet HTML 8Page - Texas Instruments LMH0046 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LMH0046
SNLS222F – APRIL 2006 – REVISED APRIL 2013
www.ti.com
Table 1. PIN DESCRIPTIONS
Pin
Name
Description
1
LF1
Loop Filter
2
LF2
Loop Filter
3
RATE 0
Data Rate Select Input
4
RATE 1
Data Rate Select Input
5
SDI
Data Input True
6
SDI
Data Input Complement
7
VCC
Positive power supply input
8
BYPASS/AUTO BYPASS
Bypass/Auto Bypass mode select
9
OUTPUT MUTE
Data and Clock Output Mute Input (active low)
10
XTAL IN/EXT CLK
Crystal or External Oscillator Input
11
XTAL OUT
Crystal Oscillator Output
12
LOCK DETECT
PLL Lock Detect Output (active high)
13
SCO/SDO2
Serial Clock or Serial Data Output 2 Complement
14
SCO/SDO2
Serial Clock or Serial Data Output 2 True
15
VCCO
Positive power supply input (Output Driver)
16
SDO
Data Output Complement
17
SDO
Data Output True
18
VCCO
Positive power supply input (Output Driver)
19
SD/HD
Data Rate Range Output
20
SCO_EN
Serial Clock or Serial Data 2 Output select (active high enables serial clock output)
DAP
VEE
Connect exposed DAP to negative power supply (ground)
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0046


Similar Part No. - LMH0046

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
   HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
Texas Instruments
LMH0046 TI-LMH0046 Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
LMH0046MHX TI-LMH0046MHX Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
logo
National Semiconductor ...
LMH0046MT NSC-LMH0046MT Datasheet
561Kb / 10P
   HD/SD Multi-Rate Serial Digital Video Data Reclocker
More results

Similar Description - LMH0046

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
logo
National Semiconductor ...
LMH0346 NSC-LMH0346_08 Datasheet
310Kb / 14P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0346 NSC-LMH0346_09 Datasheet
374Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0346 TI1-LMH0346_14 Datasheet
882Kb / 24P
[Old version datasheet]   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
logo
National Semiconductor ...
LMH0346_0808 NSC-LMH0346_0808 Datasheet
337Kb / 16P
   3 Gbps HD/SD SDI Reclocker with Dual Differential Outputs
LMH0026 NSC-LMH0026 Datasheet
313Kb / 12P
   SD SDI Reclocker with Dual Differential Outputs
logo
Texas Instruments
LMH0026 TI1-LMH0026 Datasheet
239Kb / 15P
[Old version datasheet]   SD SDI Reclocker with Dual Differential Outputs
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
logo
Semtech Corporation
GS1675 SEMTECH-GS1675 Datasheet
1Mb / 37P
   SD/HD SDI Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com