Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH0044 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMH0044
Description  SMPTE 292M / 259M Adaptive Cable Equalizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH0044 Datasheet(HTML) 4 Page - Texas Instruments

  LMH0044_14 Datasheet HTML 1Page - Texas Instruments LMH0044_14 Datasheet HTML 2Page - Texas Instruments LMH0044_14 Datasheet HTML 3Page - Texas Instruments LMH0044_14 Datasheet HTML 4Page - Texas Instruments LMH0044_14 Datasheet HTML 5Page - Texas Instruments LMH0044_14 Datasheet HTML 6Page - Texas Instruments LMH0044_14 Datasheet HTML 7Page - Texas Instruments LMH0044_14 Datasheet HTML 8Page - Texas Instruments LMH0044_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
AEC+
Equalizer
Filter
AEC-
MUTE
MUTEREF
DC
Restoration/
Level Control
Automatic
Equalization
Control
SDI
SDI
SDO
SDO
BYPASS
Output
Driver
6
Carrier
Detect/
Mute
Energy
Detect
Energy
Detect
CD
LMH0044
SNLS216E – APRIL 2006 – REVISED APRIL 2013
www.ti.com
Table 1. Pin Descriptions
Pin No.
Name
Description
1
VEE
Negative power supply (ground).
2
SDI
Serial data true input.
3
SDI
Serial data complement input.
4
VEE
Negative power supply (ground).
5
AEC+
AEC loop filter external capacitor (1µF) positive connection.
6
AEC-
AEC loop filter external capacitor (1µF) negative connection.
7
BYPASS
Bypasses equalization and DC restoration when high. No equalization occurs in this mode.
8
MUTEREF
Mute reference. Sets the threshold for CD and (with CD tied to MUTE) determines the maximum cable
to be equalized before muting. MUTEREF may be unconnected for maximum equalization.
9
VEE
Negative power supply (ground).
10
SDO
Serial data complement output.
11
SDO
Serial data true output.
12
VEE
Negative power supply (ground).
13
VCC
Positive power supply (+3.3V).
14
MUTE
Output mute. To disable the mute function and enable the output, MUTE must be tied to GND or a low
level signal. To force the outputs to a muted state, tie to VCC. CD may be tied to this pin to inhibit the
output when no input signal is present. MUTE has no function in BYPASS mode.
15
CD
Carrier detect. CD is high when no signal is present. CD has no function in BYPASS mode.
16
VCC
Positive power supply (+3.3V).
DAP
VEE
Connect exposed DAP to negative power supply.
Block Diagram
4
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0044


Similar Part No. - LMH0044_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0044SQ NSC-LMH0044SQ Datasheet
506Kb / 7P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044SQ NSC-LMH0044SQ Datasheet
224Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044SQ NSC-LMH0044SQ Datasheet
254Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0044SQ/NOPB TI1-LMH0044SQ/NOPB Datasheet
742Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044SQE/NOPB TI1-LMH0044SQE/NOPB Datasheet
742Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
More results

Similar Description - LMH0044_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH0034 NSC-LMH0034_07 Datasheet
267Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034 TI1-LMH0034_14 Datasheet
705Kb / 15P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0044 NSC-LMH0044_07 Datasheet
224Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0044 TI1-LMH0044 Datasheet
742Kb / 14P
[Old version datasheet]   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0044 NSC-LMH0044 Datasheet
506Kb / 7P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_09 Datasheet
254Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_08 Datasheet
226Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_09 Datasheet
296Kb / 8P
   SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
CLC034MA-NOPB TI-CLC034MA-NOPB Datasheet
111Kb / 9P
[Old version datasheet]   CLC034 SMPTE 292M / 259M Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com