Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR800A Datasheet(PDF) 11 Page - Texas Instruments

Part # DS125BR800A
Description  Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125BR800A Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS125BR800A_14 Datasheet HTML 7Page - Texas Instruments DS125BR800A_14 Datasheet HTML 8Page - Texas Instruments DS125BR800A_14 Datasheet HTML 9Page - Texas Instruments DS125BR800A_14 Datasheet HTML 10Page - Texas Instruments DS125BR800A_14 Datasheet HTML 11Page - Texas Instruments DS125BR800A_14 Datasheet HTML 12Page - Texas Instruments DS125BR800A_14 Datasheet HTML 13Page - Texas Instruments DS125BR800A_14 Datasheet HTML 14Page - Texas Instruments DS125BR800A_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
DS125BR800A
www.ti.com
SNLS467 – NOVEMBER 2013
FUNCTIONAL DESCRIPTION
The DS125BR800A compensates for lossy FR-4 printed circuit board backplanes and balanced cables. The
DS125BR800A operates in 3 modes: Pin Control Mode (ENSMB = 0), SMBus Slave Mode (ENSMB = 1) and
SMBus Master Mode (ENSMB = float) to load register information from external EEPROM; please refer to
SMBUS Master Mode for additional information.
Pin Control Mode:
When in pin mode (ENSMB = 0), equalization and de-emphasis can be selected via pin for each side
independently. When de-emphasis is asserted VOD is automatically adjusted per Table 4. For PCIe applications,
the RXDET pins provides automatic and manual control for input termination (50
Ω or >50KΩ). MODE setting is
also pin controllable with pin selections (Gen 1/2, auto detect and SAS-3 / PCIe Gen 3). The receiver electrical
idle detect threshold is also adjustable via the SD_TH pin.
SMBUS Mode:
When in SMBus mode (ENSMB = 1), the VOD (output amplitude), equalization, de-emphasis, and termination
disable features are all programmable on a individual lane basis, instead of grouped by A or B as in the pin mode
case. Upon assertion of ENSMB, the EQx and DEMx functions revert to register control immediately. The EQx
and DEMx pins are converted to AD0-AD3 SMBus address inputs. The other external control pins (MODE,
RXDET and SD_TH) remain active unless their respective registers are written to and the appropriate override bit
is set, in which case they are ignored until ENSMB is driven low (pin mode). On power-up and when ENSMB is
driven low all registers are reset to their default state. If PWDN is asserted while ENSMB is high, the registers
retain their current state.
Equalization settings accessible via the pin controls were chosen to meet the needs of most PCIe applications. If
additional fine tuning or adjustment is needed, additional equalization settings can be accessed via the SMBus
registers. Each input has a total of 256 possible equalization settings. The tables show the 16 setting when the
device is in pin mode. When using SMBus mode, the equalization, VOD and de-Emphasis levels are set by
registers.
The 4-Level input pins utilize a resistor divider to help set the 4 valid levels and provide a wider range of control
settings when ENSMB=0. There is an internal 30K pull-up and a 60K pull-down connected to the package pin.
These resistors, together with the external resistor connection combine to achieve the desired voltage level.
Using the 1K pull-up, 1K pull-down, no connect, and 20K pull-down provide the optimal voltage levels for each of
the four input states.
Table 2. 4-Level Control Pin Settings
Level
Setting
3.3V Mode
2.5V Mode
0
Tie 1k
Ω to GND
0.10 V
0.08 V
R
Tie 20k
Ω to GND
1/3 x VIN
1/3 x VDD
Float
Float (leave pin open)
2/3 x VIN
2/3 x VDD
1
Tie 1k
Ω to VDD
VIN - 0.05 V
VDD - 0.04 V
Typical 4-Level Input Thresholds
Level 1 - 2 = 0.2 * VIN or VDD
Level 2 - 3 = 0.5 * VIN or VDD
Level 3 - 4 = 0.8 * VIN or VDD
In order to minimize the startup current associated with the integrated 2.5V regulator the 1K pull-up / pull-down
resistors are recommended. If several 4 level inputs require the same setting, it is possible to combine two or
more 1K resistors into a single lower value resistor. As an example; combining two inputs with a single 500 Ohm
resistor is a good way to save board space.
Copyright © 2013 , Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS125BR800A


Similar Part No. - DS125BR800A_14

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
DS125BR800AEVM TAOS-DS125BR800AEVM Datasheet
708Kb / 18P
   SMA evaluation kit provides a complete high band-width platform to evaluate the signal integrity
logo
Texas Instruments
DS125BR800ANJYR TI1-DS125BR800ANJYR Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800ANJYT TI1-DS125BR800ANJYT Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
More results

Similar Description - DS125BR800A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
[Old version datasheet]   Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_15 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com