Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR800A Datasheet(PDF) 7 Page - Texas Instruments

Part # DS125BR800A
Description  Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS125BR800A Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS125BR800A_14 Datasheet HTML 3Page - Texas Instruments DS125BR800A_14 Datasheet HTML 4Page - Texas Instruments DS125BR800A_14 Datasheet HTML 5Page - Texas Instruments DS125BR800A_14 Datasheet HTML 6Page - Texas Instruments DS125BR800A_14 Datasheet HTML 7Page - Texas Instruments DS125BR800A_14 Datasheet HTML 8Page - Texas Instruments DS125BR800A_14 Datasheet HTML 9Page - Texas Instruments DS125BR800A_14 Datasheet HTML 10Page - Texas Instruments DS125BR800A_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
DS125BR800A
www.ti.com
SNLS467 – NOVEMBER 2013
Electrical Characteristics
(1)(2)(3) (continued)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vil
Low Level Input Voltage
0
0.8
V
Voh
High Level Output Voltage
Ioh= −4mA
2.0
V
(ALL_DONE pin)
Vol
Low Level Output Voltage
Iol= 4mA
0.4
V
(ALL_DONE pin)
Iih
Input High Current (PWDN pin)
VIN = 3.6 V (pin 24),
-15
+15
uA
Input under test = 3.6 V
Input High Current with internal
+20
+150
uA
resistors
(4–level input pin)
Iil
Input Low Current (PWDN pin)
VIN = 3.6 V (pin 24),
-15
+15
uA
Input under test = 0 V
Input Low Current with internal
-160
-40
uA
resistors
(4–level input pin)
CML Receiver Inputs (IN_n+, IN_n-)
RLrx-diff
RX Differential return loss
0.05 - 7.5 GHz
-15
dB
7.5 - 15 GHz
-5
dB
RLrx-cm
RX Common mode return loss
0.05 - 5 GHz
-10
dB
Zrx-dc
RX DC common mode impedance
Tested at VDD = 2.5 V
40
50
60
Zrx-diff-dc
RX DC differntial mode impedance
Tested at VDD = 2.5 V
80
100
120
Vrx-diff-dc
Differential RX peak to peak voltage
Tested at pins
0.6
1.0
1.2
V
(VID)
Vrx-signal-det-diff-pp
Signal detect assert level for active
SD_TH = float,
50
mVp-p
data signal
0101 pattern at 12 Gbps
Vrx-idle-det-diff-pp
Signal detect de-assert level for
SD_TH = float,
37
mVp-p
electrical idle
0101 pattern at 12 Gbps
High Speed Outputs
Vtx-diff-pp
Output Voltage Differential Swing
Differential measurement with
0.8
1.0
1.2
Vp-p
OUT_n+ and OUT_n-,
terminated by 50
Ω to GND,
AC-Coupled, VID = 1.0 Vp-p,
DEM0 = 1, DEM1 = 0(4)
Vtx-de-ratio_3.5
TX de-emphasis ratio
VOD = 1.0 Vp-p,
-3.5
dB
DEM0 = 0, DEM1 = R,
Gen 1 and 2 modes only
Vtx-de-ratio_6
TX de-emphasis ratio
VOD = 1.0 Vp-p,
-6
dB
DEM0 = R, DEM1 = R
Gen1 and 2 modes only
TTX-HF-DJ-DD
TX Dj > 1.5 MHz
0.15
UI
TTX-LF-RMS
TX RMS jitter < 1.5 MHz
3.0
ps RMS
TTX-RISE-FALL
TX rise/fall time
20% to 80% of differential output
35
45
ps
voltage
TRF-MISMATCH
TX rise/fall mismatch
20% to 80% of differential output
0.01
0.1
UI
voltage
RLTX-DIFF
TX Differential return loss
0.05 - 7.5 GHz
-15
dB
7.5 - 15 GHz
-5
dB
RLTX-CM
TX Common mode return loss
0.05 - 5 GHz
-10
dB
ZTX-DIFF-DC
DC differential TX impedance
100
VTX-CM-AC-PP
TX AC peak-peak common mode
VOD = 1.0 Vp-p,
100
mVpp
voltage
DEM0 = 1, DEM1 = 0
ITX-SHORT
TX short circuit current limit
Total current the transmitter can
20
mA
supply when shorted to VDD or
GND
(4)
In SAS3 and GEN3 mode the output VOD level is not fixed. It will be adjusted automatically based on the VID input amplitude level. The
output VOD level set by DEMA/B[1:0] is dependent on the VID level and the frequency content. The DS125BR800A repeater in SAS3
and GEN3 mode is designed to be transparent, so the TX-FIR (de-emphasis) is passed to the RX to support link training.
Copyright © 2013 , Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS125BR800A


Similar Part No. - DS125BR800A_14

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
DS125BR800AEVM TAOS-DS125BR800AEVM Datasheet
708Kb / 18P
   SMA evaluation kit provides a complete high band-width platform to evaluate the signal integrity
logo
Texas Instruments
DS125BR800ANJYR TI1-DS125BR800ANJYR Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800ANJYT TI1-DS125BR800ANJYT Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
More results

Similar Description - DS125BR800A_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR800A TI1-DS125BR800A Datasheet
1Mb / 53P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel (Unidirectional) Repeater With Input Equalization
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS125BR111 TI1-DS125BR111 Datasheet
1Mb / 44P
[Old version datasheet]   Low Power 12.5 Gbps 1-Lane Linear Repeater with Equalization
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS125BR820 TI1-DS125BR820 Datasheet
2Mb / 62P
[Old version datasheet]   Low-Power 12.5 Gbps 8-Channel Linear Repeater
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401SQ TI-DS125BR401SQ Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210_15 Datasheet
1Mb / 53P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS100BR210 TI1-DS100BR210 Datasheet
1Mb / 39P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 2-Channel Repeater with Input Equalization and Output De-Emphasis
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com