Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS99R106 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS99R106
Description  3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R106 Datasheet(HTML) 4 Page - Texas Instruments

  DS99R106 Datasheet HTML 1Page - Texas Instruments DS99R106 Datasheet HTML 2Page - Texas Instruments DS99R106 Datasheet HTML 3Page - Texas Instruments DS99R106 Datasheet HTML 4Page - Texas Instruments DS99R106 Datasheet HTML 5Page - Texas Instruments DS99R106 Datasheet HTML 6Page - Texas Instruments DS99R106 Datasheet HTML 7Page - Texas Instruments DS99R106 Datasheet HTML 8Page - Texas Instruments DS99R106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
DS99R105, DS99R106
SNLS242D – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
(1) (2) (3)
Over recommended operating supply and temperature ranges unless otherwise specified.
Parameter
Test Conditions
Pin/Freq.
Min
Typ
Max
Units
LVCMOS/LVTTL DC SPECIFICATIONS
VIH
High Level Voltage
Tx: DIN[23:0], TCLK,
2.0
1.5
VDD
V
TPWDNB, DEN, TRFB,
VIL
Low Level Input Voltage
GND
1.5
0.8
V
DCAOFF, DCBOFF,
VCL
Input Clamp Voltage
ICL = −18 mA
VODSEL
(4)
−0.8
−1.5
V
Rx: RPWDNB, RRFB,
REN
IIN
Input Current
VIN = 0V or 3.6V
Tx: DIN[23:0], TCLK,
TPWDNB, DEN, TRFB,
−10
±1
+10
µA
DCAOFF, DCBOFF,
VODSEL
Rx: RPWDNB, RRFB,
−20
±5
+20
µA
REN
VOH
High Level Output Voltage
IOH = −4 mA
Rx: ROUT[23:0], RCLK,
2.3
3.0
VDD
V
LOCK
VOL
Low Level Output Voltage
IOL = +4 mA
GND
0.33
0.5
V
IOS
Output Short Circuit Current
VOUT = 0V
−40
−70
−110
mA
(4)
IOZ
TRI-STATE Output Current
RPWDNB, REN = 0V
Rx: ROUT[23:0], RCLK,
−30
±0.4
+30
µA
VOUT = 0V or 2.4V
LOCK
LVDS DC SPECIFICATIONS
VTH
Differential Threshold High
VCM = +1.2V
Rx: RIN+, RIN−
+50
mV
Voltage
VTL
Differential Threshold Low
−50
mV
Voltage
IIN
Input Current
VIN = +2.4V,
±300
µA
VDD = 3.6V
VIN = 0V, VDD = 3.6V
±300
µA
RT
Differential Internal
90
100
130
Termination Resistance
VOD
Output Differential Voltage
RL = 100Ω, w/o Pre-emphasis
Tx: DOUT+, DOUT−
250
400
600
mV
(DOUT+)–(DOUT−)
VODSEL = L (Figure 11)
RL = 100Ω, w/o Pre-emphasis
450
750
1200
mV
VODSEL = H (Figure 11)
ΔVOD
Output Differential Voltage
RL = 100Ω, w/o Pre-emphasis
4
50
mV
Unbalance
VOS
Offset Voltage
RL = 100Ω, w/o Pre-emphasis
1.00
1.25
1.50
V
ΔVOS
Offset Voltage Unbalance
RL = 100Ω, w/o Pre-emphasis
1
50
mV
IOS
Output Short Circuit Current
DOUT = 0V, DIN = H,
TPWDNB, DEN = 2.4V,
−2
−5
−8
mA
VODSEL = L
DOUT = 0V, DIN = H,
TPWDNB, DEN = 2.4V,
−7
−10
−13
mA
VODSEL = H
IOZ
TRI-STATE Output Current
TPWDNB, DEN = 0V,
−15
±1
+15
µA
DOUT = 0V or 2.4V
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Typical values represent most likely parametric norms at VDD = 3.3V, Ta = +25 degC, and at the Recommended Operation Conditions
at the time of product characterization and are not ensured.
(3)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD,
ΔVOD, VTH and VTL which are differential voltages.
(4)
Specification is ensured by characterization and is not tested in production.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS99R105 DS99R106


Similar Part No. - DS99R106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R106 NSC-DS99R106 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R106 TI1-DS99R106 Datasheet
1,017Kb / 29P
[Old version datasheet]   DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R106SQ/NOPB TI1-DS99R106SQ/NOPB Datasheet
1,017Kb / 29P
[Old version datasheet]   DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R106SQX/NOPB TI1-DS99R106SQX/NOPB Datasheet
1,017Kb / 29P
[Old version datasheet]   DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R106VS NSC-DS99R106VS Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results

Similar Description - DS99R106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R103_0710 NSC-DS99R103_0710 Datasheet
924Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_13 Datasheet
1Mb / 29P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS99R101 NSC-DS99R101 Datasheet
901Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R101 TI1-DS99R101_14 Datasheet
917Kb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R101 TI1-DS99R101_13 Datasheet
916Kb / 29P
[Old version datasheet]   DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 TI1-DS99R105_13 Datasheet
1,017Kb / 29P
[Old version datasheet]   DS99R105/DS99R106 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com