Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LX2121 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS92LX2121
Description  10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LX2121 Datasheet(HTML) 5 Page - Texas Instruments

  DS92LX2121 Datasheet HTML 1Page - Texas Instruments DS92LX2121 Datasheet HTML 2Page - Texas Instruments DS92LX2121 Datasheet HTML 3Page - Texas Instruments DS92LX2121 Datasheet HTML 4Page - Texas Instruments DS92LX2121 Datasheet HTML 5Page - Texas Instruments DS92LX2121 Datasheet HTML 6Page - Texas Instruments DS92LX2121 Datasheet HTML 7Page - Texas Instruments DS92LX2121 Datasheet HTML 8Page - Texas Instruments DS92LX2121 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
DS92LX2121, DS92LX2122
www.ti.com
SNLS330J – MAY 2010 – REVISED JANUARY 2014
DS92LX2122 Deserializer PIN DESCRIPTIONS
Pin Name
Pin No.
I/O, Type
Description
LVCMOS PARALLEL INTERFACE
5, 6, 8, 9, 10,
11, 12, 13, 14,
ROUT[20:0]
15, 16, 18, 19,
Outputs, LVCMOS
Parallel data outputs.
21, 22, 23, 24,
25, 26, 27, 28
Pixel Clock Output Pin.
PCLK
4
Output, LVCMOS
Strobe edge set by RFB configuration. In SLEEP, outputs are controlled by the
OSS_SEL.
General Purpose Input (GPI)
General-purpose pins individually configured as inputs; which are used to
GPI[3:0]
30, 31, 32, 33
Input, Digital
control and respond to various commands.
SERIAL CONTROL BUS - I2C COMPATIBLE
Input/Output, Open
Clock line for the serial control bus communication
SCL
2
Drain
SCL requires an external pull-up resistor to VDDIO.
Input/Output, Open
Data line for serial control bus communication
SDA
1
Drain
SDA requires an external pull-up resistor to VDDIO.
I2C Mode Select
M/S = L, Master; device generates and drives the SCL clock line. Device is
Input, LVCMOS w/
connected to slave peripheral on teh bus.
M/S
47
pull up
M/S = H, Slave (default); device accepts SCL clock input and is attached to an
I2C controller master on the bus. Slave mode does not generate the SCL clock,
but uses the clock generated by teh Master for teh data transfer.
Continuous Address Decoder
Input pin to select the Slave Device Address.
CAD
48
Input, analog
Input is connect to external resistor divider to programmable Device ID address
(see Serial Control Bus Connection)
CONTROL AND CONFIGURATION
Power down Mode Input Pin.
PDB = H, Receiver is enabled and is ON.
Input, LVCMOS w/
PDB
35
PDB = L, Receiver is in Sleep (Power down mode). When the Receiver is in the
pull down
SLEEP state, the LVCMOS Outputs are in TRI-STATE, the PLL is shutdown
and IDD is minimized.
LOCK Status Output Pin.
LOCK = H, PLL is Locked, outputs are active
LOCK
34
Output, LVCMOS
LOCK = L, PLL is unlocked, ROUT and PCLK output states are controlled by
OSS_SEL. May be used as Link Status.
Reserved.
Pin 43: Leave pin open.
RES
38, 39, 43, 46
-
Pin 46: This pin MUST be tied LOW.
Pins 38, 39: Route to test point as differential pair or leave open if unused.
BIST MODE
BIST Enable Pin.
Input, LVCMOS w/
BISTEN
44
BISTEN = H, BIST Mode is enabled.
pull down
BISTEN = L, BIST Mode is disabled.
PASS Output Pin for BIST mode.
PASS = H, ERROR FREE Transmission
PASS
37
Output, LVCMOS
PASS = L, one or more errors were detected in the received payload.
Leave Open if unused. Route to test point (pad) recommended.
Channel Link III INTERFACE
Non-inverting differential input, back channel output. The interconnect must be
RIN+
41
Input/Output, CML
AC coupled with a 0.1
μF capacitor.
Inverting differential input, back channel output. The interconnect must be AC
RIN-
42
Input/Output, CML
coupled with a 0.1
μF capacitor.
Copyright © 2010–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS92LX2121 DS92LX2122


Similar Part No. - DS92LX2121

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS92LX2121 NSC-DS92LX2121 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
logo
Texas Instruments
DS92LX2121 TI-DS92LX2121 Datasheet
1Mb / 42P
[Old version datasheet]   DS92LX2121/DS92LX2122 10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2121 TI1-DS92LX2121 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2121SQ/NOPB TI1-DS92LX2121SQ/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX2121SQE/NOPB TI1-DS92LX2121SQE/NOPB Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
More results

Similar Description - DS92LX2121

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LX2121 TI1-DS92LX2121_15 Datasheet
1Mb / 44P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
DS92LX1621 TI1-DS92LX1621_14 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX1621 TI1-DS92LX1621_16 Datasheet
1Mb / 49P
[Old version datasheet]   10 - 50 MHz DC-Balanced Channel Link III Serializer and Deserializer with Bi-Directional Control Channel
DS92LX2121 TI-DS92LX2121 Datasheet
1Mb / 42P
[Old version datasheet]   DS92LX2121/DS92LX2122 10 - 50 MHz DC-Balanced Channel Link III Bi-Directional Control Serializer and Deserializer
logo
National Semiconductor ...
DS92LX1621 NSC-DS92LX1621 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
DS92LX2121 NSC-DS92LX2121 Datasheet
255Kb / 10P
   10 - 50 MHz Channel Link III Serializer and Deserializer with Embedded Bi-Directional Control Channel
logo
Texas Instruments
DS92LX1621 TI1-DS92LX1621 Datasheet
1Mb / 44P
[Old version datasheet]   DS92LX1621/DS92LX1622 10 - 50 MHz DC-Balanced Channel Link III Serializer
DS90UB913Q-Q1 TI1-DS90UB913Q-Q1 Datasheet
1Mb / 70P
[Old version datasheet]   10- to 100-MHz, 10- and 12-Bit DC-Balanced FPD-Link III Serializer and Deserializer With Bidirectional Control Channel
logo
TEXAS ADVANCED OPTOELEC...
DS90UB913Q TAOS-DS90UB913Q_13 Datasheet
1Mb / 63P
   DS90UB913Q/DS90UB914Q 10-100MHz 10/12- Bit DC-Balanced FPD-Link III Serializer and Deserializer with Bidirectional Control Channel
logo
Texas Instruments
DS90UR124Q TI1-DS90UR124Q_14 Datasheet
1Mb / 36P
[Old version datasheet]   MHz DC-Balanced 24-Bit FPD-Link II Serializer and Deserializer Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com