Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV0421 Datasheet(PDF) 10 Page - Texas Instruments

Part # DS92LV0421
Description  10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS92LV0421 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS92LV0421_14 Datasheet HTML 6Page - Texas Instruments DS92LV0421_14 Datasheet HTML 7Page - Texas Instruments DS92LV0421_14 Datasheet HTML 8Page - Texas Instruments DS92LV0421_14 Datasheet HTML 9Page - Texas Instruments DS92LV0421_14 Datasheet HTML 10Page - Texas Instruments DS92LV0421_14 Datasheet HTML 11Page - Texas Instruments DS92LV0421_14 Datasheet HTML 12Page - Texas Instruments DS92LV0421_14 Datasheet HTML 13Page - Texas Instruments DS92LV0421_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
DS92LV0421, DS92LV0422
SNLS325C – MAY 2010 – REVISED APRIL 2013
www.ti.com
DC Electrical Characteristics
(1)(2)(3)(4)(5)(6) (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
Parameter
Test Conditions
Pin/Freq.
Min
Typ
Max
Units
DS92LV0421 CHANNEL LINK PARALLEL LVDS RECEIVER DC SPECIFICATIONS
Differential Threshold High
VTH
+100
Voltage
mV
Differential Threshold Low
VCM = 1.2V, See Figure 4
VTL
−100
Voltage
RxIN[3:0]+/-,
|VID|
Differential Input Voltage Swing
200
600
mV
RxCLKIN+/-,
VDDIO = 3.3V
0
1.2
2.4
VCM
Common Mode Voltage
V
VDDIO = 1.8V
0
1.2
1.7
IIN
Input Current
−10
±1
+10
μA
DS92LV0422 CHANNEL LINK PARALLEL LVDS DRIVER DC SPECIFICATIONS
VODSEL = L
100
250
400
mV
|VOD|
Differential Output Voltage
VODSEL = H
200
400
600
mV
VODSEL = L
500
mVp-p
Differential Output Voltage A –
VODp-p
B
RL = 100Ω
VODSEL = H
800
mVp-p
RxCLKOUT+
,
ΔVOD
Output Voltage Unbalance
1
50
mV
TxCLKOUT-,
VODSEL = L
1.0
1.2
1.5
V
TxOUT[3:0]+,
VOS
Offset Voltage
TxOUT[3:0]-
VODSEL = H
1.2
V
ΔVOS
Offset Voltage Unbalance
1
50
mV
IOS
Output Short Circuit Current
-5
mA
IOZ
Output TRI-STATE® Current
-10
+10
μA
DS92LV0421 Channel Link II CML DRIVER DC SPECIFICATIONS
VODSEL = 0
±225
±300
±375
VOD
Differential Output Voltage
mV
RL = 100Ω,
VODSEL = 1
±350
±450
±550
De-emph = disabled,
VODSEL = 0
600
mVp-p
Differential Output Voltage
See Figure 6
VODp-p
(DOUT+) – (DOUT-)
VODSEL = 1
900
mVp-p
RL = 100Ω, De-emph = disabled,
ΔVOD
Output Voltage Unbalance
1
50
mV
VODSEL = L
DOUT+,
VODSEL = 0
1.65
V
Offset Voltage – Single-ended
RL = 100Ω,
VOS
DOUT-
At TP A & B, See Figure 5
De-emph = disabled
VODSEL = 1
1.575
V
Offset Voltage Unbalance
ΔVOS
Single-ended
RL = 100Ω, De-emph = disabled
1
mV
At TP A & B, See Figure 5
DOUT+/- = 0V,
IOS
Output Short Circuit Current
VODSEL = 0
−36
mA
De-emph = disabled
RT
Internal Termination Resistor
80
120
DS92LV0422 CHANNEL LINK II CML RECEIVER DC SPECIFICATIONS
Differential Input Threshold
VTH
+50
mV
High Voltage
VCM = +1.2V (Internal VBIAS)
Differential Input Threshold Low
RIN+,
VTL
-50
mV
Voltage
RIN-
VCM
Common mode Voltage, Internal VBIAS
1.2
V
RT
Input Termination
85
100
115
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: DS92LV0421 DS92LV0422


Similar Part No. - DS92LV0421_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
More results

Similar Description - DS92LV0421_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV0421 TI1-DS92LV0421_15 Datasheet
1Mb / 48P
[Old version datasheet]   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
National Semiconductor ...
DS92LV0421 NSC-DS92LV0421 Datasheet
998Kb / 40P
   10 - 75 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV0411 NSC-DS92LV0411 Datasheet
994Kb / 40P
   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
logo
Texas Instruments
DS92LV0411 TI1-DS92LV0411_14 Datasheet
1Mb / 53P
[Old version datasheet]   5 - 50 MHz Channel Link II Serializer/Deserializer with LVDS Parallel Interface
DS92LV2421 TI1-DS92LV2421_16 Datasheet
1Mb / 59P
[Old version datasheet]   10-MHz to 75-MHz, 24-Bit Channel Link II Serializer And Deserializer
logo
National Semiconductor ...
DS92LV2421 NSC-DS92LV2421 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
DS92LV2421 NSC-DS92LV2421_11 Datasheet
1Mb / 40P
   10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
Texas Instruments
DS92LV2421SQX-NOPB TI1-DS92LV2421SQX-NOPB Datasheet
1Mb / 50P
[Old version datasheet]   DS92LV2421/DS92LV2422 10 to 75 MHz, 24-bit Channel Link II Serializer and Deserializer
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
DS32EL0124 NSC-DS32EL0124_09 Datasheet
1Mb / 28P
   125 MHz- 312.5 MHz FPGA-Link Deserializer with DDR LVDS Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com