Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90UR910Q Datasheet(PDF) 6 Page - Texas Instruments

Part # DS90UR910Q
Description  10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS90UR910Q Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS90UR910Q_14 Datasheet HTML 2Page - Texas Instruments DS90UR910Q_14 Datasheet HTML 3Page - Texas Instruments DS90UR910Q_14 Datasheet HTML 4Page - Texas Instruments DS90UR910Q_14 Datasheet HTML 5Page - Texas Instruments DS90UR910Q_14 Datasheet HTML 6Page - Texas Instruments DS90UR910Q_14 Datasheet HTML 7Page - Texas Instruments DS90UR910Q_14 Datasheet HTML 8Page - Texas Instruments DS90UR910Q_14 Datasheet HTML 9Page - Texas Instruments DS90UR910Q_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
DS90UR910Q
SNLS414C – JUNE 2012 – REVISED MAY 2013
www.ti.com
DC ELECTRICAL CHARACTERISTICS
(1) (2) (3)
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
3.3V I/O LVCMOS DC SPECIFICATIONS – VDDIO = 3.0 to 3.6V (BISTEN, LOCK, PASS, PDB, EQ[3:1], ID[1:0], CONFIG[1:0], GPIO)
VIH
High Level Input Voltage
VIN = 3.0V to 3.6V
2.2
VDDIO
V
VIL
Low Level Input Voltage
VIN = 3.0V to 3.6V
GND
0.8
V
IIN
Input Current
VIN = 0V or VDDIO
−15
+15
μA
VOH
High Level Output Voltage
IOH = −2 mA
2.4
VDDIO
V
VOL
Low Level Output Voltage
IOL = +2 mA
GND
0.4
V
IOZ
TRI-STATE Output Current
PDB = 0V
−15
+15
uA
1.8V I/O LVCMOS DC SPECIFICATIONS – VDDIO = 1.71 to 1.89V (BISTEN, LOCK, PASS, PDB, EQ[3:1], ID[1:0], CONFIG[1:0], GPIO)
0.65*
VIH
High Level Input Voltage
VIN = 1.71V to 1.89V
VDDIO
V
VDDIO
0.35*
VIL
Low Level Input Voltage
VIN = 1.71V to 1.89V
GND
V
VDDIO
IIN
Input Current
VIN = 0V or VDDIO
−15
+15
μA
VDDIO
VOH
High Level Output Voltage
IOH = −2 mA
VDDIO
V
−0.45
VOL
Low Level Output Voltage
IOL = +2 mA
GND
0.45
V
IOZ
TRI-STATE® Output Current
PDB = 0V
−15
+15
µA
SUPPLY CURRENT
IDD1
Supply current
Supply current drawn from
VDDL, VDDP, VDDA
1.8V rail (VDDL, VDDP, VDDA)
= 1.89V
88
95
mA
Checker Board Pattern
f = 75 MHz
(900 Mbps)
VDDL, VDDP, VDDA
= 1.89V
38
mA
f = 10 MHz
(120 Mbps)
IDDTX1
Supply current drawn at
VDDCSI = 1.89V
VDDCSI
f = 75 MHz
50
65
mA
Checker Board Pattern
(900 Mbps)
VDDCSI = 1.89V
f = 10 MHz
22
mA
(120 Mbps)
IDDIO1
Supply current drawn at VDDIO VDDIO = 1.89V
Checker Board Pattern
f = 75 MHz
10
mA
(900 Mbps)
VDDIO = 3.6V
f = 75 MHz
15
mA
(900 Mbps)
(1)
Current into device pins is defined as positive. Current out of a device pin is defined as negative. Voltages are referenced to ground
except VOD,
ΔVOD, VTH and VTL which are differential voltages.
(2)
Typical values represent most likely parametric norms at VDD = 3.3V, Ta = +25 degC, and at the Recommended Operation Conditions at
the time of product characterization and are not ensured.
(3)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DS90UR910Q


Similar Part No. - DS90UR910Q_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UR910QSQ/NOPB TI1-DS90UR910QSQ/NOPB Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
DS90UR910QSQE/NOPB TI1-DS90UR910QSQE/NOPB Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
DS90UR910QSQX/NOPB TI1-DS90UR910QSQX/NOPB Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
More results

Similar Description - DS90UR910Q_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90UR910-Q1 TI1-DS90UR910-Q1 Datasheet
417Kb / 34P
[Old version datasheet]   10 - 75 MHz 24-bit Color FPD-Link II to CSI-2 Converter
DS90UR907Q-Q1 TI1-DS90UR907Q-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   24-Bit Color FPD-Link to FPD-Link II Converter
DS90UR908Q TI1-DS90UR908Q_14 Datasheet
855Kb / 33P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS90UR908Q NSC-DS90UR908Q Datasheet
681Kb / 30P
   5 - 65 MHz 24-bit Color FPD-Link II to FPD-Link Converter
DS90UR907Q NSC-DS90UR907Q_10 Datasheet
693Kb / 26P
   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
logo
Texas Instruments
DS90UR907Q TI1-DS90UR907Q Datasheet
527Kb / 27P
[Old version datasheet]   5 - 65 MHz 24-bit Color FPD-Link to FPD-Link II Converter
DS99R124AQ TI1-DS99R124AQ_14 Datasheet
829Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
DS99R124Q TI1-DS99R124Q_15 Datasheet
823Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
National Semiconductor ...
DS99R124Q NSC-DS99R124Q Datasheet
671Kb / 24P
   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
logo
Texas Instruments
DS99R124Q TI1-DS99R124Q_14 Datasheet
869Kb / 31P
[Old version datasheet]   5 - 43 MHz 18-bit Color FPD-Link II to FPD-Link Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com