Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TR200PW Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # TR200PW
Description  Programmable Thermal Resistance Isolators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TR200PW Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  TR200PW Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TR200PW Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TR200PW Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TR200PW Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TRxxxPW
2013.06.07-A/1
Page 1 of 4
Programmable Thermal Resistance
Isolators
——TRxxxPW Series
PART NUMBER SYSTEM
TRx xx PW
Sl im ca se
Se ri a l nu mber
Ch a nne l con figu ra tior
The rma l Re si stan ce signal
Tran sdu ce r type
Prog ra mma b le
FEATURES
●3-port electrical isolation between input, output
and power supply
●12.5mm slim case
● High accuracy (0.1% F.S.)
● High linearity (0.1% F.S.)
● Low temperature drift(50PPM/°C)
● Low-power dissipation
● Good EMC performance
● miniUSB port communication
● Input / Output range programmable
● High reliability(MTBF>500,000 hours)
GENERAL DESCRIPTION
TRxxxPW series thermal resistance isolator which are
mainly applied in industrial automation systems can isolated
convert thermal resistance input signal of the industrial field
instruments to the matched analog output signal for the
DCS/PLC, realizing the acquisition and transmission of field
signal.
An independent power supply is needed for
the
product
and the port of power supply, input and output are isolated from
each other. This series of products contain combinations of 1
input 1 output , 1 input 2 output, 2 input 2 output and so on.
The thickness of 12.5mm meet the need for high density field
installation.
Connection of field devices and the regions:
2-wire, 3-wire thermal resistance
PRODUCT TYPE
Output type
1 input 1 output
2 input 2 output
1 input 2 output
Current output
TR100PW
TR200PW
TR600PW
Voltage output
TR140PW
TR240PW
TR640PW
Input signal: programmable(2-wire system or 3-wire system input)
Signal Type
Range
The minimum range
Pt100
-200~+850℃
50℃
Cu50
-50~+150℃
50℃
Cu100
-50~+150℃
50℃
Output signal:
Output type
Output signal
Current output
4~20mA / 0~20mA ( programmable)
Voltage output
0~5V / 0~10V / 1~5V / 2~10V ( programmable)
Note:1. Customers need to choose the type of the input signal, output signal and range. We could also offer customer design for special input and output.
2. You can get the USB Adapter T-01 for the isolator from MORNSUN free of charge if you need.
ELECTRICAL CHARACTERISTICS
Input voltage
18~30VDC(Typical values 24VDC)
Power dissipation
1 input 1output<1W
1 input 2 output, 2 input 2 output <1.5W
Power input
parameters
Power protection
Reverse polarity protection
Field Area
View Product Model input signal
≤500Ω(Output current maximum)
Load capacity
≥1MΩ(Output voltage maximum)
Communication port
miniUSB port
Communication protocol
See "MORNSUN Modbus Protocol Rules"
Control Area
Fault output


Similar Part No. - TR200PW

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TR200PI MORNSUN-TR200PI Datasheet
455Kb / 3P
   PROGRAMMABLE RTDS DETECTION TYPE ISOLATION BARRIER
More results

Similar Description - TR200PW

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TC100PW MORNSUN-TC100PW Datasheet
574Kb / 4P
   Programmable Thermocouple isolators
logo
Integrated Technology F...
TCS050T ITF-TCS050T Datasheet
106Kb / 1P
   Low thermal resistance
logo
Infineon Technologies A...
BSC072N08NS5 INFINEON-BSC072N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-27
BSC037N08NS5 INFINEON-BSC037N08NS5 Datasheet
1Mb / 12P
   Superior thermal resistance
Rev.2.0,2014-12-17
logo
Ohmite Mfg. Co.
RES-TEH70 OHMITE-RES-TEH70 Datasheet
331Kb / 2P
   Low thermal resistance
logo
STMicroelectronics
STGB30M65DF2 STMICROELECTRONICS-STGB30M65DF2 Datasheet
881Kb / 18P
   Low thermal resistance
April 2017 Rev 3
logo
Infineon Technologies A...
IPA060N06N INFINEON-IPA060N06N Datasheet
1Mb / 11P
   Superior thermal resistance
Rev.2.1
logo
STMicroelectronics
STGW80H65FB STMICROELECTRONICS-STGW80H65FB Datasheet
1Mb / 18P
   Low thermal resistance
June 2014 Rev 1
STGB30V60F STMICROELECTRONICS-STGB30V60F Datasheet
1Mb / 19P
   Low thermal resistance
April 2014 Rev 4
logo
International Rectifier
IRFI734GPBF IRF-IRFI734GPBF Datasheet
282Kb / 8P
   Low Thermal Resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com