Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TE6654N Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # TE6654N
Description  ACTIVE HIGH PRECISION AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TE6654N Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  TE6654N Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TE6654N Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TE6654N Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TE6654N Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. TE6654N Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TExxxxN
2013.04.25-A/0
Page 4 of 6
Function
In the figure, Signal in is detected electrical signals, Signal out is electrical signals for control system of isolation transmission. VCC is isolated power
supply provided from control system. Typical power signal is positive and negative sine wave signal. 431 R1 R2 and R3 is voltage stabilizing circuit in the
circuit, and they can achieve zero adjustment of the input signal. Amplifier of TE_N series
achieve signal transmission function and power supply function
of voltage stabilizing circuit. R4,R5,C1 achieve DC output signal filtering functions.
Working principle
Supposing detected signal is 5V sine wave signal. When the input signal is passed through stabilizing circuit which is composed of 431,R1,R2 and R3,
input signal of TE_N transmitter become 0~10V sine wave signal. If the amplifier is the one which has 0~10V input and 0~10V output, TE_N transmitter output
would be output 0~10 v sine wave signal at this time. After passed through filter circuit which is compos
ed of R4,R5 and C1, the DC component of 0~10V
sine wave signal is filtered, and the output only have ±5V sine wave signal.
Parameter
In the application, typical values of R1, R2 and R3 are 10K
Ω, and reference Voltage of 413 is 2.5V. Component regulated voltage is 5V.
Voltage accuracy can achieve a variety of application requirements of high precision according to the resistance tolerance precision. Typical
application range of R4 is 2K
Ω~5KΩ. Because signal output voltage is positive and negative, there will be a transmitter output signal current
return-irrigation phenomenon when the voltage signal output is negative.R4 should choose a smaller value in order to reduce the influence of the
return-irrigation current. C1 should be chosen low internal resistance capacitance. Normally ceramic capacitor with volume more than 10uF will be
suitable. Because C1 achieves the function of getting through AC and preventing DC. Large capacitance resistance and small capacitance value
can make AC signal distorted. The recommended value of R5 should be more than 100K
Ω, and implements a DC signal to zero in the circuit. The
increase of value of R5 can make the time of DC signal to zero longer, and make the startup time longer. If load in circuit is too small, then the load
for AC will be increased, so that AC signal will be distorted.
Notice
Because the transmitter of TE_N series can not input negative voltage signal, it need to pay attention to narrow signal voltage amplitude and
have the necessary margin in the design. It can guarantee the normal work of the circuit and reduce the risk of signal distortion.
4.Application
—Zero and full adjustment function
Zero and full adjustment recommended setting circuit is as shown
Routine zero and full adjustment circuit
24 V power input zero and full adjustment circuit
Function
Zero adjustment function by setting up adjustment resistor at the zero point can change the zero signal transmission, which makes the output
signal overall migration. Full adjustment function is also called the gain adjustment function, and it can change the ratio of signal transmission
through the set up corresponding adjust resistance at the full adjustment, and the isolation transmission proportion of input and output signal value
would be changed.
Usage
Adding and reducing negative zero resistance can reduce the zero of signal output. Adding and reducing positive zero resistance can increase
the zero of signal output. Adding and reducing negative full adjustable resistance can reduce the ratio of signal transmission, Adding and reducing
negative full adjustable resistance can increase the ratio of signal transmission. You can use potentiometer to adjust the output signal of zero and
full in practical application. As shown in the figure, the terminal of full or zero adjustment is connected to the sliding of potentiometer, and the both
ends of potentiometer is to the zero or full reference of positive and negative regulating reference . Sliding potentiometer to adjust signal full or
changing the ratio of rise and fall can also adjust zero and full of the output signal.
As shown in the figure, zero positive reference adjusting is different between 24V input product and other power input products, so the zero
adjustment circuit is also different. Adjusting the potentiometer to positive can increase zero or full of the corresponding signal. Adjusting the
potentiometer to negative can reduce zero or full of the corresponding signal. The maximum recommended range of potentiometer is 10K
Ω~1MΩ,
detail resistance selection according to the adjustment accuracy. Choose larger resistance potentiometer for high precision fine-tuning. Choose
smaller resistance potentiometer for a wide range of rough adjustment.
Notice
The accuracy of transmitter of TE_N series is already 0.1%FS during production and before shipment, using the function of zero and full
adjustment will affect original accuracy. Due to the effect on temperature drift of external adjustment resistor and the stability of the potentiometer,
temperature drift of product will be changed, too.
The 1:1 ratio for positive resistance and negative resistance of full adjustment potentiometer is desired full adjustment. For the zero adjustment
potentiometer, the ratio between positive resistance and negative resistance, which makes the zero point of different products predetermined Zero
point is diverse. Please set the value of potentiometer according to actual situation.
NOTICE
1. Please read the user manual carefully before using. If any question please contact our FAE.
2. Please do not use this product in hazardous area.
3. The power supply of this product should be 24VDC power source. It is forbidden to use 220VAC power supply.
4. To avoid invalid explosion protection function, or any failure, disassembling this product is forbidden.
Zero adjustment
potentiometer
Full adjustment
potentiometer
Power input
Power output
Singal input
Power distribution
output
D3
3
+
1
-
2
+
9
-
8
D4
D5
+
18
+
10
-
11
-
17
C1
D1
D2
2
C
16
Zero adjustment
potentiometer
Full adjustment
potentiometer
Power input
Power output
Singal input
Power distribution
output
+
18
+
10
-
11
-
17
C1
D1
D2
2
C
16
15
D3
3
+
1
-
2
+
9
-
8
D4
D5


Similar Part No. - TE6654N

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TE6650CN MORNSUN-TE6650CN Datasheet
682Kb / 3P
   Two- port isolation
TE6650HN MORNSUN-TE6650HN Datasheet
1Mb / 6P
   Two-terminal isolation
More results

Similar Description - TE6654N

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
T5230CP MORNSUN-T5230CP Datasheet
528Kb / 3P
   ACTIVE HIGH PRECISION AMPLIFIER
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
logo
Mitsumi Electronics, Co...
MM1278 MITSUMI-MM1278 Datasheet
62Kb / 3P
   High Precision Operational Amplifier
logo
List of Unclassifed Man...
AM447 ETC-AM447 Datasheet
89Kb / 6P
   High Precision Instrumentation Amplifier
logo
Texas Instruments
OPA4277-SP TI1-OPA4277-SP Datasheet
357Kb / 21P
[Old version datasheet]   High-Precision Operational Amplifier
OPA2277-DIE TI1-OPA2277-DIE Datasheet
168Kb / 4P
[Old version datasheet]   HIGH-PRECISION OPERATIONAL AMPLIFIER
OPA4277-EP TI1-OPA4277-EP_16 Datasheet
972Kb / 23P
[Old version datasheet]   High Precision Operational Amplifier
logo
MORNSUN Science& Techno...
T1133D-S MORNSUN-T1133D-S Datasheet
130Kb / 2P
   ACTIVE SIGNAL AMPLIFIER
T1530D-S MORNSUN-T1530D-S Datasheet
130Kb / 2P
   ACTIVE SIGNAL AMPLIFIER
T5150D-S MORNSUN-T5150D-S Datasheet
92Kb / 2P
   ACTIVE SIGNAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com