Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD302D232H Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TD302D232H
Description  DUALHIGH SPEED RS232 ISOLATION TRANSCEIVER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD302D232H Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TD302D232H Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD302D232H Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD302D232H Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TDx02D232H
2013.03.19-A/0
Page 3 of 3
APPLICATION NOTE
1. Please read the user manual carefully before using. If any question please contact our technical support department.
2. Please do not use this product in hazardous area.
3. To avoid invalid explosion protection function, or any failure, users disassemble this product is forbidden.
AFTER SERVICE
1. Products are carefully inspected and quality control during production and before shipment. If they operated abnormally or there were anything
wrong, please contact our agent near you or MORNSUN FAE as soon as possible.
2. MORNSUN warranty our product for 3 years from manufacturing date. During this peroid, MORNSUN will repair or replace the product if product
was found to have manufacturing defect.
APPLICATION GUIDE
See the communication interface product application guide.
Note:
1. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all test methods and setup are based on our corporate standards.
3. All characteristics are meant for listed model, non-standard models may perform differently, you can contact MORNSUN FAE for more details.
4. Contact us for your specific requirement.
5. Specifications are subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING


Similar Part No. - TD302D232H

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD302DCAN MORNSUN-TD302DCAN Datasheet
541Kb / 3P
   DUPLEX UNIVERSAL CAN ISOLATION TRANSCEIVER MODULE
More results

Similar Description - TD302D232H

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301D232H MORNSUN-TD301D232H Datasheet
901Kb / 3P
   SINGLE HIGH SPEED RS232 ISOLATION TRANSCEIVER
TD31IP485H MORNSUN-TD31IP485H Datasheet
750Kb / 3P
   DUAL ISOLATION HIGH SPEED H-485 TRANSCEIVER
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD1211D485H MORNSUN-TD1211D485H Datasheet
349Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD312P485H MORNSUN-TD312P485H Datasheet
493Kb / 3P
   DUAL HIGH SPEED H-485 ISOLATION TRANSCEIVER
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD311D485H MORNSUN-TD311D485H Datasheet
343Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
logo
Guangzhou Reicu Electro...
RSM232 REICU-RSM232 Datasheet
6Mb / 1P
   RS232 Isolated transceiver module
REV:15.4
logo
Linear Technology
LTC1383 LINER-LTC1383_15 Datasheet
120Kb / 8P
   5V Low Power RS232 Transceiver
LTC1383 LINER-LTC1383 Datasheet
212Kb / 8P
   5V Low Power RS232 Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com