Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5S14 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SM5S14
Description  Surface Mount PAR Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM5S14 Datasheet(HTML) 2 Page - Vishay Siliconix

  SM5S14 Datasheet HTML 1Page - Vishay Siliconix SM5S14 Datasheet HTML 2Page - Vishay Siliconix SM5S14 Datasheet HTML 3Page - Vishay Siliconix SM5S14 Datasheet HTML 4Page - Vishay Siliconix SM5S14 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM5S10 thru SM5S36A
www.vishay.com
Vishay General Semiconductor
Revision: 14-Sep-11
2
Document Number: 88382
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For all types maximum VF = 2.0 V at IF = 100 A measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses
per minute maximum
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
DEVICE
TYPE
BREAKDOWN
VOLTAGE
VBR (V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (μA)
MAXIMUM REVERSE
LEAKAGE
AT VWM
TJ = 175 °C
ID (μA)
MAX. PEAK
PULSE CURRENT
AT 10/1000 μs
WAVEFORM
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MIN.
MAX.
SM5S10
11.1
13.6
5.0
10.0
15
250
191
18.8
SM5S10A
11.1
12.3
5.0
10.0
15
250
212
17.0
SM5S11
12.2
14.9
5.0
11.0
10
150
179
20.1
SM5S11A
12.2
13.5
5.0
11.0
10
150
198
18.2
SM5S12
13.3
16.3
5.0
12.0
10
150
164
22.0
SM5S12A
13.3
14.7
5.0
12.0
10
150
181
19.9
SM5S13
14.4
17.6
5.0
13.0
10
150
151
23.8
SM5S13A
14.4
15.9
5.0
13.0
10
150
167
21.5
SM5S14
15.6
19.1
5.0
14.0
10
150
140
25.8
SM5S14A
15.6
17.2
5.0
14.0
10
150
155
23.2
SM5S15
16.7
20.4
5.0
15.0
10
150
134
26.9
SM5S15A
16.7
18.5
5.0
15.0
10
150
148
24.4
SM5S16
17.8
21.8
5.0
16.0
10
150
125
28.8
SM5S16A
17.8
19.7
5.0
16.0
10
150
138
26.0
SM5S17
18.9
23.1
5.0
17.0
10
150
118
30.5
SM5S17A
18.9
20.9
5.0
17.0
10
150
130
27.6
SM5S18
20.0
24.4
5.0
18.0
10
150
112
32.2
SM5S18A
20.0
22.1
5.0
18.0
10
150
123
29.2
SM5S20
22.2
27.1
5.0
20.0
10
150
101
35.8
SM5S20A
22.2
24.5
5.0
20.0
10
150
111
32.4
SM5S22
24.4
29.8
5.0
22.0
10
150
91
39.4
SM5S22A
24.4
26.9
5.0
22.0
10
150
101
35.5
SM5S24
26.7
32.6
5.0
24.0
10
150
84
43.0
SM5S24A
26.7
29.5
5.0
24.0
10
150
93
38.9
SM5S26
28.9
35.3
5.0
26.0
10
150
77
46.6
SM5S26A
28.9
31.9
5.0
26.0
10
150
86
42.1
SM5S28
31.1
38.0
5.0
28.0
10
150
72
50.1
SM5S28A
31.1
34.4
5.0
28.0
10
150
79
45.4
SM5S30
33.3
40.7
5.0
30.0
10
150
67
53.5
SM5S30A
33.3
36.8
5.0
30.0
10
150
74
48.4
SM5S33
36.7
44.9
5.0
33.0
10
150
61
59.0
SM5S33A
36.7
40.6
5.0
33.0
10
150
68
53.3
SM5S36
40.0
48.9
5.0
36.0
10
150
56
64.3
SM5S36A
40.0
44.2
5.0
36.0
10
150
62
58.1


Similar Part No. - SM5S14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM5S14 VISHAY-SM5S14 Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM5S14 VISHAY-SM5S14 Datasheet
103Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S14 VISHAY-SM5S14 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
logo
Shenzhen Luguang Electr...
SM5S14 LUGUANG-SM5S14 Datasheet
49Kb / 3P
   Automotive Transient Voltage Suppressors
logo
Yangzhou yangjie electr...
SM5S14A YANGJIE-SM5S14A Datasheet
265Kb / 5P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SM5S14

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
3KASMC10 VISHAY-3KASMC10_11 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 29-Jul-11
SM5A27 VISHAY-SM5A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM6S10 VISHAY-SM6S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8A27 VISHAY-SM8A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
TPSMA6.8 VISHAY-TPSMA6.8_11 Datasheet
81Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com