Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ERD29 Datasheet(PDF) 2 Page - Fuji Electric

Part No. ERD29
Description  FAST RECOVERY DIODE( 200 to 600V / 2.5A )
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

ERD29 Datasheet(HTML) 2 Page - Fuji Electric

  ERD29 Datasheet HTML 1Page - Fuji Electric ERD29 Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ERD29(2.5A)
(200V to 600V / 2.5A )
Characteristics
Forward characteristics
VF [V]
Reverse characteristics
VR [V]
IF
[A]
IR
[µA]
Surge capability
IFSM
[A]
1
3
5
10
30
Current derating (IF(AV)-Ta)
IF(AV)
[A]
Ta [°C]
Junction capacitance characteristics
Cj
[pF]
VR [V]
10
5
3
1.0
0.5
0.3
0
50
30
10
5
3
0
0.2
0.4
0.6
0.8
1.0
1.2
100
50
30
10
5
3
1
0.1
0
100
200
300
400
500
600
700
2.8
2.4
2.0
1.6
1.2
0.8
0.4
0
0
20
40
60
80
100
120
140
100
50
30
10
5
10
30
50
100
300
[time] (at 50Hz)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn