Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TD301D485 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # TD301D485
Description  SINGLE LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TD301D485 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  TD301D485 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TD301D485 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TD301D485 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TDx01D485
2013.12.04-A/1
Page 3 of3
Note:
1. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all test methods and setup are based on our corporate standards.
3. All characteristics are meant for listed model, non-standard models may perform differently, you can contact MORNSUN FAE for more details.
4. Contact us for your specific requirement.
5. Specifications are subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.cn
APPLICATION NOTE
1. Please read the user manual carefully before using. If any question please contact our technical support department.
2. Please do not use this product in hazardous area.
3. To avoid invalid explosion protection function, or any failure, users disassemble this product is forbidden.
AFTER SERVICE
4. Products are carefully inspected and quality control during production and before shipment. If they operated abnormally or there were anything
wrong, please contact our agent near you or MORNSUN FAE as soon as possible.
5. MORNSUN warranty our product for 3 years from manufacturing date. During this period, MORNSUN will repair or replace the product if
product was found to have manufacturing defect.
APPLICATION GUIDE
See the communication interface product application guide.
TYPICAL APPLICATIONS CIRCUIT DIAGRAM
RXD
MCU
CON
VCC
TXD
GND
VCC
RXD
485Bus
A
B
TXD
3
4
5
1
2
CON
RGND
8
10
9
R
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING


Similar Part No. - TD301D485

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD301D485 MORNSUN-TD301D485 Datasheet
877Kb / 4P
   Isolation transceiver module
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
253Kb / 4P
   Industrial Bus
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H-E MORNSUN-TD301D485H-E Datasheet
358Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVERMODULE
More results

Similar Description - TD301D485

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TD312P485 MORNSUN-TD312P485 Datasheet
338Kb / 3P
   DUAL LOW RATE RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H-A MORNSUN-TD301D485H-A Datasheet
555Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301D485H MORNSUN-TD301D485H Datasheet
332Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD311D485H MORNSUN-TD311D485H Datasheet
343Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD1211D485H MORNSUN-TD1211D485H Datasheet
349Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVER MODULE
TD301DCANH3 MORNSUN-TD301DCANH3 Datasheet
872Kb / 3P
   SINGLE HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD301DCANH2 MORNSUN-TD301DCANH2 Datasheet
871Kb / 3P
   DUPLEX HIGH RATE H-CAN ISOLATION TRANSCEIVER MODULE
TD301D485H-E MORNSUN-TD301D485H-E Datasheet
358Kb / 3P
   SINGLE HIGH SPEED RS485 ISOLATION TRANSCEIVERMODULE
TD301D485H-E MORNSUN-TD301D485H-E_15 Datasheet
273Kb / 4P
   Isolation transceiver module
TD301D485 MORNSUN-TD301D485_15 Datasheet
877Kb / 4P
   Isolation transceiver module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com