Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS-232 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # RS-232
Description  RS485竊뉶ull-duplex竊뎘nput isolation safety barrier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

RS-232 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  RS-232 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. RS-232 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. RS-232 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. RS-232 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TD10x-EX-485
2013.07.01-A/1
Page 1 of 4
RS485(Full-duplex)input isolation safety
barrier
TD102-EX-485(RS485 Full-duplex output)
TD103-EX-485(RS232 output)
FEATURES
l Three-port isolation (input, output and power
supply)
l High isolation voltage (2500VAC/60S)
l High reliability (MTBF>500,000 hours)
GENERAL DESCRIPTION
TD10x-EX-485 input isolation safety barrier, It can supply
isolated DC power of the transmitters from the security zone to the
danger zone, transform the RS-4 85
digital signal of danger zone
into isolated RS-485 or RS-232 digital signal transmission to the
security zone, while increasing the anti-jamming capability of the
industrial production process control system, to ensure system
stability and reliability. It meets IEC/EN61326 standards.
One independent power supply is required. Moreover, within
the product power supply, input and output are mutually isolated.
Field devices connected with this product:
RS-485 bus
ELECTRICAL CHARACTERISTICS
Power Supply
18~32VDC(Typ. :24VDC)
Power Dissipation
About 1.5W
Power
Power Protection
Reverse protection
Input signal:RS-485 Full-duplex digital signal
Hazardous
Area
On-site power supply:
5V, 6V:I
≤100mA
8V, 9V:I
≤50mA
RS-485 Half-duplex digital signal(TD102-EX-485)
Safe Area
RS-232 digital signal(TD103-EX-485)
SIGNAL CHARACTERISTICS
RS-485
Signal level rules: Standard RS-485 differential level
Transmission delay:
≤10μS
Signal transmission rate:
≤56kbps
RS-232
Signal level rules: Standard RS-232 Logic level
Transmission delay:
≤10μS
Signal transmission rate:
≤56kbps
ISOLATION CHARACTERISTICS
Galvanic Isolation
intrinsically safe end and non-intrinsically safe end 2500VAC
1Min
1.5KVDC between safe area power and signal
Isolation Voltage
1.5KVDC between hazardous area with isolated power output and signal
Test conditions: testing for 1minute, humidity < 70%, leakage current < 5mA
EMC CHARACTERISTICS
EMC
EN61326
OTHER CHARACTERISTICS
Green: Power, lighting at power on.
Yellow: Send Indicator, safety side lights when data is sending.
Signal Indicator
Red: Receive Indicator, safety side lights when data is receiving.
Operation temperature: -25
°C ~ +71°C
Ambient Temperature
Transport and storage temperature: -50
°C ~ +105°C
Field Devices Connected
and Regions
Equipm ent with RS-485 communication interface
Zone 0, Zone 1, Zone 2, II A, II B, II C, T4~T6 danger zone
Package
35mm DIN-rail package: pluggable connection pin, thickness 22.5mm,Plastic UL94-V0
Safety Class
IP20(IEC60529 / EN60529)
Weight
about 150g


Similar Part No. - RS-232

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RS-232 ETC1-RS-232 Datasheet
144Kb / 11P
   PL-2303 USB to RS-232 Bridge Controller Product Datasheet
logo
Advantech Co., Ltd.
RS-232 ADVANTECH-RS-232 Datasheet
346Kb / 1P
   RS-232 to RS-422 Converter
logo
Grayhill, Inc
RS-232 GRAYHILL-RS-232 Datasheet
870Kb / 1P
   COMMUNICATION CONVERTERS
logo
List of Unclassifed Man...
RS-232 ETC2-RS-232 Datasheet
169Kb / 2P
   Battery Powered Converter CE
logo
Exar Corporation
RS-232 EXAR-RS-232 Datasheet
1Mb / 21P
   RS-232/RS-485/RS-422 TRANSCEIVER WITH INTERNAL TERMINATION
More results

Similar Description - RS-232

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PBMB50B12 NI-PBMB50B12_15 Datasheet
202Kb / 3P
   竊뺧폁 竊∽펽竊묕폃竊먲폁竊
PCHMB50B12 NI-PCHMB50B12_15 Datasheet
200Kb / 3P
   竊뺧폁 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com