Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC140PW-EX Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # TC140PW-EX
Description  PROGRAMMABLE THERMOCOUPIES ISOLATION SAFETY BARRIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

TC140PW-EX Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  TC140PW-EX Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. TC140PW-EX Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. TC140PW-EX Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. TC140PW-EX Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
TCxxxPW-EX
2013.11.01-A/0
Page 4 of4
Note:
1. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
2. In this datasheet, all the test setup and methods are based on our corporate standards.
3. All characteristics are meant for listed model, non-standard models may perform differently, you can contact MORNSUN FAE for more details.
4. Contact us for your specific requirement.
5. Specifications are subject to change without prior notice.
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development center, Science Ave., Guangzhou Science City, Luogang district, Guangzhou,P.R.China.
Tel: 86-20-38601850
Fax:86-20-38601272
E-mail: info@mornsun.cn
Http://www.mornsun-power.com
TC600PW-EX
TC640PW-EX
TC602PW-EX
12
11
Power
8
7
Channel 1
5
6
10
9
Channel 2
Channel 1
Safe
Area
Hazardous
Area
mV
RL
4
20mA
RL
4
20mA
Vo1
RL
Vo2
RL
RL
4
20mA
Ue
RL
4
20mA
Ue
C urrent source
output
Voltage source
output
Loop supply pow eroutput
O utput
channel 1
O utput
channel 1
Output
channel 2
Output
channel 2
+
-
+
-
+
-
+
-
+
-
+
-
+
-
+
-
INSTALLATION& DISASSEMBLY
Installation
DIN35mm standard rail installation:
1.Insert the top of the instrument card in the rail;
2.Push the bottom of the instrument into the rail.
1
2
Disassembly
1. Insert a screwdriver between the bottom of the card lock and the rail;
2. Pull up the screwdriver and press the card lock downwards;
3. Pull the instrument out of the rail.
1
2
3
PACKAGING DIMENSION& PACKAGING DIAGRAM


Similar Part No. - TC140PW-EX

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TC140PW MORNSUN-TC140PW Datasheet
574Kb / 4P
   Programmable Thermocouple isolators
More results

Similar Description - TC140PW-EX

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TR100PW-EX MORNSUN-TR100PW-EX Datasheet
675Kb / 4P
   ISOLATION SAFETY Barrier
TR100PI-EX MORNSUN-TR100PI-EX Datasheet
527Kb / 4P
   Thermoresistor Isolation Safety Barrier
TC100PI MORNSUN-TC100PI Datasheet
516Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX MORNSUN-TC100PI-EX Datasheet
380Kb / 4P
   Thermocouples Isolation Safety Barrier
TC100PI-EX-SP MORNSUN-TC100PI-EX-SP Datasheet
390Kb / 4P
   Thermocouples Isolation Safety Barrier
TSF202-EX MORNSUN-TSF202-EX Datasheet
464Kb / 3P
   Switch Output isolation safety barrier
TR100PI MORNSUN-TR100PI Datasheet
455Kb / 3P
   PROGRAMMABLE RTDS DETECTION TYPE ISOLATION BARRIER
logo
Allen-Bradley
2031-A0023A ALLEN-BRADLEY-2031-A0023A Datasheet
254Kb / 20P
   Safety Isolation System
logo
MORNSUN Science& Techno...
TD102-EX-485 MORNSUN-TD102-EX-485 Datasheet
564Kb / 4P
   RS485竊뉶ull-duplex竊뎘nput isolation safety barrier
TAF100-EX-11 MORNSUN-TAF100-EX-11 Datasheet
498Kb / 3P
   DC input operation type analog signal isolation safety barrier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com