Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1143B Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # SF1143B
Description  315 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF1143B Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  SF1143B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF1143B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF1143B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF1143B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF1143B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF1143B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1143B-021606-Ver2.0
Notes:
1.
Unless noted otherwise, all specifications apply over the operating temperature range with filter soldered to the specified demonstration board with impedance matching to
50
Ω and measured with 50 Ω network analyzer.
2.
Unless noted otherwise, all frequency specifications are referenced to the nominal center frequency, fc.
3.
Rejection is measured as attenuation below the minimum IL point in the passband. Rejection in final user application is dependent on PCB layout and external impedance
matching design. See Application Note No. 42 for details.
4.
"LRIP" or "L" after the part number indicates "low rate initial production" and "ENG" or "E" indicates "engineering prototypes."
5.
The design, manufacturing process, and specifications of this filter are subject to change.
6.
Tape and Reel Standard ANSI / EIA 481.
7.
Either Port 1 or Port 2 may be used for either input or output in the design. However, impedances and impedance matching may vary between Port 1 and Port 2, so that
the filter must always be installed in one direction per the circuit design.
8.
US and international patents may apply.
9.
RFM, stylized RFM logo, and RF Monolithics, Inc. are registered trademarks of RF Monolithics, Inc.
10.
©Copyright 1999, RF Monolithics Inc.
11.
Electrostatic Sensitive Device. Observe precautions for handling.
Electrical Characteristics
Characteristic
Sym
Notes
Min
Typ
Max
Units
Nominal Center Frequency
fC
1
315.000
MHz
Passband
Insertion Loss at fc
IL
15.1
17.0
dB
1dB Passband
BW1
1, 2
±6.35
±7.05
MHz
Fast Amplitude Ripple over fc ±6.35 MHz
1.0
dBP-P
Group Delay Variation over fc ±6.35 MHz
GDV
23
200
nsP-P
Rejection
100 to fc-10.3 and fc+10.3 to fc+100 MHz
1, 2, 3
40
TBD
dB
Operating Temperature Range
TA
1
-40
+85
°C
Differential Input and Output Impedance
250 ohms
Case Style
6
SMP-03 7 x 5 mm Nominal Footprint
Lid Symbolization (YY=year, WW=week, S=shift) See note 4
RFM SF1143B YYWWS
SMP-03
Designed for SDARS IF Receiver
Low Insertion Loss
5.0 X 7.0 mm Surface-Mount Case
Differential Input and Output
Complies with Directive 2002/95/EC (RoHS)
Absolute Maximum Ratings
Rating
Value
Units
Maximum Incident Power in Passband
+10
dBm
Max. DC voltage between any 2 terminals
30
VDC
Storage Temperature Range
-40 to +85
°C
Max Soldering Profile
265°C for 10 s
315.00 MHz
SAW Filter
SF1143B
Connection
Terminals
Port 1 Hot
10
Port 1 Ground Return
1
Port 2 Hot
5
Port 2 Ground Return
6
Case Ground
All Others
Electrical Connections
Pb


Similar Part No. - SF1143B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1143B RFM-SF1143B Datasheet
459Kb / 6P
   315.00 MHz SAW Filter
SF1143B-1 RFM-SF1143B-1 Datasheet
101Kb / 3P
   315 MHz SAW Notch Filter
logo
Murata Manufacturing Co...
SF1143B-1 MURATA-SF1143B-1 Datasheet
101Kb / 3P
   315 MHz SAW Filter
logo
RF Monolithics, Inc
SF1143B-2 RFM-SF1143B-2 Datasheet
103Kb / 3P
   315.00 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1143B-2 MURATA-SF1143B-2 Datasheet
103Kb / 3P
   315 MHz SAW Filter
More results

Similar Description - SF1143B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1564A TAI-SAW-TA1564A Datasheet
196Kb / 7P
   SAW Filter 315 MHz
logo
Murata Manufacturing Co...
SF1143B-4 MURATA-SF1143B-4 Datasheet
107Kb / 3P
   315 MHz SAW Filter
logo
RF Monolithics, Inc
SF2248E RFM-SF2248E Datasheet
217Kb / 4P
   315 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3417 MURATA-RF3417 Datasheet
210Kb / 2P
   315 MHz SAW Filter
SF1143B-2 MURATA-SF1143B-2 Datasheet
103Kb / 3P
   315 MHz SAW Filter
SF2248E MURATA-SF2248E Datasheet
223Kb / 4P
   315 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0657B TAI-SAW-TA0657B Datasheet
397Kb / 7P
   SAW Filter 315 MHz
TA0657D TAI-SAW-TA0657D Datasheet
1,014Kb / 7P
   SAW Filter 315 MHz
logo
Murata Manufacturing Co...
SF1143B-1 MURATA-SF1143B-1 Datasheet
101Kb / 3P
   315 MHz SAW Filter
RF3417E MURATA-RF3417E Datasheet
326Kb / 4P
   315 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com