Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1142B Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # SF1142B
Description  315 MHz SAW Filter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SF1142B Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  SF1142B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SF1142B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SF1142B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SF1142B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SF1142B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SF1142B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
315.00 MHz
SAW Filter
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 5
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
SF1142B-021606-Ver2.0
Tape and Reel Specifications
“B “
Nominal Size
Quantity Per Reel
Inches
millimeters
7
178
500
13
330
2000
USER DIRECTION OF FEED
COMPONENT ORIENTATION and DIMENSIONS
PIN #1
See Detail "A"
2.0
12.0
16.0
Carrier Tape Dimensions
Tolerance
Ao
5.5 mm
± 0.1mm
Bo
7.5 mm
± 0.1mm
Ko
2.0 mm
± 0.1mm
Pitch
8.0 mm
± 0.1mm
W
16.0 mm
± 0.2mm


Similar Part No. - SF1142B

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF1142B RFM-SF1142B Datasheet
408Kb / 6P
   315.00 MHz SAW Filter
More results

Similar Description - SF1142B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF1143B MURATA-SF1143B Datasheet
459Kb / 6P
   315 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1564A TAI-SAW-TA1564A Datasheet
196Kb / 7P
   SAW Filter 315 MHz
logo
Murata Manufacturing Co...
SF1143B-4 MURATA-SF1143B-4 Datasheet
107Kb / 3P
   315 MHz SAW Filter
logo
RF Monolithics, Inc
SF2248E RFM-SF2248E Datasheet
217Kb / 4P
   315 MHz SAW Filter
logo
Murata Manufacturing Co...
RF3417 MURATA-RF3417 Datasheet
210Kb / 2P
   315 MHz SAW Filter
SF1143B-2 MURATA-SF1143B-2 Datasheet
103Kb / 3P
   315 MHz SAW Filter
SF2248E MURATA-SF2248E Datasheet
223Kb / 4P
   315 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0657B TAI-SAW-TA0657B Datasheet
397Kb / 7P
   SAW Filter 315 MHz
TA0657D TAI-SAW-TA0657D Datasheet
1,014Kb / 7P
   SAW Filter 315 MHz
logo
Murata Manufacturing Co...
SF1143B-1 MURATA-SF1143B-1 Datasheet
101Kb / 3P
   315 MHz SAW Filter
RF3417E MURATA-RF3417E Datasheet
326Kb / 4P
   315 MHz SAW Filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com