Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF3355C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # RF3355C
Description  390.0 MHz SAW Filter
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

RF3355C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  RF3355C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. RF3355C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. RF3355C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
Preliminary
RF Monolithics, Inc.
Phone: (972) 233-2903
Fax: (972) 387-8148
E-mail: info@rfm.com
Page 1 of 3
RFM Europe
Phone: 44 1963 251383
Fax: 44 1963 251510
http://www.rfm.com
©1999 by RF Monolithics, Inc. The stylized RFM logo are registered trademarks of RF Monolithics, Inc.
RF3355C-071907
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Center Frequency at 25°C
Absolute Frequency
fC
1, 2
390.0
MHz
Tolerance from 390.0 MHz
∆f
C
1, 2
±100
kHz
Minimum Insertion Loss 389.82 -390.22 MHz
ILmin
1
2.0
4.0
dB
Passband (relative to ILmin)
389.77 -390.2
1
1.5
3.0
dB
389.71 -390.26
2.0
6.0
Passband (relative to ILmin)
BW3
1
500
1100
kHz
Attenuation: (relative to ILmin)
0 - 345 MHz
1
45
50
dB
345 - 370 MHz
40
45
370 - 388.94 MHz
15
25
391.5 - 410 MHz
8
13
410 - 475 MHz
35
45
475 - 1000 MHz
45
55
Impedance at FC ; Input ZIN=RIN//CIN
1
344
Ω // 4.9pF
Output ZOUT=ROUT//COUT
1
344
Ω // 4.9pF
Turnover To
3, 4
25
°C
Frequency Aging
Absolute Value During the First Year
3, 4
≤10 ppm/yr Typical
Lid Symbolization (in addition to Lot and/or Date Codes)
736 // YWWS
Standard Reel Quantity
Reel Size 7 Inch
500 Pieces/Reel
Reel Size 13 Inch
3000 Pieces/Reel
Ideal Front-End Filter for Wireless Receivers
Low-Loss, Coupled-Resonator Quartz Design
Simple External Impedance Matching
Complies with Directive 2002/95/EC (RoHS)
The RF3355C is a low-loss, compact, and economical surface-acoustic-wave (SAW) filter designed to pro-
vide front-end selectivity in 390 MHz receivers. Receiver designs using this filter include superhet with
10.7 MHz or 500 kHz IF, direct conversion and superregen. Typical applications of these receivers are wire-
less remote-control and security devices.
This coupled-resonator filter (CRF) uses selective null placement to provide suppression, typically greater
than 40 dB, of the LO and image spurious responses of superhet receivers with 10.7 MHz IF. RFM’s ad-
vanced SAW design and fabrication technology is utilized to achieve high performance and very low loss with
simple external impedance matching.
390.0 MHz
SAW Filter
RF3355C
SM5050-8 Case
5 x 5
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture which is connected to a 50
Ω test system with
VSWR
≤ 1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter center frequency, f
c. Note that insertion loss and band-
width and passband shape are dependent on the impedance matching component values and quality.
2. The frequency fc is defined as the midpoint between the 3dB frequencies.
3. Where noted specifications apply over the entire specified operating temperature range.
4. The turnover temperature, TO, is the temperature of maximum (or turnover) frequency, fo. The nominal frequency at any case temperature, Tc, may
be calculated from: f=fo [1- FTC (To -Tc)
2].
5. Frequency aging is the change in fc with time and is specified at +65°C or less. Aging may exceed the specification for prolonged temperatures
above +65°C. Typically, aging is greatest the first year after manufacture, decreasing significantly in subsequent years.
6. The design, manufacturing process, and specifications of this device are subject to change without notice.
7. One or more of the following U.S. Patents apply: 4,54,488, 4,616,197, and others pending.
8. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale.
Pb


Similar Part No. - RF3355C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3355C RFM-RF3355C Datasheet
88Kb / 3P
   390.0 MHz SAW Filter
More results

Similar Description - RF3355C

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
RF3355C RFM-RF3355C Datasheet
88Kb / 3P
   390.0 MHz SAW Filter
logo
Abracon Corporation
AFS390E ABRACON-AFS390E Datasheet
113Kb / 1P
   SMD 390.0 MHz SAW FILTER
logo
RF Monolithics, Inc
RO2188 RFM-RO2188 Datasheet
144Kb / 2P
   390.0 MHz SAW Resonator
RO2188A RFM-RO2188A Datasheet
98Kb / 2P
   390.0 MHz SAW Resonator
logo
Murata Manufacturing Co...
RO3188A MURATA-RO3188A_15 Datasheet
171Kb / 3P
   390.0 MHz SAW Resonator
RO3188A MURATA-RO3188A Datasheet
393Kb / 2P
   390.0 MHz SAW Resonator
logo
RF Monolithics, Inc
RF1355 RFM-RF1355 Datasheet
145Kb / 2P
   390.0 MHz SAW Fil
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
RF Monolithics, Inc
SC3031B RFM-SC3031B Datasheet
77Kb / 2P
   390.0 MHz Differential Sine-Wave Clock
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com