Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32529C1102J289 Datasheet(PDF) 12 Page - EPCOS

Part # B32529C1102J289
Description  Film Capacitors - Metallized Polyester (MKT)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32529C1102J289 Datasheet(HTML) 12 Page - EPCOS

Back Button B32529C1102J289 Datasheet HTML 8Page - EPCOS B32529C1102J289 Datasheet HTML 9Page - EPCOS B32529C1102J289 Datasheet HTML 10Page - EPCOS B32529C1102J289 Datasheet HTML 11Page - EPCOS B32529C1102J289 Datasheet HTML 12Page - EPCOS B32529C1102J289 Datasheet HTML 13Page - EPCOS B32529C1102J289 Datasheet HTML 14Page - EPCOS B32529C1102J289 Datasheet HTML 15Page - EPCOS B32529C1102J289 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Ordering codes and packing units (lead spacing 5 mm)
VR
V DC
VRMS
f
≤60 Hz
V AC
CR
µF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
M =
±20%
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (standard lead length 6
1 mm)
250
160
0.0010 2.5
× 6.5 × 7.3
B32529C3102+***
12800
11200
8000
0.0015 2.5
× 6.5 × 7.3
B32529C3152+***
12800
11200
8000
0.0022 2.5
× 6.5 × 7.3
B32529C3222+***
12800
11200
8000
0.0033 2.5
× 6.5 × 7.3
B32529C3332+***
12800
11200
8000
0.0047 2.5
× 6.5 × 7.3
B32529C3472+***
12800
11200
8000
0.0068 2.5
× 6.5 × 7.3
B32529C3682+***
12800
11200
8000
0.010
2.5
× 6.5 × 7.3
B32529C3103+***
12800
11200
8000
0.015
2.5
× 6.5 × 7.3
B32529C3153+***
12800
11200
8000
0.022
2.5
× 6.5 × 7.3
B32529C3223+***
12800
11200
8000
0.033
3.0
× 6.5 × 7.3
B32529C3333+***
10800
9600
8000
0.047
3.5
× 8.0 × 7.3
B32529C3473+***
9200
8000
8000
0.068
4.5
× 9.5 × 7.3
B32529C3683+***
7200
6000
6000
0.10
4.5
× 9.5 × 7.3
B32529C3104+***
7200
6000
6000
0.15
5.0
× 10.0 × 7.5
B32529C3154+***
6400
5600
6000
0.22
7.8
× 13.0 × 7.8
B32529D3224+***
4000
3200
4000
0.33
7.8
× 13.0 × 7.8
B32529C3334+***
4000
3200
4000
0.47
7.8
× 13.0 × 7.8
B32529C3474+***
4000
3200
4000
B32529
General purpose (stacked)
Page 8 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32529C1102J289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1102 EPCOS-B32529C1102 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32529C1102 EPCOS-B32529C1102 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1102 EPCOS-B32529C1102 Datasheet
897Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1102 EPCOS-B32529C1102 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1102 EPCOS-B32529C1102 Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32529C1102J289

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com