Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS22EV5110 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DS22EV5110
Description  DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS22EV5110 Datasheet(HTML) 11 Page - Texas Instruments

Back Button DS22EV5110 Datasheet HTML 7Page - Texas Instruments DS22EV5110 Datasheet HTML 8Page - Texas Instruments DS22EV5110 Datasheet HTML 9Page - Texas Instruments DS22EV5110 Datasheet HTML 10Page - Texas Instruments DS22EV5110 Datasheet HTML 11Page - Texas Instruments DS22EV5110 Datasheet HTML 12Page - Texas Instruments DS22EV5110 Datasheet HTML 13Page - Texas Instruments DS22EV5110 Datasheet HTML 14Page - Texas Instruments DS22EV5110 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
DS22EV5110
www.ti.com
SNLS311D – APRIL 2009 – REVISED FEBRUARY 2010
OUTPUT DE-EMPHASIS
De-emphasis is the conditioning function for use in compensating against backplane and cable transmission loss.
The DS22EV5110 provides four steps of de-emphasis ranging from 0, 3, 6 and 9 dB, user-selectable dependent
on the loss profile of output channels. Table 3 shows the De-emphasis control with default VO = 1000 mVp-p,
and Figure 7 shows a driver de-emphasis waveform.
OUTPUT VO CONTROL
Output differential voltage (VO) is controlled through VOD_CRL pin ties an external resistor to the ground as
shown in Table 4. Users should restrict the external resistor values used to be 12 k
Ω to 24 kΩ. +5% tolerance is
recommended.
Table 2. Equalization Control
INPUTS
RESULT
EQ2
EQ1
EQ0
Equalization in dB (1.125 GHz)
0
0
0
0 (default)
0
0
1
12
0
1
0
18
0
1
1
21
1
0
0
24
1
0
1
26
1
1
0
28
1
1
1
30
Table 3. De-Emphasis Control
INPUTS
RESULT
VO De-Emphasis level in mVp-p
DE1
DE0
VO De-Emphasis in dB
(VODE w/VOD_CRL = 24 k
0
0
1000 (default)
0 (default)
0
1
710
-3
1
0
500
-6
1
1
355
-9
Table 4. VO Control
External Resistor Value
Applications
VO Level (mVp-p)
(VOD_CRL pin)
24 k
DC Coupled
1000
12 k
AC Coupled
1000
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: DS22EV5110


Similar Part No. - DS22EV5110

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS22EV5110 NSC-DS22EV5110 Datasheet
1Mb / 18P
   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
logo
Texas Instruments
DS22EV5110 TI1-DS22EV5110 Datasheet
3Mb / 23P
[Old version datasheet]   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
logo
National Semiconductor ...
DS22EV5110SQ NSC-DS22EV5110SQ Datasheet
1Mb / 18P
   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
logo
Texas Instruments
DS22EV5110SQ/NOPB TI1-DS22EV5110SQ/NOPB Datasheet
3Mb / 23P
[Old version datasheet]   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
logo
National Semiconductor ...
DS22EV5110SQE NSC-DS22EV5110SQE Datasheet
1Mb / 18P
   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
More results

Similar Description - DS22EV5110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS22EV5110 TI1-DS22EV5110_15 Datasheet
3Mb / 23P
[Old version datasheet]   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
logo
National Semiconductor ...
DS22EV5110 NSC-DS22EV5110 Datasheet
1Mb / 18P
   DVI, HDMI Extended Reach Equalizer with Retimer and Output De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_14 Datasheet
5Mb / 26P
[Old version datasheet]   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
National Semiconductor ...
DS34RT5110 NSC-DS34RT5110 Datasheet
1Mb / 20P
   DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
Texas Instruments
DS34RT5110 TI1-DS34RT5110_15 Datasheet
5Mb / 26P
[Old version datasheet]   DS34RT5110 DVI, HDMI Retimer with Input Equalization and Output De-Emphasis
logo
Pericom Semiconductor C...
PI3HDMI411AD PERICOM-PI3HDMI411AD Datasheet
485Kb / 9P
   DVI / HDMI Re-Driver w/ Equalization, De-emphasis & Pre-emphasis
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
logo
Semtech Corporation
GX3246 SEMTECH-GX3246 Datasheet
1Mb / 47P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
GX3146 SEMTECH-GX3146 Datasheet
1Mb / 46P
   Crosspoint Switch with Trace Equalization and Output De-emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com