Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP83848I Datasheet(PDF) 81 Page - Texas Instruments

Part # DP83848I
Description  PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848I Datasheet(HTML) 81 Page - Texas Instruments

Back Button DP83848I_14 Datasheet HTML 77Page - Texas Instruments DP83848I_14 Datasheet HTML 78Page - Texas Instruments DP83848I_14 Datasheet HTML 79Page - Texas Instruments DP83848I_14 Datasheet HTML 80Page - Texas Instruments DP83848I_14 Datasheet HTML 81Page - Texas Instruments DP83848I_14 Datasheet HTML 82Page - Texas Instruments DP83848I_14 Datasheet HTML 83Page - Texas Instruments DP83848I_14 Datasheet HTML 84Page - Texas Instruments DP83848I_14 Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 97 page
background image
www.national.com
80
8.2.27 RMII Receive Timing
Note: Per the RMII Specification, output delays assume a 25pF load.
Note: CRS_DV is asserted asynchronously in order to minimize latency of control signals through the why. CRS_DV may
toggle synchronously at the end of the packet to indicate CRS deassertion.
Note: RX_DV is synchronous to X1. While not part of the RMII specification, this signal is provided to simplify recovery of
receive data.
Parameter
Description
Notes
Min
Typ
Max
Units
T2.27.1
X1 Clock Period
50 MHz Reference Clock
20
ns
T2.27.2
RXD[1:0], CRS_DV, RX_DV
and RX_ER output delay from
X1 rising
2
14
ns
T2.27.3
CRS ON delay
From JK symbol on PMD Receive Pair to
initial assertion of CRS_DV
18.5
bits
T2.27.4
CRS OFF delay
From TR symbol on PMD Receive Pair to
initial deassertion of CRS_DV
27
bits
T2.27.5
RXD[1:0] and RX_ER latency
From symbol on Receive Pair. Elasticity
buffer set to default value (01)
38
bits
CRS_DV
X1
RXD[1:0]
RX_ER
T2.27.2
T2.27.1
T2.27.2
PMD Input Pair
IDLE
Data
(J/K)
T2.27.3
T2.27.5
Data
(TR)
T2.27.4
RX_DV
T2.27.2
T2.27.2


Similar Part No. - DP83848I_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848I/C TI1-DP83848I/C Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
DP83848IVV-NOPB TI1-DP83848IVV-NOPB Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVV/NOPB TI1-DP83848IVV/NOPB Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
DP83848IVVX TI-DP83848IVVX Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVVX/NOPB TI1-DP83848IVVX/NOPB Datasheet
2Mb / 86P
[Old version datasheet]   Industrial Controls and Factory Automation
More results

Similar Description - DP83848I_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP83848I TI1-DP83848I Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVV-NOPB TI1-DP83848IVV-NOPB Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848IVVX TI-DP83848IVVX Datasheet
788Kb / 86P
[Old version datasheet]   DP83848I PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848YB NSC-DP83848YB Datasheet
2Mb / 82P
   PHYTER - Extreme Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848-HT TI1-DP83848-HT Datasheet
1Mb / 81P
[Old version datasheet]   PHYTER Military Temperature Single Port 10/100 MB/S Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848C NSC-DP83848C Datasheet
2Mb / 82P
   PHYTER - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848-EP TI1-DP83848-EP Datasheet
1Mb / 92P
[Old version datasheet]   PHYTER MILITARY TEMPERATURE SINGLE PORT 10/100 MB/S ETHERNET PHYSICAL LAYER TRANSCEIVER
DP83848Q TI1-DP83848Q Datasheet
974Kb / 74P
[Old version datasheet]   PHYTER Extended Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com