Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8728 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8728
Description  Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8728 Datasheet(HTML) 1 Page - Texas Instruments

  DAC8728 Datasheet HTML 1Page - Texas Instruments DAC8728 Datasheet HTML 2Page - Texas Instruments DAC8728 Datasheet HTML 3Page - Texas Instruments DAC8728 Datasheet HTML 4Page - Texas Instruments DAC8728 Datasheet HTML 5Page - Texas Instruments DAC8728 Datasheet HTML 6Page - Texas Instruments DAC8728 Datasheet HTML 7Page - Texas Instruments DAC8728 Datasheet HTML 8Page - Texas Instruments DAC8728 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
DAC8728
DAC8728
An og
al
Monit r
o
ToDAC-0,DAC-1,
DAC-2,DAC-3
ToDAC-0,DAC-1,
DAC-2,DAC-3
ToDAC-4,DAC-5,DAC-6,DAC-7
DAC8728
OFFSET-B
AGND-B
V
OUT-7
V
MON
OFFSET-A
AGND-A
REF-B
Reference
BufferB
InternalTrimming
Zero/Gain;INL
Reference
BufferA
OFFSET
DACA
OFFSET
DACB
DAC-0
Latch-0
Power-Up/
Power-Down
Control
(SameFunctionBlocks
forAllChannels)
REF-A
LDAC
RST
RSTSEL
LDAC
CLR
USB/BTC
BUSY
GPIO
D15
D0
CS
R/W
IOV
DD
DGND
DV
DD
AV
DD
AV
SS
V
-0
OUT
V
-7
OUT
RefBufferA
RefBufferB
OFFSET-B
Command
Registers
InputData
Register0
Correction
Engine
(WhenCorrectionEngineDisabled)
DAC-0
Data
UserCalibration:
ZeroRegister0
GainRegsiter0
V
-0
OUT
A4
A0
DAC8728
www.ti.com
SBAS466A – JUNE 2009 – REVISED NOVEMBER 2009
Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input
DIGITAL-TO-ANALOG CONVERTER
Check for Samples: DAC8728
1
FEATURES
DESCRIPTION
2
Bipolar Output: ±3V, up to ±16.5V
The
DAC8728
is
a
low-power,
octal,
16-bit
digital-to-analog
converter
(DAC).
With
a
5V
Unipolar Output: 0V to +33V
reference, the output can either be a bipolar ±15V
16-Bit Resolution
voltage when operating from a dual ±15.5V (or
Low Power: 13.5mW/Ch
higher) power supply, or a unipolar 0V to +30V
Relative Accuracy: 4 LSB Max
voltage when operating from a +30.5V power supply.
With a 5.5V reference, the output can either be a
Flexible User Calibration
±16.5V for a dual ±17V (or higher) power supply, or a
Low Zero/Full-Scale Error
unipolar 0V to +33V voltage when operating from a
Before User Calibration: ±10 LSB Max
+33.5V (or higher) power supply. This DAC provides
low-power operation, good linearity, and low glitch
After User Calibration: ±1 LSB
over the specified temperature range of –40°C to
Low Glitch: 4nV-s
+105°C. This device is trimmed in manufacturing and
Settling Time: 15
μs
has very low zero and full-scale error. In addition,
user calibration can be performed to achieve ±1 LSB
Channel Monitor Output
bipolar zero/full-scale error for a bipolar supply, or ±1
Programmable Gain: x4, x6
LSB zero-code/full-scale error for a unipolar supply
Programmable Offset
over the entire signal chain. The output range can be
offset by using the DAC Offset Register.
16-Bit Parallel Interface:
50MHz (Write Operation)
The DAC8728 features a standard, high-speed, 16-bit
Packages: QFN-56 (8mm x 8mm),
parallel interface that operates at up to 50MHz and is
1.8V, 3V, and 5V logic compatible, to communicate
TQFP-64 (10mm x 10mm)
with a DSP or microprocessor. The eight DACs and
the auxiliary registers are addressed with five address
APPLICATIONS
lines. The device features double-buffered interface
Automatic Test Equipment
logic. An asynchronous load input (LDAC) transfers
PLC and Industrial Process Control
data from the DAC data register to the DAC latch.
Communications
The asynchronous CLR input sets the output of all
eight DACs to AGND. The VMON pin is a monitor
output that connects to the individual analog outputs,
the offset DAC, and the reference buffer outputs
through a multiplexer (mux).
The DAC8728 is pin-to-pin compatible with the
DAC8228 (14-bit) and the DAC7728 (12-bit).
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8728

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8728 TI-DAC8728 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728SPAG TI-DAC8728SPAG Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728SPAGR TI-DAC8728SPAGR Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728SRTQR TI-DAC8728SRTQR Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8728SRTQT TI-DAC8728SRTQT Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8728

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8728 TI-DAC8728 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8228 TI1-DAC8228 Datasheet
1Mb / 55P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC7728 TI-DAC7728 Datasheet
1Mb / 54P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Parallel Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI-DAC8718_10 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718_101 TI-DAC8718_101 Datasheet
1Mb / 62P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8718 TI1-DAC8718_14 Datasheet
2Mb / 64P
[Old version datasheet]   Octal, 16-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8218 TI-DAC8218 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 14-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI1-DAC7718_14 Datasheet
1Mb / 64P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7718 TI-DAC7718 Datasheet
1Mb / 60P
[Old version datasheet]   Octal, 12-Bit, Low-Power, High-Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com