Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PV40-27B24 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # PV40-27B24
Description  DC/DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

PV40-27B24 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  PV40-27B24 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. PV40-27B24 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. PV40-27B24 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. PV40-27B24 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DC/DC Converter
PV40 Series
2014.01.24-A/0
Page 1 of 4
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
40W, 200-1200VDC ultra wide input voltage
DC/DC converter for Renewable Energy
RoHS
FEATURES
6:1 ultra-wide input voltage range: 200 ~ 1200VDC
Industrial operating temperature: -25℃ ~70℃
4000VDC high isolation voltage
high efficiency, Low ripple& noise
Under input voltage protection (self-recovery)
Over output voltage protection(self-recovery)
Short circuit protection(self-recovery)
Input against reverse protection
MTBF>300,000 H
High reliability, long life, three years warranty
PV series are regulated output DC-DC converters with features of 200-1200VDC ultra-high voltage input, high efficiency and high
reliability. They can be widely used in photovoltaic power generation, high-voltage inverter and so on, which provide stable operating
voltage to the equipment and improve the power and the load's safety performance with multiple protection when working under
abnormal conditions.
Selection Guide
Model
Output Power
Nominal Output Voltage
and Current
(Vo/Io)
Efficiency
(200VDC,%/Typ.)
Max. Capacitive Load(uF)
PV40-27B12
40W
12V/3.33A
83
1200
PV40-27B15
15V/2.67A
84
1000
PV40-27B24
24V/1.67A
84
680
Input Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Input Voltage Range
200
--
1200
VDC
Input current
200VDC
--
--
320
mA
600VDC
--
--
100
1200VDC
--
--
55
Inrush current
600VDC
--
60
--
A
Input under-voltage protection
Under voltage protection range: 175~185V
Under voltage release range:185~195V
External input fuse
3.15A Slow blow
Output Specifications
Item
Operating Conditions
Min.
Typ.
Max.
Unit
Output Voltage Accuracy
--
±1
±2
%
Linear Regulation
--
±0.5
±1
Load Regulation
--
±0.5
±1
Output Ripple & Noise*
20MHz bandwidth (peak-peak value)
--
100
200
mV
Temperature Drift Coefficient
--
±0.02
--
%/°C
Short Circuit Protection
Continuous, self-recovery
Over-current Protection
≥110%Io self-recovery
Over-voltage Protection
(Feedback-clamp) Voltage limited
Min. Load
1--
--
%
Power-off Holding Time
600VDC input
--
5
--
ms
Note: *Parallel line test method is adopted to test the ripple and noise, please see
AC-DC Converter Application Notes for specific operation methods.


Similar Part No. - PV40-27B24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
PV40-27B24 MORNSUN-PV40-27B24 Datasheet
368Kb / 5P
   DC/DC Converter
More results

Similar Description - PV40-27B24

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com