Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LS05-15B24S Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LS05-15B24S
Description  5W,AC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LS05-15B24S Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LS05-15B24S Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LS05-15B24S Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LS05-15B24S Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LS05-15B24S Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LS05-15B24S Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LS05(-F) series
2013.08.29-A/1
Page 3 of 5
PRODUCT TYPICAL CURVE
40
100
60
80
55
85
-25 0
Ambient Tem.()
Temperature Derating Graph
Input voltage:
110~240VAC
135~340VDC
Note: W hen input 85~110VAC or 240-264VAC, it need to be voltage derated on
basis of temperature derating.
40
100
60
80
110
240 264
85
VAC
Input Voltage
VAC
()
Ambient temperature: 25℃
Input Voltage Derating Graph
Note: W hen input DC, VDC=1.414*VAC-20.
LS05-15B12S(-F) AC input efficiency cure
35
40
45
50
55
60
65
70
75
80
10
20
30
40
50
60
70
80
90
100
Total Output Current(%)
Input 85VAC
Input 110VAC
Input 120VAC
Input 220VAC
Input 230VAC
Input 240VAC
Input 264VAC
LS05-15B12S(-F) DCinput efficiency cure
30.00
35.00
40.00
45.00
50.00
55.00
60.00
65.00
70.00
75.00
80.00
10
20
30
40
50
60
70
80
90
100
Total Output Current(%)
Input 100VAC
Input 200VAC
Input 300VAC
Input 400VAC
Efficiency VS Input Voltage curve
(Full Load)
50
55
60
65
70
75
80
85
85
110
120
220
230
240
264
Input Voltage(VAC)
LS05-15B03S(-F)
LS05-15B05S(-F)
LS05-15B09S(-F)
LS05-15B12S(-F)
LS05-15B15S(-F)
LS05-15B24S(-F)
Efficiency VS Input Voltage curve
(Full Load)
45
50
55
60
65
70
75
80
85
100
150
200
250
300
350
400
Input Voltage(VDC)
LS05-15B03S(-F)
LS05-15B05S(-F)
LS05-15B09S(-F)
LS05-15B12S(-F)
LS05-15B15S(-F)
LS05-15B24S(-F)
STRUCTURE FIGURE
+Vin(L)
-Vin(N)
3
5
14
12
+
1
+Vo
-Vo
+V(cap)
7
Rectificate
DC/DC
Convertor
Recti fier
filter
circuit
External
Capacitor
-V(cap)
TYPICAL APPLICATIONS
C2
C3
1
+ Vo
-Vo
T VS
RL
12
14
AC (L)
A C ( N)
C1
+
5
+
3
F USE
N TC
M OV
7
AC -DC
C Y0
L1
+
C4
CX1
(Figure 1): Typical application circuit
Note: ①is Pi filter circuit.
AC(L)
AC(N)
+Vo
-Vo
AC-DC
AC(L)
AC(N)
+Vo
-Vo
(Figure 2): Because of the surge protection, this application is not
available for this series.
Note: If you have such application, please consult to our FAE department.


Similar Part No. - LS05-15B24S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LS05-15B24SS MORNSUN-LS05-15B24SS Datasheet
284Kb / 5P
   AC/DC converter
More results

Similar Description - LS05-15B24S

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LD05-23B03 MORNSUN-LD05-23B03_15 Datasheet
359Kb / 5P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
LD03-10B03 MORNSUN-LD03-10B03 Datasheet
226Kb / 10P
   3-5W,AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com