Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC121S101 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC121S101
Description  12-Bit Micro Power, RRO Digital-to-Analog Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC121S101 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC121S101 Datasheet HTML 2Page - Texas Instruments DAC121S101 Datasheet HTML 3Page - Texas Instruments DAC121S101 Datasheet HTML 4Page - Texas Instruments DAC121S101 Datasheet HTML 5Page - Texas Instruments DAC121S101 Datasheet HTML 6Page - Texas Instruments DAC121S101 Datasheet HTML 7Page - Texas Instruments DAC121S101 Datasheet HTML 8Page - Texas Instruments DAC121S101 Datasheet HTML 9Page - Texas Instruments DAC121S101 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
DAC121S101
SNAS265H – JUNE 2005 – REVISED FEBRUARY 2010
www.ti.com
A.C. and Timing Characteristics
The following specifications apply for VA = +2.7V to +5.5V, RL = 2kΩ to GND, CL = 200 pF to GND, fSCLK = 30 MHz, input
code range 48 to 4047. Boldface limits apply for TMIN ≤ TA ≤ TMAX: all other limits TA = 25°C, unless otherwise specified.
Units
Symbol
Parameter
Conductions
Typical
Limits
(Limits)
fSCLK
SCLK Frequency
30
MHz (max)
CL ≤ 200 pF
8
10
µs (max)
400h to C00h code
change, RL = 2kΩ
CL = 500 pF
12
µs
ts
Output Voltage Settling Time (1)
CL ≤ 200 pF
8
µs
00Fh to FF0h code
change, RL = 2kΩ
CL = 500 pF
12
µs
SR
Output Slew Rate
1
V/µs
Glitch Impulse
Code change from 800h to 7FFh
12
nV-sec
Digital Feedthrough
0.5
nV-sec
VA = 5V
6
µs
tWU
Wake-Up Time
VA = 3V
39
µs
1/fSCLK
SCLK Cycle Time
33
ns (min)
tH
SCLK High time
5
13
ns (min)
tL
SCLK Low Time
5
13
ns (min)
Set-up Time SYNC to SCLK Rising
tSUCL
−15
0
ns (min)
Edge
tSUD
Data Set-Up Time
2.5
5
ns (min)
tDHD
Data Hold Time
2.5
4.5
ns (min)
VA = 5V
0
3
ns (min)
tCS
SCLK fall to rise of SYNC
VA = 3V
−2
1
ns (min)
2.7
≤ VA ≤ 3.6
9
20
ns (min)
tSYNC
SYNC High Time
3.6
≤ VA ≤ 5.5
5
10
ns (min)
(1)
This parameter is guaranteed by design and/or characterization and is not tested in production.
Specification Definitions
DIFFERENTIAL NON-LINEARITY (DNL) is the measure of the maximum deviation from the ideal step size of 1
LSB, which is VREF / 4096 = VA / 4096.
DIGITAL FEEDTHROUGH is a measure of the energy injected into the analog output of the DAC from the digital
inputs when the DAC outputs are not updated. It is measured with a full-scale code change on the data bus.
FULL-SCALE ERROR is the difference between the actual output voltage with a full scale code (FFFh) loaded
into the DAC and the value of VA x 4095 / 4096.
GAIN ERROR is the deviation from the ideal slope of the transfer function. It can be calculated from Zero and
Full-Scale Errors as GE = FSE - ZE, where GE is Gain error, FSE is Full-Scale Error and ZE is Zero Error.
GLITCH IMPULSE is the energy injected into the analog output when the input code to the DAC register
changes. It is specified as the area of the glitch in nanovolt-seconds.
INTEGRAL NON-LINEARITY (INL) is a measure of the deviation of each individual code from a straight line
through the input to output transfer function. The deviation of any given code from this straight line is measured
from the center of that code value. The end point method is used. INL for this product is specified over a limited
range, per the Electrical Characteristics.
LEAST SIGNIFICANT BIT (LSB) is the bit that has the smallest value or weight of all bits in a word. This value is
LSB = VREF / 2
n
(1)
where VREF is the supply voltage for this product, and "n" is the DAC resolution in bits, which is 12 for the
DAC121S101.
MAXIMUM LOAD CAPACITANCE is the maximum capacitance that can be driven by the DAC with output
stability maintained.
6
Submit Documentation Feedback
Copyright © 2005–2010, Texas Instruments Incorporated
Product Folder Links: DAC121S101


Similar Part No. - DAC121S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
Texas Instruments
DAC121S101 TI1-DAC121S101 Datasheet
791Kb / 26P
[Old version datasheet]   DAC121S101QML 12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101-Q1 TI1-DAC121S101-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
National Semiconductor ...
DAC121S101CIMK NSC-DAC121S101CIMK Datasheet
907Kb / 19P
   12-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
More results

Similar Description - DAC121S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC121S101 NSC-DAC121S101_10 Datasheet
474Kb / 20P
   12-Bit Micro Power, RRO Digital-to-Analog Converter
logo
Texas Instruments
DAC121S101 TI1-DAC121S101_15 Datasheet
1Mb / 37P
[Old version datasheet]   12-Bit Micro Power, RRO Digital-to-Analog Converter
DAC121C085CIMM TI1-DAC121C085CIMM Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
DAC121C081 TI1-DAC121C081_16 Datasheet
1Mb / 41P
[Old version datasheet]   12-Bit Micro Power Digital-to-Analog Converter
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286 Datasheet
165Kb / 11P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1286 TI1-ADS1286_14 Datasheet
491Kb / 18P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 TI1-ADS1286_16 Datasheet
483Kb / 17P
[Old version datasheet]   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1286 BURR-BROWN-ADS1286_06 Datasheet
141Kb / 14P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1286 BURR-BROWN-ADS1286_12 Datasheet
479Kb / 18P
   12-Bit Micro Power Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
DAC101S101 TI1-DAC101S101_16 Datasheet
1Mb / 37P
[Old version datasheet]   DAC101S101 and DAC101S101Q-1 10-Bit Micro Power, RRO Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com