Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LO10-24B12K Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LO10-24B12K
Description  Ultra wide input voltage range switched-mode power supply for electric-meter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LO10-24B12K Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LO10-24B12K Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LO10-24B12K Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LO10-24B12K Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LO10-24B12K Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LO10-24BxxK
A/1-2012
Page 3 of 4
INPUT VOLTAGE VS LOAD
TEMPERATURE VS LOAD
50
280
20
40
100
60
80
30
Lo ad(%)
Inpu t voltage(VAC)
100
-10
-25
55
70
40
20
60
80
Load( %)
Temperature( C)
TYPICAL APPLICATIONS
L
+Vo
-Vo
L
N
N
Fuse
C 1 C 2
TV S RL
Note:
Output filtering capacitor C1 is electrolytic capacitors, It is
recommended to use high frequency and low impedance electrolytic
capacitors (value:100
µF/25V).C2 is ceramic capacitor
and it is
used to filter high frequency noise(Recommend value:0.1
µF/50V).
TVS is recommended component to protect post-circuits (when
converter fails).
PARALLEL LINES MEASURE
L
N
AC-DC
+Vo
-Vo
C1
C2
Co p p e r s h e et
L o ad
2 5. 4 mm
2 5 . 4 mm
Co n n e c t O sc illo g ra p h Pro be
F USE
C1: 10
μF
C2: 0.1
μF
OUTLINE AND DIMENSIONS
Φ2.00[0.079]
2
1
6
5
4
3
2.50[0.098]
Ф
1.50[0.059]
Ф
74.00[2.913]
80.00[3.150]
Note: grid 2.54*2.54mm.
NOTE:
1. Unit: mm
2. The other tolerances are
±0.30mm ,except especial
explanation;
3. FR-4,1.6mm thick double sided
glass fiber PCB;
4. 0.5mm black MYLAR insulating
sheet material.


Similar Part No. - LO10-24B12K

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LO10-26D0512-04 MORNSUN-LO10-26D0512-04 Datasheet
633Kb / 4P
   AC-DC converter for electric meters
LO10-26D0512-04L MORNSUN-LO10-26D0512-04L Datasheet
947Kb / 4P
   Low ripple & noise, Low standby power consumption
LO10-26DX512-04 MORNSUN-LO10-26DX512-04 Datasheet
502Kb / 5P
   AC-DC converter for electric meters
More results

Similar Description - LO10-24B12K

ManufacturerPart #DatasheetDescription
logo
ETA-USA
AOPS600 ETA-USA-AOPS600 Datasheet
5Mb / 6P
   600W Power Supply Wide Input voltage range
AOPS600-2U ETA-USA-AOPS600-2U Datasheet
1Mb / 6P
   600W Power Supply Wide Input voltage range
logo
MORNSUN Science& Techno...
URB1D05YMD-6WR3 MORNSUN-URB1D05YMD-6WR3 Datasheet
2Mb / 7P
   Ultra wide input voltage range
PV15-29B05 MORNSUN-PV15-29B05 Datasheet
1Mb / 6P
   Ultra wide input voltage range
PV45-29D1515-15 MORNSUN-PV45-29D1515-15 Datasheet
951Kb / 4P
   Ultra wide input voltage range
URB1D03LMD-15WR3 MORNSUN-URB1D03LMD-15WR3 Datasheet
3Mb / 9P
   Ultra wide input voltage range
logo
Bel Fuse Inc.
RCM60 BEL-RCM60 Datasheet
2Mb / 16P
   Ultra-wide input voltage range
logo
MORNSUN Science& Techno...
PV15-29B05L MORNSUN-PV15-29B05L Datasheet
1Mb / 4P
   Ultra wide input voltage range
PV40-29B12 MORNSUN-PV40-29B12 Datasheet
1Mb / 6P
   Ultra wide input voltage range
logo
Rohm
BD28620MUV ROHM-BD28620MUV Datasheet
1Mb / 49P
   Wide power supply voltage range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com