Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH60-20B15 Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH60-20B15
Description  60W,AC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH60-20B15 Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH60-20B15 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH60-20B15 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH60-20B15 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH60-20B15 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH60-20B15 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LH60-20BXX series
2013.08.28-A/2
Page 3 of 5
PARALLEL LINES MEASURE
AC/DC
+Vo
-Vo
F U SE
A C ( L)
A C ( N)
2 5 . 4 mm
25 . 4 mm
C1
C2
12 . 7 mm
C o pp e r s h e et
C o nn e ct
O s ci llog ra p h P robe
Load
A C ( L)
A C ( N)
Note: C1: 1
µF (Ceramic capacitor) C2: 10µF (Electrolytic capacitor)
PRODUCT TYPICAL CURVE
- 30
- 40
0
50 5 5 70
100
60
Am b ien t Te m .()
25
62 .5
24 V,48 V O u tput
5 V,9 V O u tput
45
12 V,15 V O u tput
50
Te mpe ra tu re De ra tin g G raph
~
2 64VAC
Inpu t v oltage:
110
~
3 70VDC
130
Note: W hen input 90~110VAC/77~130VDC, it need to be voltage derated on
basis of temperature derating.
40
1 00
60
80
110
264
I n p u t V o lt ag e
VAC
()
90
A m b ie n t te m pe r a t u re:25℃
I npu t V o lta g e De r a t in g G ra ph
40
100
60
80
130
370
110
In p u t Vo lta g e
V DC
()
In p u t Vo lta g e De r a tin g G ra ph
()
L H6 0 - 2 0 BXX S e r ies
A mb ie n t te mp e r a tu r e:25℃
40
1 00
60
80
1 30
370
110
77
In pu t V o lt ag e
V DC
()
I npu t V o lt a g e De ra tin g G r aph
()
LH60 - 20 BXX- D T S e ries
A m b ie n t te m pe r a t u re:25℃
Efficiency VS Input Voltage curve
(Full Load)
65
70
75
80
85
90
95
100
90
100
115
150
180
200
230
264
Input Voltage(VAC)
5V Output
12V Output
24V Output
Efficiency VS Output Load curve
(Vin=230VAC)
65
70
75
80
85
90
95
100
10
20
30
40
50
60
70
80
90
100
Output Power Percent(%)
5V Output
12V Output
24V Output
TRIM APPLICATION & TRIM CALCULATION
Application circuit for TRIM
(Part in broken line is the interior of models)
0V
R2
R1
R3
Vref
RT
Trim
+Vot
0V
R2
R1
R3
Vref
RT
Tr im
+Vot
Trim up
Trim down
Formula for resistance of Trim
:
up:
a=
Vref
Vot-Vref
R1
R=
T
aR2
R -a
2
-R3
down:
a=
Vref
Vot-Vref
R2
R=
T
aR1
R -a
1
-R3
Note: Value for R1, R2, R3, and Vref refer to the following table.
RT: Resistance of Trim
a: User-defined parameter, no actual meanings.
Vo(V)
Resistance
5
9
12
15
24
48
R1(K
Ω)
3.3
4.7
3.83
7.5
8.66
33
R2(K
Ω)
3.3
1.8
1
1.5
1
1.8
R3(K
Ω)
1
1
1
1
1
1
Vref(V)
2.5
2.5
2.5
2.5
2.5
2.5
Vot(V)
Output voltage of Trim, variation
≤ ±10%


Similar Part No. - LH60-20B15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B15 MORNSUN-LH60-20B15 Datasheet
419Kb / 7P
   60W, AC/DC converter
More results

Similar Description - LH60-20B15

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH60-20B05 MORNSUN-LH60-20B05_15 Datasheet
419Kb / 7P
   60W, AC/DC converter
LHE60-20B05 MORNSUN-LHE60-20B05 Datasheet
1Mb / 6P
   60W, AC-DC converter
logo
List of Unclassifed Man...
HDD60 ETC1-HDD60 Datasheet
191Kb / 4P
   DC-DC CONVERTER 50~60W
logo
Delta Electronics, Inc.
S24SP05012 DELTA-S24SP05012 Datasheet
653Kb / 6P
   60W Single Output DC/DC Converter
logo
List of Unclassifed Man...
P60A ETC1-P60A Datasheet
159Kb / 4P
   60W DC-DC Converter P60A-Series
logo
Delta Electronics, Inc.
S24SP12005PDFA DELTA-S24SP12005PDFA Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
logo
Mean Well Enterprises C...
RSD-60 MEANWELL-RSD-60 Datasheet
958Kb / 10P
   60W Reliable Railway DC-DC Converter
logo
Delta Electronics, Inc.
S24SP12005 DELTA-S24SP12005 Datasheet
619Kb / 5P
   60W Single Output DC/DC Converter
S24SP24003 DELTA-S24SP24003 Datasheet
632Kb / 5P
   60W Single Output DC/DC Converter
S24SP15004 DELTA-S24SP15004 Datasheet
643Kb / 5P
   60W Single Output DC/DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com