Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH20-13B05 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # LH20-13B05
Description  AC-DC CONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH20-13B05 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LH20-13B05 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH20-13B05 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH20-13B05 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH20-13B05 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH20-13B05 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LH20-13B05 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC/DC Converter
LH(05-25)-13Bxx Series
2014.06.10-A/0
Page 4 of 6
MORNSUN Guangzhou Science & Technology Co., Ltd. reserves the copyright and right of final interpretation
LH05-13B24
LH25-13B24
LH15-13B24
70
75
80
85
90
95
100
85
230
277
305
Input Voltage(VAC)
Efficiency Vs Input Voltage(Full Load)
LH05-13B24
LH25-13B24
LH15-13B24
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
Output Power Percentage(%)
Efficiency Vs Output Load(Vin=230VAC)
Design Reference
1. Typical application circuit
AC(L)
+Vo
-Vo
AC(L)
AC(N)
AC(N)
C1 C2
TVS1
LOAD
FUSE
AC/DC
MOV1
Fig. 1: Typical application circuit
Model
C1(uF)
C2(uF)
TVS1
Model
C1(uF)
C2(uF)
TVS1
LH05-13B03
1
330
SMBJ7.0A
LH15-13B15
1
220
SMBJ20A
LH05-13B05
1
330
SMBJ7.0A
LH15-13B24
1
68
SMBJ30A
LH05-13B09
1
120
SMBJ12A
LH15-13B48
1
33
SMBJ64A
LH05-13B12
1
120
SMBJ20A
LH20-13B03
1
330
SMBJ7.0A
LH05-13B15
1
68
SMBJ20A
LH20-13B05
1
330
SMBJ7.0A
LH05-13B24
1
68
SMBJ30A
LH20-13B09
1
220
SMBJ12A
LH10-13B03
1
470
SMBJ7.0A
LH20-13B12
1
220
SMBJ20A
LH10-13B05
1
330
SMBJ7.0A
LH20-13B15
1
220
SMBJ20A
LH10-13B09
1
120
SMBJ12A
LH20-13B24
1
220
SMBJ30A
LH10-13B12
1
120
SMBJ20A
LH25-13B03
1
330
SMBJ7.0A
LH10-13B15
1
120
SMBJ20A
LH25-13B05
1
330
SMBJ7.0A
LH10-13B24
1
68
SMBJ30A
LH25-13B09
1
330
SMBJ12A
LH15-13B03
1
680
SMBJ7.0A
LH25-13B12
1
330
SMBJ20A
LH15-13B05
1
680
SMBJ7.0A
LH25-13B15
1
330
SMBJ20A
LH15-13B09
1
470
SMBJ12A
LH25-13B24
1
120
SMBJ30A
LH15-13B12
1
220
SMBJ20A
LH25-13B48
1
68
SMBJ64A
Note:
Output filtering capacitor C2 is electrolytic capacitor, it is recommended to apply electrolytic capacitor with high frequency and low resistance. For
capacitance and current of capacitor please refer to manufacture’s datasheet. Capacitance withstand voltage derating should be 80% or above. C1 is
ceramic capacitor, which is used to filter high-frequency noise. TVS is a recommended component to protect post-circuits if converter fails.
2. EMC solution-recommended circuit
AC/DC
AC(N)
AC(L)
LCM
MOV1 CX
CY1
CY2
FUSE
AC(N)
AC(L)
+Vo
-Vo
+
LDM
C1
C2
TVS1
RL
Can use MORNSUN s FC-LX1D
'
Fig 2: EMC Recommended circuit with higher requirements


Similar Part No. - LH20-13B05

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH20-13B05 MORNSUN-LH20-13B05 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
More results

Similar Description - LH20-13B05

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AME15-MJZ AIMTEC-AME15-MJZ Datasheet
505Kb / 3P
   AC-DC / DC-DC Converter
AME20-VZ AIMTEC-AME20-VZ Datasheet
550Kb / 5P
   AC-DC / DC-DC Converter
logo
Rohm
BP5034D5 ROHM-BP5034D5 Datasheet
37Kb / 3P
   AC/DC converter
BP5037B12 ROHM-BP5037B12 Datasheet
37Kb / 2P
   AC/DC converter
logo
MORNSUN Science& Techno...
LN01-12B05 MORNSUN-LN01-12B05_15 Datasheet
221Kb / 5P
   AC/DC converter
logo
CUI INC
FSC-S30 CUI-FSC-S30_10 Datasheet
369Kb / 3P
   ac-dc converter
logo
Rohm
BP5075-5 ROHM-BP5075-5 Datasheet
485Kb / 3P
   AC/DC converter
logo
CUI INC
FSK-S10 CUI-FSK-S10 Datasheet
90Kb / 3P
   AC-DC converter
VSK-S3-XXU CUI-VSK-S3-XXU Datasheet
419Kb / 4P
   ac-dc converter
logo
PAIRUI GROUP INC.
ALR-25 PAIRUI-ALR-25 Datasheet
498Kb / 4P
   AC-DC Converter
ALR-40 PAIRUI-ALR-40 Datasheet
495Kb / 4P
   AC-DC Converter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com