Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH15-10D0524-02E Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # LH15-10D0524-02E
Description  25W, AC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH15-10D0524-02E Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  LH15-10D0524-02E Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH15-10D0524-02E Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH15-10D0524-02E Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH15-10D0524-02E Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH15-10D0524-02E Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LH*E
A/3-2012
Page 1 of 5
POWER SYSTEMS SPECIAL POWER SUPPLY
LH(E) SERIES
5-25W, AC-DC CONVERTER
LH(E) series ----is a compact size power converter offered by Mornsun for
PCB mount installation applications. It features universal input voltage, taking
both DC and AC input voltage, low power consumption, high efficiency, high
reliability, safer isolation. It offers good EMC performance, meets IEC61000
standards, inrush current meets level 4 standards, and widely used in power
systems applications.
RoHS
PRODUCT FEATURES
1. Universal Input :85 ~ 264VAC,50/60Hz
2. Regulated output, low ripple and noise
3. Low power consumption, high efficiency
4. output short circuit protection, over-current protection and thermal protection
5. UL94V-0; plastic case, meets
6. CLASSⅡ,safety grade
7. EMC , meets IEC61000
8. Three years warranty
MODEL SELECTION
LH05-10B24E
Pro du ct Se ries
Iso la ti o n Vol tage
Ou tp ut Vo ltage
Pa ckag e Style
R ated Power
O u tp ut Style
In put Vo l ta ge
Spe cia l for p ow er systems
PRODUCT PROGRAM
Model
Package
Power
Output (Vo1/Io1)
Output (Vo2/Io2)
Ripple and Noise
(Typ.)
Efficiency
(%)(Typ.)
LH05-10B09E
9V/550mA
76
LH05-10B24E
24V/230mA
79
LH05-10D0524-01E
48.5X36X20.5mm
5W
5V/600mA
24V/100mA
75
LH10-10B12E
12V/900mA
79
LH10-10B15E
15V/700mA
80
LH10-10D0505-02E
5V/1800mA
5V/200mA
75
LH10-10D0524-02E
55X45X21.0mm
10W
5V/1000mA
24V/200mA
79
LH15-10B12E
12V/1250mA
80
LH15-10D0524-02E
62x45x22.5mm
15W
5V/2000mA
24/200mA
80
LH25-10B12E
12V/2100mA
81
LH25-10B24E
70x48x23.5mm
25W
24V/1100mA
50mV
83
Note :
1. Ripple and Noise were measured by the method of parallel lines;
2. Unless otherwise specified, all specifications above are measured at rated input voltage and rated output load, Ta=25oC, humidity < 75%;
3. All specifications stated in this datasheet are subject to the above listed models only. For specifications of non-standard models, please contact our technical support
team.
INPUT SPECIFICATIONS
Input voltage range
85 ~ 264VAC,
120 ~ 370VDC
Input frequency
47 ~ 63Hz
Input current
LH05 models
LH10 models
LH15 models
LH25 models
110VAC
120mA , typ.
230mA , typ.
250mA , typ.
420mA , typ.
230VAC
70mA , typ.
120mA , typ.
140mA , typ.
230mA , typ.
Inrush current
LH05 models
LH10 models
LH15 models
LH25 models
110VAC
10A, typ.
10A, typ.
10A, typ.
16A, typ.
230VAC
20A, typ.
20A, typ.
20A, typ.
30A, typ.
Leakage current
0.3mA
RMS typ. 230VAC/50Hz
External input
fuse(recommended)
LH05 models
LH10/LH15 models
LH25 models
1A/250V
slow blow
2A/250V
slow blow
3.15A/250V
slow blow


Similar Part No. - LH15-10D0524-02E

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH15-10D0524-02ER2 MORNSUN-LH15-10D0524-02ER2 Datasheet
597Kb / 6P
   LH(ER2) series ----- is the improved version of Mornsun?셲 dedicated power converter for power systems.
More results

Similar Description - LH15-10D0524-02E

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
LH05-10B03 MORNSUN-LH05-10B03 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30_11 Datasheet
202Kb / 1P
   25W DC-DC Triple Output Converter
TKA30 MEANWELL-TKA30 Datasheet
200Kb / 1P
   25W DC-DC Triple Output Converter
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com