Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH10-10B15E Datasheet(PDF) 3 Page - MORNSUN Science& Technology Ltd.

Part # LH10-10B15E
Description  25W, AC-DC CONVERTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LH10-10B15E Datasheet(HTML) 3 Page - MORNSUN Science& Technology Ltd.

  LH10-10B15E Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LH10-10B15E Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LH10-10B15E Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LH10-10B15E Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LH10-10B15E Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
LH*E
A/3-2012
Page 3 of 5
TYPICAL APPLICATIONS
LH**-10B**E( Single Output) (figure 1)
L
+Vo
-Vo
L
N
N
C1 C2
Fuse
T VS 1 RL
NTC
LH**-10D**E(Isolate Twin Output) (figure 2)
+
-
C4
C3
-
Vo1
Vo2
TVS2 RL
F use
N
NTC
+
C2
C1
TVS1 RL
L
N
L
LH**-10***E series if higher requirement to EMC application circuit (external circuit output as above typical applications)(figure 3):
NF
C7
C5
C6
MOV
OUTPUT
NTC
L
N
L
N
+
-
Vo
Fuse
EXTERNAL CAPACITORS TYPICAL VALUE(Unit:
µF)
MODEL
C1
C3
TVS1
TVS2
MODEL
C1
C3
TVS1
TVS2
LH05-10B09E
120
P6KE12A
LH10-10B12E
120
P6KE20A
LH05-10B24E
68
P6KE30A
LH10-10B15E
120
P6KE20A
LH05-10D0524-01
E
120
22
P6KE6.8A
P6KE30A
LH10-10D0505-02E
220
68
P6KE6.8A
P6KE6.8A
LH15-10B12E
220
P6KE20A
LH10-10D0524-02E
220
47
P6KE6.8A
P6KE30A
LH25-10B12E
330
P6KE20A
LH15-10D0524-02E
470
47
P6KE6.8A
P6KE30A
LH25-10B24E
120
P6KE30A
Note:
1. Output filtering capacitors C1, C3 are electrolytic capacitors, It is recommended to use high frequency and low impedance electrolytic capacitors. For capacitance and
current of capacitor please refer to manufacture
’s datasheet. Voltage derating of capacitor should be 80% or above. C2,C4 are use to filter high frequency noise,
suggest choose 0.1
µF. TVS is recommended component to protect post-circuits (if converter fails).
2. External input NTC is recommended to use 5D-9 ( Only LH10 models and LH15 models)
3. Module recommended external varistor,model:S10K550。
4. If common requirement to EMC performance, refer to figure 1& figure 2, if higher requirement to EMC performance, refer to figure 3.
C5:X capacitor, recommended parameter 0.1
µF /275V;
C6,C7:Y capacitor, recommended parameter 2200pF/400V;
NF: common model choke, recommended inductance is about 10mH-30mH.
TYPICAL EFFICIENCY CURVE
Load VS Efficiency curve(Vin=220Vac)
0
10
20
30
40
50
60
70
80
90
10
20
30
40
50
60
70
80
90
100
Load(%)
LH05-10D0524-01E
LH10-10D0505-02E
LH10-10D0524-02E
LH15-10D0524-02E
LH05-10B09E
LH05-10B24E
LH10-10B12E
LH10-10B15E
LH15-10B12E
LH25-10B12E
LH25-10B24E
Input voltage VS Efficiency curve(Load=100%)
50
55
60
65
70
75
80
85
90
85
120
240
264
Input voltage(V)
LH05-10D0524-01E
LH10-10D0505-02E
LH10-10D0524-02E
LH15-10D0524-02E
LH05-10B24E
LH10-10B12E
LH10-10B12E
LH10-10B15E
LH15-10B12E
LH25-10B12E
LH25-10B24E


Similar Part No. - LH10-10B15E

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LH10-10B15 MORNSUN-LH10-10B15 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH10-10B15 MORNSUN-LH10-10B15 Datasheet
811Kb / 8P
   LH series ----is a compact size power converter offered by Mornsun.
LH10-10B15 MORNSUN-LH10-10B15 Datasheet
1Mb / 7P
   10W, AC-DC converter
More results

Similar Description - LH10-10B15E

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
LH05-10B03 MORNSUN-LH05-10B03 Datasheet
216Kb / 11P
   5-25W, AC-DC CONVERTER
LH05-13B03 MORNSUN-LH05-13B03_15 Datasheet
345Kb / 6P
   5-25W, AC/DC converter
logo
List of Unclassifed Man...
KDD25-12S01 ETC2-KDD25-12S01 Datasheet
141Kb / 3P
   DC-DC CONVERTER 21.5 ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30_11 Datasheet
202Kb / 1P
   25W DC-DC Triple Output Converter
TKA30 MEANWELL-TKA30 Datasheet
200Kb / 1P
   25W DC-DC Triple Output Converter
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com